Part Number Hot Search : 
BB731 36825 SPD5806 107K025 L6450 TA8205AH 00201 PS2581L2
Product Description
Full Text Search
 

To Download STK003SF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STK003SF
N-channel Trench MOSFET
Portable Equipment Application. Notebook Application. Features
* Low VGS(th) : VGS(th)=0.6~1.2V * Small footprint due to small package * Low RDS (ON) : RDS (ON)= 27m (Typ.)
Ordering Information
Type NO. STK003SF Marking K03 Package Code SOT-23F
Outline Dimensions
unit : mm
2.30~2.50 1.50~1.70
1
2.80~3.00 1.90 Typ.
3 Block Diagram 2
0.45 Max.
D
0.10 Max.
0.20 Max.
0.80~1.00
G
S
PIN 1. 2. 3. Connections Gate Source Drain
KSD-T5C043-000
1
STK003SF
Absolute maximum ratings
Characteristic
Drain-source voltage Gate-source voltage Drain current (DC) ** Drain current (Pulsed)
* **
(Ta=25C)
Symbol
VDSS VGSS ID IDP PD IAS EAS IAR EAR TJ Tstg
Rating
30 12 3.6 14.4 0.35 3.6 14 4.3 1.3 150 -55~150
Unit
V V A A W A mJ A mJ C
Total Power dissipation
Avalanche current (Single) Single pulsed avalanche energy Avalanche current (Repetitive) Repetitive avalanche energy Junction temperature Storage temperature range
* Limited by maximum junction temperature ** Device mounted on a glass-epoxy board
Characteristic
Thermal resistance Junction-ambient
Symbol
Rth(J-a) **
Typ.
-
Max
357
Unit
/W
KSD-T5C043-000
2
STK003SF
N-CH Electrical Characteristics
Characteristic
Drain-source breakdown voltage Gate threshold voltage Drain-source cut-off current Gate leakage current Drain-source on-resistance Forward transfer conductance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge
(Ta=25C)
Symbol
BVDSS VGS(th) IDSS IGSS RDS(ON) gfs Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd
Test Condition
ID=250A, VGS=0 ID=250A, VDS=VGS VDS=20V, VGS=0V VDS=0V, VGS=12V VGS=4.5V, ID=1.8A VGS=2.5V, ID=1.8A VDS=5V, ID=3.6A VGS=0V, VDS=10V, f=1MHz
Min.
30 0.6 -
Typ.
27 39 11.8 373 68 45 3.6 5.1 24 5.1 8.8 0.9 1.8
Max.
1.2 1 10 40 78 13 1.4 2.7
Unit
V V A A m m S pF
VDD=10V, ID=3.6A RG=10
-
ns
VDD=10V, VGS=4.5V ID=3.6A
-
nC
Source-Drain Diode Ratings and Characteristics
Characteristic
Source current Source current (Plused) Forward voltage Reverse recovery time Reverse recovery charge
(Ta=25C)
Symbol
IS ISM VSD trr Qrr
Test Condition
Integral reverse diode in the MOSFET VGS=0V, IS=3.6A Is=3.6A, VGS=0V dIS/dt=100A/us
Min
-
Typ
0.7 26 120
Max
0.5 2.0 1.2 -
Unit
A V ns uC
Note ; Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature L=1.0mH, IAS=3.6A, VDD=15V, RG=25 Pulse Test : Pulse Width 300us, Duty cycle 2% Essentially independent of operating temperature
KSD-T5C043-000
3
STK003SF
N-CH Electrical Characteristic Curves
Fig. 1 ID - VDS
Fig. 2 ID - VGS
-
m
Fig. 3 RDS(on) - ID
Fig. 4 IS - VSD
Fig. 5 Capacitance - VDS
Fig. 6 VGS - QG
KSD-T5C043-000
4
STK003SF
Fig. 7 VDSS - TJ Fig. 8 RDS(on) - TJ
C
C
Fig. 9 ID - Ta
Fig. 10 Safe Operating Area
*
t
KSD-T5C043-000
5
STK003SF
Fig. 11 Gate Charge Test Circuit & Waveform
Fig. 12 Resistive Switching Test Circuit & Waveform
Fig. 13 EAS Test Circuit & Waveform
KSD-T5C043-000
6
STK003SF
Fig. 14 Diode Reverse Recovery Time Test Circuit & Waveform
KSD-T5C043-000
7
STK003SF
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice.
KSD-T5C043-000
8


▲Up To Search▲   

 
Price & Availability of STK003SF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X