Part Number Hot Search : 
D1202 FS20KM ILX751A PEF4065 HER10 5KP48 03C24 TW8811
Product Description
Full Text Search
 

To Download SRS10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRS1020 - SRS10150
10.0 AMPS. Surface Mount Schottky Barrier Rectifiers D2PAK
Features
For surface mounted application Ideal for automated pick & place Low power loss, high efficiency High current capability, low VF High reliability Epitaxial construction Guard-ring for transient protection
Mechanical Data
Cases: D PAK molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Pure tin plated, Leads solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: o 260 C/10 seconds at terminals Weight: 1.70grams
o
2
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SRS SRS SRS SRS Type Number
1020 1030 1040
1050
SRS 1060
SRS 1090
SRS SRS 10100 10150
Units
V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method )
Maximum Instantaneous Forward Voltage
VRRM VRMS VDC I(AV) IFSM VF IR Cj RJC TJ TSTG
20 14 20
30 21 30
40 28 40
50 35 50 10
60 42 60
90 63 90
100 70 100
150 105 150
120 0.55 0.5 15 10 400 2.0 -65 to +125 -65 to +150 0.70 0.90 0.1 5.0 1.00
@5A
Maximum D.C. Reverse Current @ Tc=25 C o at Rated DC Blocking Voltage @ Tc=100 C
o
V mA mA pF o C/W o C o C
Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 1) Operating Junction Temperature Range
Storage Temperature Range -65 to +150 Notes: 1. Thermal Resistance from Junction to Case Per Leg 2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
- 58 -
Version: C07
RATINGS AND CHARACTERISTIC CURVES (SRS1020 THRU SRS10150)
FIG.1- FORWARD CURRENT DERATING CURVE
12.5 PEAK FORWARD SURGE CURRENT. (A) AVERAGE FORWARD CURRENT. (A) 300 250
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
10
5 S10 SR
200
7.5
2 S10 SR 0-1
0-1 015 0
150
5
040
100
2.5
50 0
0 0 50 100 o CASE TEMPERATURE. ( C) 150
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
50
FIG.3- TYPICAL FORWARD CHARACTERISTICS PER LEG
10
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
Tj=100 0C
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. (mA)
10
S1 0 02 -1
04
0
1.0
SR
SR
0 S1
50
-1
0
60 0 09 -1 01 00
Tj=25 0C .10
SR
S1
SR
1.0
S1
01
50
.01
0.1 .2 .3 .4 .5 .6 .7 .8 .9 1.0 1.1 INSTANTANEOUS FORW ARD VOLTAGE. (V)
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLT AGE. (%)
FIG.5- TYPICAL JUNCTION CAPACIT ANCE PER LEG
4000 Tj=25 C f=1.0MHz Vsig=50mVp-p
0
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
TRANSIENT THERMAL IMPEDANCE. ( OC/W) 100
JUNCTION CAPACITANCE.(pF)
2000
10
1000 800 600 400
1
200
100 .1 .4 1.0 4 10 40 80 100 REVERSE VOLTAGE. (V)
0.1 0.01 0.1 1 T, PULSE DURATION. (sec) 10 100
Version: C07


▲Up To Search▲   

 
Price & Availability of SRS10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X