Part Number Hot Search : 
BMA220 RF240 AZ10E111 05208GOA TA0820A BFG403W MM1Z43 0912X
Product Description
Full Text Search
 

To Download SR810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR802 - SR815
8.0 AMPS. Schottky Barrier Rectifiers DO-201AD
Features
Low power loss, high efficiency. High current capability, Low VF. High reliability High surge current capability. Epitaxial construction. Guard-ring for transient protection. For use in low voltage, high frequency inventor, free wheeling, and polarity protection application
Mechanical Data
Cases: DO-201AD molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated, lead free., solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode High temperature soldering guaranteed: o 260 C/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 1.1 grams
Dimensions in inches and (millimeters)
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SR SR SR SR SR SR SR SR Type Number 802 803 804 805 806 809 810 815 Maximum Recurrent Peak Reverse Voltage 20 30 40 50 60 90 100 150 VRRM Maximum RMS Voltage 14 21 28 35 42 63 70 105 VRMS Maximum DC Blocking Voltage 20 30 40 50 60 90 100 150 VDC
Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method )
Maximum Instantaneous Forward Voltage @8.0A Maximum D.C. Reverse Current at Rated DC Blocking Voltage @ TA=25 C @ TA=125 C
o o
Maximum Ratings and Electrical Characteristics o
Units
V V V A A
I(AV) IFSM VF IR Cj 0.55 0.5 15 500
8.0 150 0.70 10 270 40 0.92 1.02 0.1 5.0 165
V mA mA
o
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance (Note 1) RJA Operating Junction Temperature Range TJ -65 to +125 -65 to +150 Storage Temperature Range TSTG -65 to +150 Notes: 1. Mount on Cu-Pad Size 16mm x 16mm on P.C.B. 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
pF C/W o C o C
- 96 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (SR802 THRU SR815)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
175
10
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
8
150
5-S 80 SR
125
6
SR 80 2-S
15 R8
100
4
R8 04
75
2
50
0
0
50 100 o LEAD TEMPERATURE. ( C)
150
25
1
2
5 10 20 NUMBER OF CYCLES AT 60Hz
50
100
FIG.3- TYPICAL FORWARD CHARACTERISTICS
50
10
FIG.4- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT. (A)
10
8 SR
02
-8
SR
80
8 5-
06
INSTANTANEOUS REVERSE CURRENT. (mA)
04
Tj=12
1.0
0 5C
1.0
SR
81
SR
80
8 9-
10
5
Tj=75 0C
Tj=25oC Pulse Width=300 s 1% Duty Cycle 0.1 0.1 0.2 0.3 0.4 0.5 0.6 0.7 FORWARD VOLTAGE. (V) 0.8 0.9 1
.10
.01
Tj=25 0C
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
4000
JUNCTION CAPACITANCE.(pF)
2000 Tj=25 0C 1000 800 600 400
.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
SR
802
-SR
804
-SR
806
200
SR
809
-SR
815
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
SR
100
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS
805
10
100 .1 .4 1.0 4 10 REVERSE VOLTAGE. (V) 40 80100
1
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
Version: B07


▲Up To Search▲   

 
Price & Availability of SR810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X