Part Number Hot Search : 
MC74ACT AD7523TD ADM483E YB1314 HMC121 X1205 MPC5634M 0924DH
Product Description
Full Text Search
 

To Download SR300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR 300 SR 1500
FAST RECOVERY,100ns. HIGH VOLTAGE 25ma,MINIATURE SILICON RECTIFIERS
SMALL SIZED MOLDED PACKAGE PRV 3,000 TO 15,000 VOLTS AVALANCHE CHARACTERISTICS LOW LEAKAGE
EDI Type SR300 SR500 SR800 SR1000 SR1200 SR1500
PRV Volts 3,000 5,000 8,000 10,000 12,000 15,000
COLOR CODE DOT Orange Green Gray Red Blank White
ELECTRICAL CHARACTERISTICS(at TA=25 o C Unless Otherwise
Average Rectified Forward Current @ 50 C, IO Max. Peak Surge Current, I FSM (8.3ms)
o
Specified)
25 mA 3 Amp
Max. Reverse Recovery ,(Fig.4), t rr
Max. Forward Voltage Drop @ 25 m A, V F Max. DC Reverse Current @ PRV and 25 C, IR Max. DC Reverse Current @ PRV and 100 C, I R Ambient Operating Temperature Range, T A Storage T emperature Range, TSTG
o o
100nanosec
26Volts 1 15
o
A A
o
-55 C to +150 C -55 C to +150 C
o o
NOTES: 1.It is recommended that a proper heat sink be used on the terminals of this device between the body and soldering point to prevent damage from excess heat.
2.If operated over 10,000v/inch in length, devices should be immersed in oil or re - encapsulated.
EDI reserves the right to change these specifications at any time without notice.
SR 300
FIG.1
OUTPUT CURRENT vs AMBIENT TEMPERATURE
100 100
SR 1500
1.0SEC
FIG.2
NON- REPETITIVE SURGE CURRENT
0.1SEC
% RATED FWD CURRENT
75
% MAXIMUM SURGE
75
50
50
25
25
0 0 25 50 75 100
O
0 125 150 1 2 3 4 5 6 7 8 9 10 20 30 40 50 60
AMBIENT TEMPERATURE ( C)
CYCLES(60 Hz)
FIG.3
MECHANICAL
A
DIMENSIONS
INCHES Min. Max. .125 .420 .016 MILLMETERS Min. 2.41 9.65 7.60 0.27 Max. 3.17 10.66 0.40
Polarity - cathode dot. See color chart Leads - solid silver
D DIA. A C MIN. B
A B C D
.095 .380 .300 .011
FIG.4 REVERSE RECOVERY TEST METHOD
RECOVERY WAVE FORM
Trr
RECOVERY WA VE FORM
1000 NI D.U.T. 0.1 PULSE GENERATOR 50 NI SCOPE
+
I F=2MA I RR=1MA I R=5MA
WAVE FORMS CIRCUIT
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
21 GRAY OAKS AVENUE * YONKERS. NEW YORK 10710 914-965-4400 * FAX 914-965-5531 * 1-800-678-0828
Ee-mail:sales@edidiodes.com * Wwebsite: http://www.edidiodes.com


▲Up To Search▲   

 
Price & Availability of SR300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X