Part Number Hot Search : 
D74ALVC SE5532A AD9702BW 76056 10000 FFCRF1S0 0RIA1 DAC08E
Product Description
Full Text Search
 

To Download SR2040PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR2020PT - SR20150PT
20.0 AMPS. Schottky Barrier Rectifiers TO-3P/TO-247AD
Features
Dual rectifier construction, positive center-tap Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low VF High surge capability Epitaxial construction For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for transient protection High temperature soldering guaranteed: 260oC/10seconds,0.17"(4.3mm)lead lengths at 5 lbs., (2.3kg) tension
Mechanical Data
Cases: JEDEC TO-3P/TO-247AD molded plastic Terminals: Pure tin plated, lead free. solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Weight: 0.2 ounce, 5.6 grams
Dimensions in inches and (millimeters)
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SR SR SR SR SR SR SR Type Number 2020 2030 2040 2050 2060 2090 2100 PT PT PT PT PT PT PT Maximum Recurrent Peak Reverse Voltage VRRM 20 30 40 50 60 90 100 Maximum RMS Voltage VRMS 14 21 28 35 42 63 70 Maximum DC Blocking Voltage VDC 20 30 40 50 60 90 100 Maximum Average Forward Rectified I(AV) 20 Current at Tc=105 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated IFSM 200 Load (JEDEC method )
Maximum Instantaneous Forward Voltage @10.0A (Note 3) Maximum D.C. Reverse Current at Rated DC Blocking Voltage @ Tc=25 C o @ Tc=100 C
o
Maximum Ratings and Electrical Characteristics
SR 2150 PT
Units
V V V A A
150 105 150
VF IR Cj RJC TJ TSTG
0.55 15 600 0.5
0.70 10 400 1.5
0.92 0.1 5.0 350 -65 to +150
1.02
V mA mA pF o C/W o C o C
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance Per Leg (Note 1)
Operating Junction Temperature Range
-65 to +125
Storage Temperature Range -65 to +150 Notes: 1. Thermal Resistance from Junction to Case Per Leg, with Heatsink size of 4" x 6" x 0.25" Al-Plate. 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C. 3. 300 us Pulse Width, 2% Duty Cycle
- 152 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (SR2020PT THRU SR20150PT)
FIG.1- FORWARD CURRENT DERATING CURVE
20.0 300
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
PEAK FORWARD SURGE CURRENT. (A)
8.3ms Single Half Sine Wave PER LEG. (JEDEC Method) Tj=Tj max.
SR2
SR20
AVERAGE FORWARD CURRENT. (A)
050P
16.0
250
-2040 20PT
1 T-20 50PT
200 150
12.0
PT
8.0
100
4.0
50
0 0 50 100
o
150
1
2
CASE TEMPERATURE. ( C)
5 10 20 NUMBER OF CYCLES AT 60Hz
50
100
FIG.3- TYPICAL FORWARD CHARACTERISTICS
100 10
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
0 Tj=100 C
INSTANTANEOUS FORWARD CURRENT. (A)
20
90
PT -2
SR
20
01
50
00
PT
10
SR
2
0 02
-20 PT
40
INSTANTANEOUS REVERSE CURRENT. (mA)
PT
06 0P T
1.0
-2 PT
SR
.10
Tj=
1.0
SR
20
15
0P
25
T
0
C
.01
Tj=25oC Pulse Width=300 s 2% Duty Cycle 0.1 .2 .3 .4 .5 .6 .7 .8 .9 1.0
.001
INSTANTANEOUS FORWARD VOLTAGE. (V)
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
4000
2000
CAPACITANCE.(pF)
SR2020PT-2040PT 1000 800 600 400
Tj=25 0C f=1.0MHz Vsig=50mVp-p SR2050PT-2060PT
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
100
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
10.0
1
200 SR2090PT-20150PT 100 .1
.4
1
4
10
40
100
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
REVERSE VOLTAGE. (V)
Version: BO7


▲Up To Search▲   

 
Price & Availability of SR2040PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X