Part Number Hot Search : 
UPD37 LTC372 S2113 LR111610 G101MEL ESD3V 65110 BAP55LX
Product Description
Full Text Search
 

To Download SI9936BDY07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Si9936BDY
New Product
Vishay Siliconix
Dual N-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
30
rDS(on) (W)
0.035 @ VGS = 10 V 0.052 @ VGS = 4.5 V
ID (A)
6.0 4.9
D1
D2
SO-8
S1 G1 S2 G2 1 2 3 4 Top View S1 Ordering Information: Si9936BDY--E3 Si9936BDY-T1--E3 (with Tape and Reel) N-Channel MOSFET S2 N-Channel MOSFET 8 7 6 5 D1 D1 D2 D2 G1 G2
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
10 secs
30 "20 6.0 4.8 40 1.7 2.0 1.3
Steady State
Unit
V
4.5 3.6 A
0.9 1.1 0.7 -55 to 150 W _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 72521 S-32411--Rev. B, 24-Nov-03 www.vishay.com t v 10 sec Steady State Steady State
Symbol
RthJA RthJF
Typical
53 92 30
Maximum
62.5 110 40
Unit
_C/W C/W
1
Si9936BDY
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 30 V, VGS = 0 V VDS = 30 V, VGS = 0 V, TJ = 55_C VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 6 A VGS = 4.5 V, ID = 4.9 A VDS = 15 V, ID = 6 A IS = 1.7 A, VGS = 0 V 40 0.028 0.041 12 0.8 1.2 0.035 0.052 1.0 3.0 "100 1 5 V nA mA A W S V
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd Rg td(on) tr td(off) tf trr IF = 1.7 A, di/dt = 100 A/ms VDD = 15 V, RL = 15 W ID ^ 1 A, VGEN = 10 V, RG = 6 W f = 1 MHz VDS = 15 V, VGS = 10 V, ID = 6 A 8.6 1.8 1.5 2.8 10 15 25 10 20 15 25 40 15 40 ns W 13 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
40 35 30 I D - Drain Current (A) 25 20 15 10 5 0 0 1 2 3 4 5 VDS - Drain-to-Source Voltage (V) www.vishay.com 3V 4V I D - Drain Current (A) VGS = 10 thru 6 V 5V 40 35 30 25 20 15 10 5 0 0 1
Transfer Characteristics
TC = -55_C 25_C
125_C
2
3
4
5
6
VGS - Gate-to-Source Voltage (V) Document Number: 72521 S-32411--Rev. B, 24-Nov-03
2
Si9936BDY
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.10 r DS(on) - On-Resistance ( W ) 800 700 C - Capacitance (pF) 0.08 600 500 400 300 200 100 0.00 0 5 10 15 20 25 30 35 40 0 0 5 10 15 20 25 30 Crss Coss Ciss
Vishay Siliconix
Capacitance
0.06 VGS = 4.5 V 0.04 VGS = 10 V
0.02
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) VDS = 15 V ID = 6 A 8 1.6
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 6 A 1.4
6
r DS(on) - On-Resistance (W) (Normalized) 4 6 8 10
1.2
4
1.0
2
0.8
0 0 2 Qg - Total Gate Charge (nC)
0.6 -50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
40 0.10
On-Resistance vs. Gate-to-Source Voltage
I S - Source Current (A)
TJ = 150_C 10
r DS(on) - On-Resistance ( W )
0.08
0.06 ID = 6 A 0.04
TJ = 25_C
0.02
1 0.0
0.00 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 2 4 6 8 10 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Document Number: 72521 S-32411--Rev. B, 24-Nov-03
www.vishay.com
3
Si9936BDY
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.4 0.2 V GS(th) Variance (V) ID = 250 mA -0.0 -0.2 -0.4 -0.6 -0.8 -50 10 Power (W) 30 50
Single Pulse Power
40
20
-25
0
25
50
75
100
125
150
0 10-3
10-2
10-1
1
10
100
600
TJ - Temperature (_C)
Time (sec)
100
Safe Operating Area
rDS(on) Limited IDM Limited
10 I D - Drain Current (A)
P(t) = 0.0001
P(t) = 0.001 1 ID(on) Limited TA = 25_C Single Pulse BVDSS Limited 0.01 0.1 1 10 100 VDS - Drain-to-Source Voltage (V) P(t) = 0.01 P(t) = 0.1 0.1 P(t) = 1 P(t) = 10 dc
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 1 Square Wave Pulse Duration (sec) 10-1
Notes: PDM t1
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 92_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
t1 t2
10
100
600
www.vishay.com
4
Document Number: 72521 S-32411--Rev. B, 24-Nov-03
Si9936BDY
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1
Vishay Siliconix
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
Document Number: 72521 S-32411--Rev. B, 24-Nov-03
www.vishay.com
5
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of SI9936BDY07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X