Part Number Hot Search : 
DTQS3 GBC20 AN470 1E104 NJU3718A LE224 TB16A R5F6411
Product Description
Full Text Search
 

To Download SI2312DS05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Si2312DS
Vishay Siliconix
N-Channel 20 -V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
20
FEATURES
ID (A)
4.9 4.4 3.9 11.2
rDS(on) (W)
0.033 @ VGS = 4.5 V 0.040 @ VGS = 2.5 V 0.051 @ VGS = 1.8 V
Qg (Typ)
D 1.8-V Rated D RoHS Compliant
Pb-free Available
TO-236 (SOT-23)
G
1 3 D
S
2
Top View Si2312DS (C2)* *Marking Code Ordering Information: Si2312DS-T1 Si2312DS-T1--E3 (Lead (Pb)-Free)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Currentb Avalanche Currentb Single Avalanche Energy Continuous Source Current (Diode Conduction)a Power Dissipationa Operating Junction and Storage Temperature Range TA= 25_C TA= 70_C L = 0 1 mH 0.1 TA= 25_C TA= 70_C
Symbol
VDS VGS ID IDM IAS EAS IS PD TJ, Tstg
5 sec
20 "8 4.9 3.9 15 15
Steady State
Unit
V
3.77 3.0 A
11.25 1.0 1.25 0.80 -55 to 150 0.75 0.48
mJ A W _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot Notes a. Surface Mounted on 1" x 1" FR4 Board. b. Pulse width limited by maximum junction temperature Document Number: 71338 S-50574--Rev. E, 04-Apr-05 www.vishay.com t v 5 sec Steady State Steady State
Symbol
RthJA RthJF
Typical
75 120 40
Maximum
100 166 50
Unit
_C/W C/W
1
Si2312DS
Vishay Siliconix
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta V(BR)DSS VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD VGS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "8 V VDS = 20 V, VGS = 0 V VDS = 20 V, VGS = 0 V, TJ = 70_C VDS w 10 V, VGS = 4.5 V VGS = 4.5 V, ID = 5.0 A Drain-Source On-Resistancea S O Forward Transconductancea Diode Forward Voltage VGS = 2.5 V, ID = 4.5 A VGS = 1.8 V, ID = 4.0 A VDS = 15 V, ID = 5.0 A IS = 1.0 A, VGS = 0 V 15 0.027 0.033 0.042 40 0.8 1.2 0.033 0.040 0.051 S V W 20 0.45 0.65 0.85 "100 1 75 V nA mA A
Symbol
Test Conditions
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Qg Qgs Qgd VDS = 10 V, VGS = 4.5 V, ID = 5.0 A 11.2 1.4 2.2 14.0 nC
Switching
Turn-On Delay Time Rise Time Turn-Off Delay Time Fall-Time Source-Drain Reverse Recovery Time td(on) tr td(off) tf trr IF = 1.0 A, di/dt = 100 A/ms VDD = 10 V, RL = 10 W ID ^ 1.0 A, VGEN = 4.5 V, Rg = 6 W 15 40 48 31 13 25 60 70 45 25 ns
Notes a. Pulse test: PW v300 ms duty cycle v2%. b. Guaranteed by design, not subject to production testing. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
15 VGS = 4.5 thru 2.0 V 12 I D - Drain Current (A) 1.5 V I D - Drain Current (A) 12 15
Transfer Characteristics
9
9
6
6 TC = 125_C 3 25_C 0 0.0 -55_C 1.0 1.5 2.0
3 0.5 V 0 0 1 2 3 4 VDS - Drain-to-Source Voltage (V) 1.0 V
0.5
VGS - Gate-to-Source Voltage (V) Document Number: 71338 S-50574--Rev. E, 04-Apr-05
www.vishay.com
2
Si2312DS
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.15
On-Resistance vs. Drain Current
1500
Capacitance
r DS(on) - On-Resistance ( W )
0.12 C - Capacitance (pF)
1200 Ciss
0.09
VGS = 1.8 V VGS = 2.5 V
900
0.06
600
0.03
VGS = 4.5 V
300
Coss
Crss
0.00 0 3 6 9 12 15
0 0 4 8 12 16 20
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
8 V GS - Gate-to-Source Voltage (V) VDS = 10 V ID = 5.0 A rDS(on) - On-Resiistance (Normalized) 6 1.4 1.6
On-Resistance vs. Junction Temperature
VGS = 4.5 V ID = 5.0 A
1.2
4
1.0
2
0.8
0 0 4 8 12 16 20 Qg - Total Gate Charge (nC)
0.6 -50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
20 10 r DS(on) - On-Resistance ( W ) 0.20
On-Resistance vs. Gate-to-Source Voltage
ID = 5.0 A 0.15
I S - Source Current (A)
TJ = 150_C 1
0.10
TJ = 25_C 0.1
0.05
0.01 0.0
0.00 0.2 0.4 0.6 0.8 1.0 1.2 0 2 4 6 8 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Document Number: 71338 S-50574--Rev. E, 04-Apr-05
www.vishay.com
3
Si2312DS
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.2 0.1 V GS(th) Variance (V) ID = 250 mA Power (W) -0.0 -0.1 -0.2 -0.3 -0.4 -50 8 6 4 2 TA = 25_C 12 10
Single Pulse Power
0 -25 0 25 50 75 100 125 150 0.01 0.1 1 Time (sec) 10 100 600 TJ - Temperature (_C)
2 1
Normalized Thermal Transient Impedance, Junction-to-Ambient
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Notes: PDM t1
t2 1. Duty Cycle, D =
t1 t2 2. Per Unit Base = RthJA = 166_C/W
Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?71338. www.vishay.com Document Number: 71338 S-50574--Rev. E, 04-Apr-05
4
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SI2312DS05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X