Part Number Hot Search : 
GFG0675F MMBT2369 A2535EL CT2543 F1550 BPC1002 TW11N FN4119
Product Description
Full Text Search
 

To Download SF3001PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF3001PT THRU SF3006PT
30.0 AMPS. Glass Passivated Super Fast Rectifiers
Voltage Range 50 to 400 Volts Current 30.0 Amperes TO-3P/TO-247AD
Features
Dual rectifier construction, positive center-tap Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 Glass passivated chip junctions Superfast recovery time, high voltage Low forward voltage, high current capability Low thermal resistance Low power loss, high efficiency High temperature soldering guaranteed: 260oC / 10 seconds, 0.16"(4.06mm) lead lengths at 5 lbs., (2.3kg) tesion
Mechanical Data
Cases: JEDEC TO-3P/TO-247AD molded plastic Terminals: Leads solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Weight: 0.2 ounce, 5.6 grams
PIN 1 PIN 3 PIN 2 Positive CT
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Tc=100 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method )
Maximum Instantaneous Forward Voltage @15.0A Maximum D.C. Reverse Current at Rated DC Blocking Voltage @ Tc=25 @ Tc=100
Symbol VRRM VRMS VDC I(AV) IFSM VF IR
SF SF SF SF SF SF 3001PT 3002PT 3003PT 3004PT 3005PT 3006PT
Units
V V V A A
50 35 50
100 70 100
150 105 150 30 300
200 140 200
300 210 300
400 280 400
0.95
1.3
10.0 500 Maximum Reverse Recovery Time(Note 2) TJ=25 35 Trr 175.0 Typical Junction Capacitance (Note 1) Cj RJC 2.5 Typical Thermal Resistance (Note 3) TJ -55 to +150 Operating Junction Temperature Range TSTG -55 to +150 Storage Temperature Range Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C. 2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Recover to 0.25A. 3. Mounted on 4" x 6" x 0.25" Al-Plate.
V uA uA nS pF /W
- 294 -
RATINGS AND CHARACTERISTIC CURVES (SF3001PT THRU SF3006PT)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
1000
36 30 24 12 6 0
INSTANTANEOUS REVERSE CURRENT MICRO AMPERES
100
TJ=100 0C
TJ=75 0C
10
0
50
100
o
150
CASE TEMPERATURE. ( C)
PEAK FORWARD SURGE CURRENT. (A)
300 250
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
1
TJ=25 0C
0.1
8.3ms Single Half Sine Wave JEDEC Method Tj=Tj max.
200 150 100 50 0
0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
40
SF3001PT-04PT
1
2
5
10
20
50
100
INSTANTANEOUS FORWARD CURRENT. (A)
20 10
NUMBER OF CYCLES AT 60Hz
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
1000 500
CAPACITANCE.(pF)
4
SF3005PT-06PT
1
125 0C 25 0C
200 100 50 20 10 0.1
Tj=25oC f=1MHz Vsig=50mVp-p
0.4
Pulse Width=300 s 2% Duty Cycle
0.1 1 5 10 50 100 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0.5
FORWARD VOLTAGE. (V)
REVERSE VOLTAGE. (V)
- 295 -


▲Up To Search▲   

 
Price & Availability of SF3001PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X