Part Number Hot Search : 
SMCJ15CA 1N6157US AC120 BZM55C62 A0270164 03597 LTC10 1N6157US
Product Description
Full Text Search
 

To Download SDB2040PI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SDB2040PI
Schottky Rectifier
Applications
* Switching mode power supply * Converter & chopper
Features
* Low forward voltage: VFM=0.55V Max. * Low reverse current: IRRM=2mA Max. * Low switching loss
Ordering Information
Type No. SDB2040PI Marking SDB2040PI Package Code TO-220F-3L
Outline Dimensions
unit : mm
1
2
3
PIN Connections 1. Anode 2. Cathode 3. Anode
KSD-D0O002-000
1
SDB2040PI
Absolute Maximum Ratings
Characteristic
Repetitive peak reverse voltage Average rectified output current Peak surge forward current (Non-repetitive 60Hz sine wave) Junction temperature Storage temperature range
(Ta=25C)
Symbol
VRRM IO IFSM TJ Tstg
Rating
40 20 120 150 -55 ~ 150
Unit
V A A C C
Electrical Characteristics
Characteristic
Peak forward voltage Repetitive peak reverse current Total capacitance Thermal resistance
(Ta=25C)
Symbol
VFM 1) IRRM 1) CT 1) Rth
Test Condition
IFM=5A 2) VRRM=60V 2) VR=10V, f=1.0MHz Junction to ambient Junction to case
Min.
-
Typ.
600 -
Max.
0.55 2 62.5 3.5
Unit
V mA pF C/W
1) Per each unit 2) Pulse test : tP380 , Duty cycle2%
KSD-D0O002-000
2
SDB2040PI
Electrical Characteristic Curves (Per each unit)
Fig. 1 IO - VF Fig. 2 IR - VR
Fig. 3 PF - IO
Fig. 4 CT - VR
p
d
Fig. 5 IFSM - Number of cycle
Fig. 6 IO derating - TC
KSD-D0O002-000
3
SDB2040PI
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice.
KSD-D0O002-000
4


▲Up To Search▲   

 
Price & Availability of SDB2040PI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X