Part Number Hot Search : 
CT373 02100 5518R2F BCM97315 55C56 RB050 PS104RS 473K1
Product Description
Full Text Search
 

To Download SC1202CST-XXTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 600mA Low Dropout Positive Voltage Regulator
POWER MANAGEMENT Description
The SC1202 series of high performance positive voltage regulators are designed for use in applications requiring low dropout performance at full rated current. Additionally, the SC1202 series provides excellent regulation over variations due to line, load and temperature. Outstanding features include low dropout performance at rated current, fast transient response, internal current limiting and thermal shutdown protection of the output device. The SC1202 series are three terminal regulators available in the surface mount SOT-223 package.
SC1202
Features
Low dropout performance, 1.3V max. Full current rating over line and temperature Fast transient response 2% total output regulation over line, load and temperature Adjust pin current max. 90A over temperature Adjustable or fixed output voltages Line regulation 0.2% max. Load regulation 0.4% max. SOT-223 package
Applications
Low voltage microcontrollers Microprocessor I/O supplies 5V to 3.3V conversion for memory, ASIC, custom circuits, etc.
Typical Application Circuits
Fixed Voltage Regulator
U1 VIN > 4.75V 3 IN SC1202-3.3 2 TAB OUT
VOUT = 3.3V
+
C1 10uF Tant.
+ GND 1
C2 10uF Tant.
Adjustable Voltage Regulator
U1 VIN > 4.75V 3 IN TAB SC1202 OUT 2 VOUT = 3.45V
+
C1 10uF Tant.
ADJ 1
R1 133 Ohm, 1%
+
C2 10uF Tant.
R2 232 Ohm, 1%
R2 VOUT = VREF * 1 + + I ADJ * R 2 R1
Notes: (1) C1 needed if device is far from filter capacitors (2) C2 minimum value required for stability
Revision: October 5, 2004
1
www.semtech.com
SC1202
POWER MANAGEMENT Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in the Electrical Characteristics section is not implied.
Parameter Input Voltage Power Dissipation Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Operating Ambient Temperature Range Operating Junction Temperature Range Storage Temperature Range Lead Temperature (Soldering) 10 seconds ESD Rating (Human Body Model)
Symbol VIN PD J C J A TA TJ TSTG TLEAD ESD
Maximum 7 Internally Limited 15 156 0 to 70 0 to 125 -65 to 150 300 2
Units V W C/W C/W C C C C kV
Electrical Characteristics
Unless otherwise specified, Adj. VIN = 2.65 to 7V and Adj. IO = 10mA to 600mA; Fixed VIN = 4.75 to 7V and Fixed IO = 0mA to 600mA
Parameter Output Voltage
(1)
Symbol VO
VIN 5V
Io 0mA
TJ(4) 25C O.T.
Min 3.265 3.230 1.238 1.225
Typ 3.300 3.300 1.250 1.250 0.035 0.2 1.2
Max 3.335 3.369 1.262 1.275 0.2 0.4 1.3
Units V
Fixed Voltage Option Reference Voltage
(1)
VREF
5V
10mA
25C O.T.
V
Adj. Voltage Version Line Regulation (1) Load Regulation (1) Dropout Voltage VOUT, VREF = 1% Current Limit Quiescent Current Fixed Voltage Version Temperature Coefficient Adjust Pin Current Adjust Pin Current Change REG(LINE) REG(LOAD) VD ICL IQ TC IADJ IADJ 5V 5V 10mA
O.T. O.T. O.T. O.T. O.T. O.T. O.T. O.T. 600
% % V mA
10 0.005 55 0.2
13
mA %/C
90 5.0
A A
2004 Semtech Corp.
2
www.semtech.com
SC1202
POWER MANAGEMENT Electrical Characteristics (Cont.)
Unless otherwise specified, Adj. VIN = 2.65 to 7V and Adj. IO = 10mA to 600mA; Fixed VIN = 4.75 to 7V and Fixed IO = 0mA to 600mA
Parameter Temperature Stability Minimum Load Current Adj. Voltage Version RMS Output Noise(2) Ripple Rejection Ratio(3)
Symbol TS IO(MIN) VN RA
VIN
Io
TJ(4) O.T.
Min
Typ 0.5 5 0.003
Max
Units %
5V
O.T 25C
10
mA %VO dB
5V
600mA
O.T.
60
72
NOTES: (1) Low duty cycle pulse testing with Kelvin connections required. (2) Bandwidth of 10 Hz to 10 kHz. (3) 120 Hz input ripple, (CADJ for ADJ = 25F). (4) Over Temp. (O.T.) = over specified operating junction temperature range.
2004 Semtech Corp.
3
www.semtech.com
SC1202
POWER MANAGEMENT Pin Configuration
PIN 1 2 3 FUNCTION ADJ/GND OUT IN
Ordering Information
Device
(1)(2)
VOUT (V) 1.3 to 5.7
P ackag e SOT-223
SC1202CST-X.X.TR SC1202CST3.3TRT(3)
TAB IS OUTPUT
Pin Descriptions
Pin Number 1 Pin Name AD J GND 2 3 OUT IN Pin Function
Notes: (1) Where X.X denotes voltage options. Available voltages are: 3.3V. Leave blank for adjustable version (see VOUT). Contact factory for additional voltage options. (2) Only available in tape and reel packaging. A reel contains 2500 devices. (3) Lead free product. This product is fully WEEE and RoHS compliant.
This pin is the negative side of the reference voltage for the device. Transient response can be improved by adding a small bypass capacitor from the adjust pin to ground. This pin is the bottom end of the internal resistor feedback chain for fixed output voltage parts, and should be connected to ground. This is the power output of the device, and is electrically connected to the TAB. This is the input supply pin for the device.
Block Diagram
Marking Information
3.3V
Voltage option (example: 3.3V). Left blank for adjustable parts yyww: Datecode (example: 9812) xxxx: Semtech Lot # (example: 80101)
z.zz:
2004 Semtech Corp.
4
www.semtech.com
SC1202
POWER MANAGEMENT Outline Drawing - SOT-223
Land Pattern - SOT-223
Contact Information
Semtech Corporation Power Management Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
2004 Semtech Corp.
5
www.semtech.com


▲Up To Search▲   

 
Price & Availability of SC1202CST-XXTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X