Part Number Hot Search : 
1SV245 R1002 CD4127 A6812 PN1307 SMCJ60 REF19 01EDK3
Product Description
Full Text Search
 

To Download PI3USB10LP-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PI3USB10LP-A
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
Features
* USB 2.0 compliant (high speed and full speed) * RON is 5.5 typical @ VCC = 3.0V * Low bit-to-bit skew * Low Crosstalk: -40dB @ 500 Mbps * Off Isolation: -35dB @ 500 Mbps * Near-Zero propagation delay: 250ps * Switching speed: 9ns * Channel On Capacitance: 5.5pF * VCC Operating Range: 2.7V to 4.2V 10% * Data pin I/O ESD: 12kV HBM protection per JESD22-A114D specification * 1,000 MHz Bandwidth * I/O pins have over-voltage protection and can tolerate a short to Vbus * Packaging (Pb-free & Green): * 10-contact UQFN (ZM10) (1.4x1.8) * 10-contact TQFN (ZL10) (1.3X1.6)
Description
The PI3USB10LP-A is a single differential channel 2:1 multiplexer/ demultiplexer USB 2.0 Switch. Industry leading advantages include a propagation delay of less than 250ps, resulting from its low channel resistance and I/O capacitance. The device multiplexes differential outputs from a USB Host device to one of two corresponding outputs. The switch is bidirectional and offers little or no attenuation of the high-speed signals at the outputs. It is designed for low bit-to-bit skew, high channel-to-channel noise isolation and is compatible with various standards, such as High Speed USB 2.0 (480 Mb/s). The PI3USB10LP-A offers overvoltage protection per the USB 2.0 specification. With the chip powered on or off, all I/O pins can withstand a short to Vbus (5V +/-10%). This feature can only be offered if a 100-ohm pull up resistor is placed between VCC pin to the power supply.
Application
* Routes signals for USB 2.0 * Hand-held devices
Block Diagram
OE D+ DD+A
Pin Description (Top View)
SEL
VCC
9
D-A
D+B
D-B
SEL
10 D+A D+B
8 7 6
D-A D-B
1 2
3 4 5
Truth Table
OE H L L SEL X L H Function I/O's = Hi-Z D(+/-) to D(+/-)A D(+/-) to D(+/-)B
07-0096
1
OE
DPS8858G
D+
G ND
05/02/07
PI3USB10LP-A USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.) Storage Temperature ......................................................-65C to +150C Supply Voltage to Ground Potential .................................-0.5V to +4.6V DC Input Voltage ..................................................... -0.5V to VCC +0.5V DC Output Current ........................................................................120mA Power Dissipation .............................................................................0.5W
Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
DC Electrical Characteristics for USB 2.0 Switching over Operating Range
(TA = -40C to +85C, VCC = 3.0 - 4.4V) Paramenter VIH VIL VIK IIH IIL RON RFLAT(ON) RON Description Input HIGH Voltage Input LOW Voltage Clamp Diode Voltage Input HIGH Current Input LOW Current Switch On-Resistance(3) On-Resistance Flatness(3) On-Resistance match from center ports to any other port(3) Test Conditions(1) Guaranteed HIGH level VCC = 4.2V VCC = 3.3V Min. 1.8 1.6 0.8 -0.7 -1.2 5 5 5.5 1.5 0.9 2.0 6.5 A V Typ.(2) Max. Units
Guaranteed HIGH level VCC = Max., ISEL = -18mA VCC = Max., VSEL = VCC VCC = Max., VSEL = GND VCC = Min., -0.4V Vinput 1.0V, IINPUT= -40mA VCC = Min., -0.4V Vinput 1.0V, IINPUT = -40mA VCC = Min., -0.4V Vinput 1.0V, IINPUT = -40mA
Notes: 1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. VCC = 3.0 - 4.4V, TA = 25C ambient and maximum loading. 3. Measured by the voltage drop between D and Dn pin at indicated current through the Switch On-Resistance is determined by the lower of the voltages on the two (D, Dn) pins.
Power Supply Characteristics (VCC = 3.0 - 4.4V)
Parameters ICC Description Quiescent Power Supply Current Test Conditions(1) VCC = Max., VSEL = GND or VCC Min. Typ. Max. 1 Units A
Notes: 1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
07-0096
2
PS8858G
05/02/07
PI3USB10LP-A USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
Capacitance (TA = 25C, f = 1MHz)
Parameters(3) CIN COFF CON Description Input Capacitance Port I Capacitance, Switch OFF Switch Capacitance, Switch ON VSEL = 0V Test Conditions(1) Typ.(2) 3.6 3.0 5.5 pF Max. Units
Dynamic Electrical Characteristics Over the Operating Range
Parameters XTALK OIRR BW BW Description Crosstalk OFF Isolation -3dB Bandwidth -0.5dB Bandwidth Test Conditions RL = 50, f = 250 MHz RL = 50 RL = 50 Min. Typ.(2) -40 -34 1,000 270 Max. Units dB MHz MHz
Notes: 1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 3.3V, TA = 25C ambient and maximum loading. 3. This parameter is determined by device characterization but is not production tested.
Switching Characteristics
Parameters tPD tPZH, tPZL tPHZ, tPLZ tSKC-C tSKb-b Propagation Delay(2,3) See Test Circuit for Electrical Characteristics 0.5 0.5 3.5 7.5 Description Line Enable Time - SEL to D(+/-), D(+/-)n Line Disable Time - SEL to D(+/-), D(+/-)n Output skew, channel-to-channel(2) Output skew, bit-to-bit (opposite transition of the same output (tPHL-tPLH)(2) Test Conditions (1) Min. Typ. 0.25 15.0 9.0 14 20 ps ns Max. Units
Notes: 1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Guaranteed by design. 3. The switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 0.25ns for 10pF load. Since this time constant is much smaller than the rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the switch when used in a system is determined by the driving circuit on the driving side of the switch and its interactions with the load on the driven side.
07-0096
3
PS8858G
05/02/07
PI3USB10LP-A USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
Test Circuit for Dynamic Electrical Characteristics
HP4396B S1 R1 T1
PI3USB10LP-A HP11667A 50-ohm
Test Circuit for Electrical Characteristics
6.0V VCC
200-ohm Pulse Generator VIN D.U.T RT VOUT 10pF CL
200-ohm
Notes: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. All input impulses are supplied by generators having the following characteristics: PRR MHz, ZO = 50, tR 2.5ns, tF 2.5ns. The outputs are measured one at a time with on transition per measurement.
Switch Positions
Test tPLZ, tPZL (output on I-side) tPHZ, tPZH (output on I-side) Prop Delay Switch 6.0V GND Open
07-0096
4
PS8858G
05/02/07
PI3USB10LP-A USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
Switching Waveforms
SEL
2.5V 1.25V tPZL VDD/2 1.25V 0V
3.5V Input tPLH Output 2.5V 2.5V 2.5V 1.5V tPHL VOH 2.5V VOL
Waveform 2 tPZH Waveform 1
tPLZ VOL +0.3V tPHZ VDD/2 VOH -0.3V
VOH VOL VOH VOL
Voltage Waveforms Propagation Delay Times
Voltage Waveforms Enable and Disable Times
Applications Information
Logic Inputs
The logic control inputs can be driven up to +3.6V regardless of the supply voltage. For example, given a +3.3V supply, the output enables or select pins may be driven low to 0V and high to 3.6V. Driving IN Rail-to-Rail(R) minimizes power consumption.
Power Supply Sequencing
Proper power supplysequencing is recommended for all CMOS devices. Always apply VCC and GND before applying signals to input/output or control pins. Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
07-0096
5
PS8858G
05/02/07
PI3USB10LP-A USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
Eye Diagram Measurements
-A
Figure 1: USB2.0 High-speed (480 Mbps) Signal Integrity Test Setup
Figure 2: USB 2.0 High Speed (480Mbps) TP1, left eye, and TP5, right eye, with PI3USB10LP-A in the signal path
07-0096
6
PS8858G
05/02/07
PI3USB10LP-A USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
BOTTOM VIEW TOP VIEW
DATE: 03/20/06
DESCRIPTION: 10-Contact, Thin Fine Pitch Quad Flat No-Lead (TQFN) PACKAGE CODE: ZL (ZL10) DOCUMENT CONTROL #: PD-2052 REVISION: A
07-0096
7
PS8858G
05/02/07
PI3USB10LP-A USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
Ordering Information
Ordering Code PI3USB10LP-AZLE PI3USB10LP-AZME Package Code ZL ZM Package Description Pb-free & Green, 10-contact TQFN Pb-free & Green, 10-contact UQFN Top Mark AP AP
Notes: * Thermal characteristics can be found on the company web site at www.pericom.com/packaging/ * E = Pb-free and Green * Adding X suffix = Tape/Reel
Pericom Semiconductor Corporation * 1-800-435-2336 * www.pericom.com
07-0096
8
PS8858G
05/02/07


▲Up To Search▲   

 
Price & Availability of PI3USB10LP-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X