Part Number Hot Search : 
74355 EE08780 KD70F120 KD70F120 EE08780 DMN20 2200323 5KE100A
Product Description
Full Text Search
 

To Download P2503NVG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NIKO-SEM
N- & P-Channel Enhancement Mode Field Effect Transistor
P2503NVG
SOP-8 Lead-Free
PRODUCT SUMMARY V(BR)DSS N-Channel P-Channel 30 -30 RDS(ON) 25m 45m ID 7A -5A G : GATE D : DRAIN S : SOURCE
ABSOLUTE MAXIMUM RATINGS (TC = 25 C Unless Otherwise Noted) PARAMETERS/TEST CONDITIONS Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Power Dissipation Junction & Storage Temperature Range
1
SYMBOL VDS VGS
N-Channel P-Channel 30 20 7 6 20 2 1.3 -55 to 150 -30 20 -5 -4 -20
UNITS V V
TC = 25 C TC = 70 C TC = 25 C TC = 70 C
ID IDM PD Tj, Tstg
A
W C
THERMAL RESISTANCE RATINGS THERMAL RESISTANCE Junction-to-Ambient
1 2
SYMBOL RJA
TYPICAL
MAXIMUM 62.5
UNITS C / W
Pulse width limited by maximum junction temperature. Duty cycle 1%
ELECTRICAL CHARACTERISTICS (TC = 25 C, Unless Otherwise Noted) LIMITS PARAMETER SYMBOL TEST CONDITIONS STATIC Drain-Source Breakdown Voltage V(BR)DSS VGS = 0V, ID = 250A VGS = 0V, ID = -250A Gate Threshold Voltage VGS(th) VDS = VGS, ID = 250A VDS = VGS, ID = -250A N-Ch P-Ch N-Ch P-Ch 30 -30 1 -1 1.5 -1.5 2.5 -2.5 V MIN TYP MAX UNIT
1
May-12-2004
NIKO-SEM
N- & P-Channel Enhancement Mode Field Effect Transistor
P2503NVG
SOP-8 Lead-Free
VDS = 0V, VGS = 20V Gate-Body Leakage IGSS VDS = 0V, VGS = 20V VDS = 24V, VGS = 0V VDS = -24V, VGS = 0V Zero Gate Voltage Drain Current IDSS
N-Ch P-Ch N-Ch P-Ch
100 100 1 -1 10 -10 20 -20 25 58 18 34 19 11 37 80
nA
VDS = 20V, VGS = 0V, TJ = 55 C N-Ch VDS = -20V, VGS = 0V, TJ = 55 C P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch
A
On-State Drain Current1
ID(ON)
VDS = 5V, VGS = 10V VDS =-5V, VGS = -10V VGS = 4.5V, ID = 6A
A
Drain-Source Resistance1
On-State
VGS = -4.5V, ID = -4A RDS(ON) VGS = 10V, ID = 7A VGS = -10V, ID = -5A
m 25 45
Forward Transconductance1
gfs
VDS = 5V, ID = 7A VDS = -5V, ID = -5A
S
DYNAMIC
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge2 Gate-Source Charge2 Gate-Drain Charge2
Ciss Coss Crss Qg Qgs Qgd
N-Ch N-Channel VGS = 0V, VDS = 10V, f = 1MHz P-Channel P-Ch N-Ch P-Ch P-Ch N-Channel VDS = 0.5V(BR)DSS, VGS = 10V, ID = 7A P-Channel VDS = 0.5V(BR)DSS, VGS = -10V, ID = -5A N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch
790 690 175 310 65 75 16 14 2.5 2.2 2.1 1.9 nC pF
VGS = 0V, VDS = -10V, f = 1MHz N-Ch
2
May-12-2004
NIKO-SEM
N- & P-Channel Enhancement Mode Field Effect Transistor
P2503NVG
SOP-8 Lead-Free
Turn-On Delay Time2 Rise Time2 Turn-Off Delay Time2 Fall Time2
td(on) tr td(off) tf
N-Channel VDD = 10V ID 1A, VGS = 10V, RGEN = 6 P-Channel VDD = -10V
N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch
2.2 6.7 7.5 9.7 11.8 19.8 3.7 12.3
4.4 13.4 15 19.4 21.3 35.6 7.4 22.2 nS
ID -1A, VGS = -10V, RGEN = 6 P-Ch
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 C) Continuous Current IS N-Ch P-Ch N-Ch P-Ch IF = 1A, VGS = 0V VSD IF = -1A, VGS = 0V
1 2
1.3 -1.3 2.6 -2.6 1 -1 V A
Pulsed Current
3
ISM
Forward Voltage1
N-Ch P-Ch
Pulse test : Pulse Width 300 sec, Duty Cycle 2%. Independent of operating temperature. 3 Pulse width limited by maximum junction temperature. REMARK: THE PRODUCT MARKED WITH "P2503NVG", DATE CODE or LOT # Orders for parts with Lead-Free plating can be placed using the PXXXXXXG parts name.
3
May-12-2004
NIKO-SEM
N- & P-Channel Enhancement Mode Field Effect Transistor
P2503NVG
SOP-8 Lead-Free
N-CHANNEL
Body Diode Forward Voltage Variation with Source Current and Temperature
100 V GS = 0V Is - Reverse Drain Current(A) 10 T A = 125 C
1
25 C
0.1
-55 C
0.01
0.001
0
0.2 0.4 0.6 0.8 1.0 VSD - Body Diode Forward Voltage(V)
1.2
1.4
4
May-12-2004
NIKO-SEM
N- & P-Channel Enhancement Mode Field Effect Transistor
P2503NVG
SOP-8 Lead-Free
5
May-12-2004
NIKO-SEM
N- & P-Channel Enhancement Mode Field Effect Transistor
P2503NVG
SOP-8 Lead-Free
P-CHANNEL
100 -Is - Reverse Drain Current(A) V GS = 0V 10 1 T A = 125 C 25 C -55 C
0.1
0.01 0.001 0
0.8 1.0 1.2 0.2 0.6 0.4 -VSD - Body Diode Forward Voltage(V)
1.4
6
May-12-2004
NIKO-SEM
N- & P-Channel Enhancement Mode Field Effect Transistor
P2503NVG
SOP-8 Lead-Free
7
May-12-2004
NIKO-SEM
N- & P-Channel Enhancement Mode Field Effect Transistor
P2503NVG
SOP-8 Lead-Free
SOIC-8(D) MECHANICAL DATA
mm Min. 4.8 3.8 5.8 0.38 Typ. 4.9 3.9 6.0 0.445 1.27 1.35 0.1 1.55
0.175
Dimension A
B C D E F G
Max. 5.0 4.0 6.2 0.51
Dimension H I J K L
mm Min. 0.5 0.18 Typ. 0.715 0.254 0.22 0 4 8 Max. 0.83 0.25
1.75
0.25
M
N
J
F D E G I H K
B
C
A
8
May-12-2004


▲Up To Search▲   

 
Price & Availability of P2503NVG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X