Part Number Hot Search : 
AD526 GL1HS212 PT333 1203SH3 TDA7278 2SC393 V910ME13 KVO15
Product Description
Full Text Search
 

To Download OPB360 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Slotted Optical Switch
OPB355, OPB360, OPB370, OPB380, OPB390 OPB859, OPB860, OPB870, OPB880, OPB890 Series
"L"
Features:
* * * * *
0.125" (3.175 mm) slot width Choice of aperture (0.050" or 0.010" width) Choice of opaque or IR transmissive shell material Choice of mounting configurations Choice of lead spacing or wires
"N"
"T"
Product Photo Here
"P"
Description:
Each device in this series provides the flexibility of a custom device from a standard product line. Building from a standard housing with a 0.125" (3.175 mm) wide slot, a user can choose aperture width, opaque or IR transmissive housing shell material, PCBoard lead spacing or wires and mounting tab configuration. Housings are made from an opaque grade of injection-molded plastic to minimize sensitivity to both visible and near-infrared light. Discrete shells exposed on the parallel faces inside each device's throat are made from either IR transmissive plastic (for applications where dust protection is needed) or from opaque plastic with aperture openings (for applications that require maximum protection against ambient light). Phototransistor sensor devices include the OPB859, PB360, OPB370, OPB380, OPB390, OPB860 and OPB870, while the OPB355 provides a photodiode sensor. The photodiode sensor has a lower and more linear outputversus-light input than the phototransistor models. The OPB355, OPB360, OPB370, OPB859, OPB860 and OPB870 are designed for direct connection to through hole PCBoards. The OPB380, OPB390, OPB880 and OPB890 have 26 AWG wires connected directly to the device for remote sensing applications. Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for more information.
Applications:
* * * * *
Non-contact object sensing Assembly line automation Machine automation Equipment safety Machine safety
1
OPB355
3
OPB360, OPB370, OPB380, OPB390 OPB859 OPB860, OPB870, OPB880, OPB890
1 3
2
4
2
4
CONTAINS POLYSULFONE
To avoid stress cracking, we suggest using ND Industries' Vibra-Tite for thread-locking. Vibra-Tite evaporates fast without causing structural failure in OPTEK's molded plastics. Applies to: OPB360, OPB370, OPB380, OPB390 and OPB860, OPB870, OPB880, OPB890.
RoHS
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.6 03/07 Page 1 of 10
Slotted Optical Switch
OPB355, OPB360, OPB370, OPB380, OPB390 OPB859, OPB860, OPB870, OPB880, OPB890 Series
Part Number Guide -- OPB355
OPB 3 X X X
Optek Assembly Photodiode Output Family Mounting Configurations: N -- No mounting tabs L -- Emitter side mounting tab only P -- Sensor side mounting tab only T -- Two mounting tabs
Part Number Guide -- OPB360 / OPB370
OPB 3 X X X X X
Optek Assembly Sensor Aperture: 1 -- 0.010" (0.254 mm) 5 -- 0.050" (1.270 mm) Emitter Aperture: 1 -- 0.010" (0.254 mm) 5 -- 0.050" (1.270 mm) Mounting Configurations: L -- Emitter side mounting tab only N -- No mounting tabs P -- Sensor side mounting tab only T -- Two mounting tabs Lead Spacer Designator: 0 = 0.320" (8.12 mm) lead space 5 = 0.220" (5.59 mm) lead space
Phototransistor Output Family
Discrete Shell Material: 6 -- Base mount IR transmissive Polysulfone discrete shell PCMountable leads 7 -- Base mount opaque Plastic discrete shell PCMountable leads
Part Number Guide -- OPB380 / OPB390
OPB 3 X 0 X X X Z
Optek Assembly RoHS Compliant Sensor Aperture: 1 -- 0.010" (0.254 mm) 5 -- 0.050" (1.270 mm) Emitter Aperture: 1 -- 0.010" (0.254 mm) 5 -- 0.050" (1.270 mm) Mounting Configurations: L -- Emitter side mounting tab only N -- No mounting tabs P -- Sensor side mounting tab only T -- Two mounting tabs
Phototransistor Output Family
Discrete Shell Material: 8 -- Base mount IR transmissive Polysulfone discrete shell PCMountable leads 9 -- Base mount opaque plastic discrete shell PCMountable leads
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A.6 03/07 Page 2 of 10 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Slotted Optical Switch
OPB355, OPB360, OPB370, OPB380, OPB390 OPB859, OPB860, OPB870, OPB880, OPB890 Series
Part Number Guide -- OPB859
OPB 8 5 9
Optek Assembly Phototransistor Output Family Emitter Aperture: 0.050" (1.270 mm) Sensor Aperture: 0.050" (1.270 mm) Mounting Configuration: T -- Two mounting tabs
Part Number Guide -- OPB860 / OPB870
OPB 8 X X X X X
Optek Assembly Sensor Aperture: 1 -- 0.010" (0.254 mm) 5 -- 0.050" (1.270 mm) Emitter Aperture: 1 -- 0.010" (0.254 mm) 5 -- 0.050" (1.270 mm) Electrical Specification Variations: 0 = Electrical Parameter A (lead spacing = 0.320") 1 = Electrical Parameter B (lead spacing = 0.320") 2 = Electrical Parameter C (lead spacing = 0.320") 5 = Electrical Parameter A (lead spacing = 0.220") 6 = Electrical Parameter B (lead spacing = 0.220") 7 = Electrical Parameter C (lead spacing = 0.220") Mounting Configurations: N -- No mounting tabs L -- Emitter side mounting tab only T -- Two mounting tabs P -- Phototransistor side mounting side
Phototransistor Output Family
Discrete Shell Material: 6 -- Base mount IR transmissive Plastic discrete shell PCMountable leads 7 -- Base mount opaque Plastic discrete shell PCMountable leads
Part Number Guide -- OPB880 / OPB890
OPB 8 X X X X X Z
Optek Assembly RoHS Compliant Sensor Aperture: 1 -- 0.010" (0.254 mm) 5 -- 0.050" (1.270 mm) Emitter Aperture: 1 -- 0.010" (0.254 mm) 5 -- 0.050" (1.270 mm) Mounting configurations: L -- Emitter side mounting tab only N -- No mounting tabs P -- Phototransistor side mounting side T -- Two mounting tabs
Phototransistor Output Family
Discrete Shell Material: 8 -- Base mount IR transmissive Plastic discrete shell 9 -- Base mount opaque Plastic discrete shell
Electrical Specification Variations: 0 = Electrical Parameter A 1 = Electrical Parameter B 2 = Electrical Parameter C Note: Assemblies with dual 0.010" apertures are currently available with electrical parameter "A" only. Wires = 26AWG--24" Long
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.6 03/07 Page 3 of 10
Slotted Optical Switch
OPB355, OPB360, OPB370, OPB380, OPB390 OPB859, OPB860, OPB870, OPB880, OPB890 Series
OPB355, OPB360, OPB370, OPB860, OPB870
E / Clear Top Denotes LED S / Black Top Denotes Sensor
OPB380, OPB390
OPB859
OPB880, OPB890
Pin #
1 2
Emitter
Anode Cathode
Pin #
3 4
Transistor/Diode
Collector / Anode Emitter / Cathode
[ MILLIMETERS] DIMENSIONS ARE IN: INCHES
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A.6 03/07 Page 4 of 10 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Slotted Optical Switch
OPB355, OPB360, OPB370, OPB380, OPB390 OPB859, OPB860, OPB870, OPB880, OPB890 Series
Absolute Maximum Ratings (TA=25C unless otherwise noted)
Storage Temperature(1) (2) OPB355, OPB360, OPB370, OPB859, OPB860, OPB870 Series OPB380, OPB390, OPB880, OPB890 Series Operating Temperature(1) (2) Lead Soldering Temperature
(7)
-40 C to +100 C -40 C to +85 C -40 C to +85 C 260 C
Input LED
Forward DC Current OPB355, OPB360, OPB370, OPB380, OPB390, OPB859, OPB860, OPB870, OPB880, OPB890 Peak Forward Current (1s pulse width, 300 pps) Reverse DC Voltage Power Dissipation
(2)
50 mA 1A 2V 75 mW
Output Phototransistor/Diode
Cathode-Anode Reverse Voltage -OPB355 Collector-Emitter Voltage OPB360, OPB370, OPB380, OPB390, OPB859, OPB860, OPB870, OPB880, OPB890 Series Emitter-Collector Voltage Collector DC Current Power Dissipation
(1)
60 V 30 V 5V 30 mA 100 mW
Notes: (1) For wire series (OPB380, OPB390, OPB880 and OPB890), maximum storage and operating temperature is limited by the temperature rating of the lead wires. (2) Derate linearly 1.67 mW/ C above 25 C. (3) For OPB355, OPB360 and OPB370, polarity is denoted by color of housing top: LED (clear); sensor (black). (4) Cleaning agents methanol and isopropanol are recommended. Spray or wipe; do not submerge. (5) OPB380 and OPB390 wire terminations have 24" of 7-strand 26 AWG UL 1429 insulated wire on each terminal. These devices incorporate a wire strain relief at the housing surface. The insulation colors and functions are: IRED anode (red); IRED cathode (black); phototransistor collector (white); phototransistor emitter (green). (6) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering. (7) All parameters were tested using pulse technique.
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.6 03/07 Page 5 of 10
Slotted Optical Switch
OPB355, OPB360, OPB370, OPB380, OPB390 OPB859, OPB860, OPB870, OPB880, OPB890 Series
Electrical Characteristics (TA = 25C unless otherwise noted)
SYMBOL PARAMETER MIN TYP MAX UNITS TEST CONDITIONS Input Transistor/Diode (See OP240 for additional information--for reference only) VF IR Forward Voltage Reverse Current 1.3 1.8 100 V A IF = 20 mA VR = 2 V
Output Diode -- OPB355 (See OPB950 for additional information -- for reference only) VBR VFD ID Reverse Diode Breakdown Voltage Forward Voltage Photodiode Reverse Dark Current 60 1.2 60 V V nA IR = 100 A, IF = 0, EE = 0 IF = 1 mA, IF = 0, EE = 0 VR = 30 V, EE = 0, IF = 0
Output Transistor (See OP550 for additional information--for reference only) V(BR)CEO V(BR)ECO ICEO Coupled IL On-State Collector Current OPB355 (L, N, P, T) Collector-Emitter Saturation Voltage OPB859 OPB860/870/865/875 (Para. A) OPB861/871/866/876 (Para. B) OPB862/872/867/877 (Para. C) OPB880/890/ (Para. A) OPB881/891 (Para. B) OPB882/892 (Para. C) On-State Collector Current OPB36X, OPB37X (T, N, L, P 11) OPB36X, OPB37X (T, N, L, P 51) OPB36X, OPB37X (T, N, L, P 55) OPB38X, OPB39X (T, N, L, P 11) OPB38X, OPB39X (T, N, L, P 51) OPB38X, OPB39X (T, N, L, P 55) IC(ON) OPB859 OPB860/870/865/875 (Para. A) OPB861/871/866/876 (Para. B) OPB862/872/867/877 (Para. C) OPB880/890/ (Para. A) OPB881/891 (Para. B) OPB882/892 (Para. C 10 1.0 2.5 3.5 1.0 2.5 3.5 250 0.5 1.0 1.8 0.5 1.0 1.8 200 0.4 0.4 0.4 0.6 0.4 0.4 0.6 5 10 14 5 10 14 a VR = 5 V, IF = 40 mA IC = 125 A, IF = 20 mA IC = 400 A, IF = 20 mA IC = 800 A, IF = 20 mA IC = 1800 A, IF = 20 mA IC = 400 A, IF = 20 mA IC = 800 A, IF = 10 mA IC = 1800 A, IF = 20 mA Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Dark Current 30 5 100 V V nA IC = 1 mA IE = 100 A VCE = 10 V, IF = 0, EE = 0
VCE(SAT)
V
mA
VCE = 0.4 V, IF = 20 mA
A
VCE = 10 V, IF = 20 mA VCE = 10 V, IF = 20 mA VCE = 5 V, IF = 10 mA VCE = 0.6 V, IF = 20 mA VCE = 10 V, IF = 20 mA VCE = 5 V, IF = 10 mA VCE = 0.6 V, IF = 20 mA
mA
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A.6 03/07 Page 6 of 10 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Slotted Optical Switch
OPB355, OPB360, OPB370, OPB380, OPB390 OPB859, OPB860, OPB870, OPB880, OPB890 Series
OPB355 - Flag Next to Emitter
1.20
1.20
OPB355 - Flag Next to Sensor
Top to Bottom
1.00
1.00
Top to Bottom
Typical IC (ON) Response (mA)
0.80
Typical IC (ON) Response (mA)
0.80
Right to Left Left to Right
0.60
Left to Right
0.60
Right to Left
0.40
0.40
0.20
0.20
0.00 0.00 0.05 0.10 0.15 0.20 0.25
0.00 0.00
0.05
0.10
0.15
0.20
0.25
Displacement Distance (inches)
Displacement Distance (inches)
OPB355 - Flag in Middle of Slot
1.20
Top to Bottom
1.00
0
Top to Bottom
Typical IC (ON) Response (mA)
0.80
Right to Left Left to Right
0.60
Emitter Left to Right Right to Left
0.40
Sensor 0 Width
0.20
0.00 0.00 0.05 0.10 0.15 0.20 0.25
Displacement Distance (inches)
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.6 03/07 Page 7 of 10
Slotted Optical Switch
OPB355, OPB360, OPB370, OPB380, OPB390 OPB859, OPB860, OPB870, OPB880, OPB890 Series
Aperture Configuration 11 Next to Emitter OPB370T11 - Flag - Flag Next to Emitter
1.20
1.20
Aperture Configuration 11Next to Sensor OPB370T11 - Flag - Flag Next to Sensor
Top to Bottom
1.00
1.00
Top to Bottom
Typical IC(ON) Response (mA)
0.80
Typical IC(ON) Response (mA)
0.80
Left to Right
Right to Left
Left to Right
Right to Left
0.60
0.60
0.40
0.40
0.20
0.20
0.00 0.00 0.05 0.10 0.15 0.20 0.25
0.00 0.00 0.05 0.10 0.15 0.20 0.25
Displacement Distance (inches)
Displacement Distance (inches)
Aperture Configuration 11 - Middle of Slot of Slot OPB370T11 - Flag in Flag in Middle
1.20
Top to Bottom
1.00
0
Top to Bottom
Typical IC(ON) Response (mA)
0.80
Left to Right
Right to Left
0.60
Emitter Left to Right Right to Left
0.40
Sensor
0.20
0
Width
0.00 0.00 0.05 0.10 0.15 0.20 0.25
Diisplacement Distance (inches)
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A.6 03/07 Page 8 of 10 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Slotted Optical Switch
OPB355, OPB360, OPB370, OPB380, OPB390 OPB859, OPB860, OPB870, OPB880, OPB890 Series
Aperture Configuration 51 - Middle of to Emitter OPB370N51 - Flag in Flag Next Slot
1.20 Top to Bottom 1.00 1.00 1.20
Aperture Configuration 51Next to Sensor OPB370N51 - Flag - Flag Next to Sensor
Top to Bottom
Typical IC(ON) Response (mA)
0.80 Left to Right 0.60 Right to Left
Typical IC(ON) Response (mA)
0.80 Left to Right Right to Left
0.60
0.40
0.40
0.20
0.20
0.00 0.00 0.05 0.10 0.15 0.20 0.25
0.00 0.00 0.05 0.10 0.15 0.20 0.25
Displacement Distance (inches)
Displacement Distance (inches)
Aperture Configuration 51 inFlag in Middle of Slot OPB370N51 - Flag - Middle of Slot
1.20 Top to Bottom 1.00
0
Top to Bottom
Typical IC(ON) Response (mA)
0.80 Left to Right 0.60 Right to Left
Emitter Left to Right Right to Left
0.40
Sensor 0 Width
0.20
0.00 0.00 0.05 0.10 0.15 0.20 0.25
Displacement Distance (inches)
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.6 03/07 Page 9 of 10
Slotted Optical Switch
OPB355, OPB360, OPB370, OPB380, OPB390 OPB859, OPB860, OPB870, OPB880, OPB890 Series
Aperture Configuration 55 - Flag Next to Emitter OPB380T55 - Flag Next to Emitter
1.20
Aperture Configuration 55Next toNext to Sensor OPB380T55 - Flag - Flag Sensor
1.20
Top to Bottom
1.00
Top to Bottom 1.00
Typical IC(ON) Response (mA)
Typical IC(ON) Response (mA)
0.80
0.80 Left to Right 0.60 Right to Left
Left to Right
0.60
Right to Left
0.40
0.40
0.20
0.20
0.00 0.00 0.05 0.10 0.15 0.20 0.25
0.00 0.00 0.05 0.10 0.15 0.20 0.25
Displacement Distance (inches)
Displacement Distance (inches)
Aperture Configuration 55 - Middle of Slot of Slot OPB380T55 - Flag in Flag in Middle
1.20
Top to Bottom
1.00
0
Top to Bottom
Typical IC(ON) Response (mA)
0.80
Left to Right
0.60
Right to Left
Emitter Left to Right Right to Left
0.40
Sensor 0 Width
0.20
0.00 0.00 0.05 0.10 0.15 0.20 0.25
Displacement Distance (inches)
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A.6 03/07 Page 10 of 10 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com


▲Up To Search▲   

 
Price & Availability of OPB360

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X