Part Number Hot Search : 
TA143 ZXMN6 NJU6572C 02201 U2797B T940004 AN1810 G5966
Product Description
Full Text Search
 

To Download NTE2376 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2376 MOSFET N-Ch, Enhancement Mode High Speed Switch
Features: D Dynamic dv/dt Rating D Repetitive Avalanche Rated D Isolated Central Mounting Hole D Fast Switching D Ease of Paralleling D Simple Drive Requirements Absolute Maximum Ratings: Continuous Drain Current (VGS = 10V), ID TC = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30A TC = +100C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19A Pulsed Drain Current (Note 1), IDM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120A Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 190W Derate Linearly Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5W/C Gate-to-Source Voltage, VGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V Single Pulse Avalanche Energy (Note 2), EAS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 410mJ Avalanche Current (Note 1), IAR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30A Repetitive Avalanche Energy (Note 1), EAR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19mJ Peak Diode Recovery dv/dt (Note 3), dv/dt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V/ns Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Lead Temperature (During Soldering, 1.6mm from case for 10sec), TL . . . . . . . . . . . . . . . . . +300C Mounting Torque (6-32 or M3 Screw) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 lbfin (1.1Nm) Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.65C/W Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40C/W Typical Thermal Resistance, Case-to-Sink (Flat, Greased Surface), RthCS . . . . . . . . . . . 0.24C/W Note 1. Repetitive rating; pulse width limited by maximum junction temperature. Note 2. VDD = 50V, starting TJ = +25C, L = 683H, RG = 25, IAS = 30A Note 3. ISD 30A, di/dt 190A/s, VDD V(BR)DSS, TJ +150C
Electrical Characteristics: (TJ = +25C unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Symbol V(BR)DSS Test Conditions VGS = 0V, ID = 250A Min 200 - - 2.0 12 - - - - - - - VDD = 100V, ID = 30A, RG = 6.2, RD = 3.2, Note 4 - - - - Between lead, .250in. (6.0) mm from package and center of die contact VGS = 0V, VDS = 25V, f = 1MHz - - - - - Typ - 0.27 - - - - - - - - - - 16 86 70 62 5.0 13.0 2800 780 250 Max - - 0.085 4.0 - 25 250 100 -100 140 28 74 - - - - - - - - - Unit V V/C V mhos A A nA nA nC nC nC ns ns ns ns nH nH pF pF pF
V(BR)DSS Reference to +25C, ID = 1mA TJ RDS(on) VGS(th) gfs IDSS IGSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss VGS = 10V, ID = 18A, Note 4 VDS = VGS, ID = 250A VDS = 50V, ID = 18A, Note 4 VDS = 200V, VGS = 0V VDS = 160V, VGS = 0V, TJ = +125C VGS = 20V VGS = -20V ID = 30A, VDS = 160V, VGS = 10V, Note 4
Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capaticance
Source-Drain Ratings and Characteristics:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time Symbol IS ISM VSD trr Qrr ton Note 1 TJ = +25C, IS = 30A, VGS = 0V, Note 4 TJ = +25C, IF = 30A, di/dt = 100A/s, Note 4 Test Conditions Min - - - - - Typ - - - 360 4.6 Max 30 120 2.0 540 6.9 Unit A A V ns C
Intrinsic turn-on time is neglegible (turn-on is dominated by LS+LD)
Note 1. Repetitive rating; pulse width limited by maximum junction temperature. Note 4. Pulse width 300s; duty cycle 2%.
.626 (15.9) Max .217 (5.5)
.197 (5.0)
See Note .787 (20.0)
.143 (3.65) Dia Max
.157 (4.0)
.559 (14.2) Min
.215 (5.45)
.047 (1.2)
.094 (2.4)
G
D
S
TO247
Note: Drain connected to metal part of mounting surface.


▲Up To Search▲   

 
Price & Availability of NTE2376

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X