Part Number Hot Search : 
RM3283D F1010 2SB16 ZPD6V2 09N70 SP2222A TS432IRF BLACK
Product Description
Full Text Search
 

To Download MSP2006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MSP2006 Multi-Service Processor
Released
MSP for Wireless Routers and Access Points
GENERAL
The MSP2006 belongs to a full family of Multi-Service Processors designed to meet the performance, QoS and security needs of communications equipment used within the customer premise. The MSP2006 is an ideal solution for wireless routers and access points. As shown below, it includes a powerful MIPS processor, two 10/100 Ethernet MACs, and a PCI interface. The MSP2006 provides a new level of price/performance for wireless routers. Its unique systems architecture includes a 4.25 Gbit/s bus, and intelligent context aware DMA engines. Integration of 802.11a, b, and g wireless LANs is easily facilitated through the PCI interface. To reduce time-to-market, PMC-Sierra offers comprehensive support for the MSP2006, including evaluation boards, software, application engineering support, training, and documentation that together accelerate the product development process. In addition, the MSP2006 supports Linux, VxWorks, or custom operating systems.
FEATURES
* Industry leading price/performance * Versatile PCI and ELB Buses provide seamless integration to all flavors of 802.11 chipsets * 2 10/100 Ethernet MACs * Easy porting of customer and third party software and protocol stacks
APPLICATIONS
* Ethernet Router * Wireless Ethernet Router * Wireless Access Points
BLOCK DIAGRAM
MSP2006 Flash USB External Local Bus 4.25 Gbit/s Multi-Service Bus (MS Bus) 10/100 MAC 10/100 MAC SPI/MPI GIPO PCI WAN LAN Serial I/O 802.11
Console
UART
SDRAM
Memory Controller
High Performance MIPS32 4Km
PMC-2041687 Issue 1
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE
(c) Copyright PMC-Sierra, Inc. 2004 All rights reserved.
MSP2006 Multi-Service Processor MSP for Wireless Routers and Access Points
ELECTRICAL
* 276 pin PBGA * Vcc 3.3V I/O, 1.8V core * Power consumption 1.0W
HIGH-PERFORMANCE BUSES
* Flexible external local bus interface * Up to 25 Mbit/s data throughput * PCI interface (32-bit, 33MHz) * PCI V2.1 and V2.2 compatible
MEMORY CONTROLLER
* Glueless interface to 256 MB of SDRAM * Glueless interface to 32 MB of flash
SYSTEM PROCESSOR
* High performance MIPS32 4Km processor at * 170 MHz * 16 KB instruction cache, 16 KB data cache * Ultrafast Multi-Service Bus (MS Bus) * Peak bandwidth of 4.25 Gbit/s * True parallel processing
SOFTWARE
* APIs: Block copy * Board support package * 802.11 Drivers
SYSTEM CONTROL
* Four interrupt inputs * 40 GPIOs * MIPS timer, 2 system timers, and watchdog timer * Block copy engine
DEVELOPMENT TOOLS
* Support for Linux and VxWorks * Evaluation boards * Third party tool chains
MISCELLANEOUS INTERFACES
* 2 UARTs * SPI/MPI * Two-wire serial
LAN INTERFACE
* 2 Independent 10/100 Ethernet MACs * MII/RMII * VLAN support
THIRD PARTY SUPPORT
* WLAN Applications * Instant 802 Networks * EJTAG Debuggers * EPI - MAJIC probe * WindRiver - visionICE II
Head Office: PMC-Sierra, Inc. 8555 Baxter Place Burnaby, B.C. V5A 4V7 Canada Tel: 1.604.415.6000 Fax: 1.604.415.6200
To order documentation, send email to: document@pmc-sierra.com or contact the head office, Attn: Document Coordinator
All product documentation is available on our web site at: http://www.pmc-sierra.com For corporate information, send email to: info@pmc-sierra.com
PMC-2041687 (R1) (c) Copyright PMC-Sierra, Inc. 2004. All rights reserved. For a complete list of PMC-Sierra's trademarks and registered trademarks, visit: http://www.pmc-sierra.com/legal/
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE


▲Up To Search▲   

 
Price & Availability of MSP2006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X