Part Number Hot Search : 
SB315 AA112 23DGG RN4910FE LT1813 Z1021AI C1250 8800V
Product Description
Full Text Search
 

To Download MBR3545 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
MBR3520(R) THRU MBR35100(R)
SCHOTTKY DIODES STUD TYPE
35 A
35Amp Rectifier 20-100 Volts DO-4
Features
High Surge Capability Types up to 100V VRRM
Maximum Ratings
Operating Temperature: -55 C to +150 Storage Temperature: -55 C to +175
M C B N
Maximum Recurrent Peak Reverse Voltage 20V MBR3520( R ) 30V MBR3530( R ) MBR3535( R ) 35V MBR3540( R ) 40V MBR3545( R ) 45V MBR3560( R ) 60V MBR3580( R ) 80V MBR35100( R ) 100V Part Number
Maximum RMS Voltage 14V 21V 25V 28V 32V 42V 57V 70V
Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
J
P
D G F
A
E
Electrical Characteristics @ 25
Average Forward Current Peak Forward Surge Current NOTE (1) Maximum Instantaneous Forward Voltage Maximum Instantaneous Reverse Current At Rated DC Blocking NOTE (1) Voltage Maximum thermal resistance, junction to case IF(AV) IFSM VF
Unless Otherwise Specified
35A 600A
0.68V 0.75V 0.84V
TC =110
Notes: 1.Standard Polarity:Stud is Cathode 2.Reverse Polarity:Stud is Anode
DIMENSIONS INCHES MIN MAX 10 -32 UNF3A 1/4 .437 .424 .505 ----.600 .820 .422 .453 .075 .175 ----.405 .310 ----.413 ----.065 .020 .060 .100 MM MIN MAX NOTE Threads Standard Polarity 10.77 11.10 ----12.82 15.24 20.82 10.72 11.50 1.91 4.44 ----10.29 ----7.87 10.49 ----0.51 1.65 1.53 2.54
8.3ms ,Half sine
(MBR3530~MBR3545) (MBR3560) (MBR3580~MBR35100) I FM =35 A; T j =25
IR
1.5 mA 25 mA
TJ = 25 TJ =125
R jc
1.5
/W
DIM A B C D E F G J M N P
Mounting torque
Kgf-cm
11.0~13.4 threads
Not lubricated
NOTE : (1) Pulse Test: Pulse Width 300 usec, Duty Cycle < 2%
MBR3520(R) THRU
MBR35100(R)
100 60 40
Figure .1- Typical Forward Characteristics
Figure .2- Forward Derating Curve
AvErage ForwArd Rectified Current - AmPeres
I nStantaneous Forward Current - Amperes Amps
40
20
25 C
10 6.0 4.0
Amps
125 C
30
20
10
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 30 60 90 120 150 180
0
Case Te mperature -
2.0 1.0
100 Figure .4-Typical Reverse Characteristics
0
0.2
0.4
0.6
Volts
0.8
1.0
1.2
60 40 20 10 Tj =175 C
Instantaneous Forward Voltage - Volts
Instantaneous Reverse Leakage Current - Mill Amperes
6 4 2 Tj =125 C 1
600
Figure .3- Peak Forward Surge Current 8.3ms Single Half Sine Wave JEDEC method T =25 J
Peak Forward Surge Current -Amperes Amps
500 400 300 200 100 0 1 2 4 6
m Amps
0.6 0.4 0.2 0.1 .06 .04 .02 .01 T =75 J
8 10 20 Cycles
40
60 80 100
.006 .004 .002 T =25 J 20 30 40 50 60 70 80 90 100
Number Of Cycles At 60Hz - Cycles
.001 10
Volts Reverse Voltage - Volts


▲Up To Search▲   

 
Price & Availability of MBR3545

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X