Part Number Hot Search : 
MS201 PFR852 STF2454 IN74H SK301 PDZ18B EPR1533S 553SM
Product Description
Full Text Search
 

To Download LTC1865ACMS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC1864/LTC1865 Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
FEATURES

DESCRIPTIO
16-Bit 250ksps ADCs in MSOP Package Single 5V Supply Low Supply Current: 850A (Typ) Auto Shutdown Reduces Supply Current to 2A at 1ksps True Differential Inputs 1-Channel (LTC1864) or 2-Channel (LTC1865) Versions SPI/MICROWIRETM Compatible Serial I/O 16-Bit Upgrade to 12-Bit LTC1286/LTC1298 Pin Compatible with 12-Bit LTC1860/LTC1861
The LTC(R)1864/LTC1865 are 16-bit A/D converters that are offered in MSOP and SO-8 packages and operate on a single 5V supply. At 250ksps, the supply current is only 850A. The supply current drops at lower speeds because the LTC1864/LTC1865 automatically power down between conversions. These 16-bit switched capacitor successive approximation ADCs include sample-and-holds. The LTC1864 has a differential analog input with an adjustable reference pin. The LTC1865 offers a softwareselectable 2-channel MUX and an adjustable reference pin on the MSOP version. The 3-wire, serial I/O, small MSOP or SO-8 package and extremely high sample rate-to-power ratio make these ADCs ideal choices for compact, low power, high speed systems. These ADCs can be used in ratiometric applications or with external references. The high impedance analog inputs and the ability to operate with reduced spans down to 1V full scale, allow direct connection to signal sources in many applications, eliminating the need for external gain stages.
, LTC and LT are registered trademarks of Linear Technology Corporation. MICROWIRE is a trademark of National Semiconductor Corporation.
APPLICATIO S

High Speed Data Acquisition Portable or Compact Instrumentation Low Power Battery-Operated Instrumentation Isolated and/or Remote Data Acquisition
TYPICAL APPLICATIO
Supply Current vs Sampling Frequency Single 5V Supply, 250ksps, 16-Bit Sampling ADC
SUPPLY CURRENT (A)
1000
1F 5V
100
10
LTC1864 1 2 ANALOG INPUT 0V TO 5V 3 4 VREF IN + IN - GND VCC SCK SDO CONV 8 7 6 5
1864 TA01
1
SERIAL DATA LINK TO ASIC, PLD, MPU, DSP OR SHIFT REGISTERS
0.1
0.01 0.01
U
0.1 10 100 1 SAMPLING FREQUENCY (kHz) 1000
1864 TA02
U
U
sn18645 18645fs
1
LTC1864/LTC1865
ABSOLUTE
AXI U
RATI GS
Supply Voltage (VCC) ................................................. 7V Ground Voltage Difference AGND, DGND LTC1865 MSOP Package ........... 0.3V Analog Input ............... (GND - 0.3V) to (VCC + 0.3V) Digital Input ................................ (GND - 0.3V) to 7V Digital Output .............. (GND - 0.3V) to (VCC + 0.3V) Power Dissipation .............................................. 400mW
PACKAGE/ORDER I FOR ATIO
TOP VIEW VREF IN + IN GND 1 2 3 4 8 7 6 5 VCC SCK SDO CONV
ORDER PART NUMBER
TOP VIEW
MS8 PACKAGE 8-LEAD PLASTIC MSOP
LTC1864CMS8 LTC1864IMS8 LTC1864ACMS8 LTC1864AIMS8 MS8 PART MARKING LTHQ ORDER PART NUMBER
TJMAX = 150C, JA = 210C/W
TOP VIEW VREF 1 IN + 2 IN - 3 GND 4 8 VCC 7 SCK 6 SDO 5 CONV
LTC1864CS8 LTC1864IS8 LTC1864ACS8 LTC1864AIS8 S8 PART MARKING 1864 1864I 1864A 1864AI
S8 PACKAGE 8-LEAD PLASTIC SO
TJMAX = 150C, JA = 175C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
CO VERTER A D
PARAMETER Resolution No Missing Codes Resolution INL Transition Noise Gain Error
ULTIPLEXER CHARACTERISTICS
LTC1864/LTC1865 MIN TYP MAX

The denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. VCC = 5V, VREF = 5V, fSCK = fSCK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
CONDITIONS LTC1864A/LTC1865A MIN TYP MAX 16 15 8 1.1
(Note 3)
2
U
U
W
WW U
WU
W
(Notes 1, 2)
Operating Temperature Range LTC1864C/LTC1865C/ LTC1864AC/LTC1865AC ........................ 0C to 70C LTC1864I/LTC1865I/ LTC1864AI/LTC1865AI ..................... - 40C to 85C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec)................. 300C
ORDER PART NUMBER
CONV CH0 CH1 AGND DGND 1 2 3 4 5 10 9 8 7 6 VREF VCC SCK SDO SDI
MS PACKAGE 10-LEAD PLASTIC MSOP TJMAX = 150C, JA = 210C/W
LTC1865CMS LTC1865IMS LTC1865ACMS LTC1865AIMS MS PART MARKING LTHS ORDER PART NUMBER
TOP VIEW CONV 1 CH0 2 CH1 3 GND 4 8 VCC 7 SCK 6 SDO 5 SDI
LTC1865CS8 LTC1865IS8 LTC1865ACS8 LTC1865AIS8 S8 PART MARKING 1865 1865I 1865A 1865AI
S8 PACKAGE 8-LEAD PLASTIC SO
TJMAX = 150C, JA = 175C/W
U
UNITS Bits Bits
16 14
6 1.1 20
LSB LSBRMS mV
20
sn18645 18645fs
LTC1864/LTC1865
CO VERTER A D
PARAMETER Offset Error Input Differential Voltage Range Absolute Input Range VREF Input Range Analog Input Leakage Current CIN Input Capacitance
The denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. VCC = 5V, VREF = 5V, fSCK = fSCK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
CONDITIONS LTC1864 SO-8 and MSOP, LTC1865 MSOP LTC1865 SO-8 VIN = IN + - IN - IN + Input IN - Input LTC1864 SO-8 and MSOP, LTC1865 MSOP (Note 4) In Sample Mode During Conversion

DY A IC ACCURACY
TA = 25C. VCC = 5V, VREF = 5V, fSAMPLE = 250kHz, unless otherwise noted.
SYMBOL PARAMETER SNR Signal-to-Noise Ratio 10kHz Input Signal 100kHz Input Signal S/(N + D) Signal-to-Noise Plus Distortion Ratio THD CONDITIONS LTC1864/LTC1865 MIN TYP MAX 87 83 76 88 77 20 S/(N + D) 75dB 125 UNITS dB dB dB dB dB MHz kHz
Total Hamonic Distortion Up to 5th Harmonic 10kHz Input Signal 100kHz Input Signal Full Power Bandwidth Full Linear Bandwidth
DIGITAL A D DC ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER VIH VIL IIH IIL VOH VOL IOZ ISOURCE ISINK IREF ICC PD High Level Input Voltage Low Level Input Voltage High Level Input Current Low Level Input Current High Level Output Voltage Low Level Output Voltage Hi-Z Output Leakage Output Source Current Output Sink Current Reference Current (LTC1864 SO-8 and MSOP, LTC1865 MSOP) Supply Current Power Dissipation CONDITION VCC = 5.25V VCC = 4.75V VIN = VCC VIN = 0V VCC = 4.75V, IO = 10A VCC = 4.75V, IO = 360A VCC = 4.75V, IO = 1.6mA CONV = VCC VOUT = 0V VOUT = VCC CONV = VCC fSMPL = fSMPL(MAX) CONV = VCC After Conversion fSMPL = fSMPL(MAX) fSMPL = fSMPL(MAX)
The denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. VCC = 5V, VREF = 5V, unless otherwise noted.
LTC1864/LTC1865 MIN TYP MAX

WU
U
WU
U
ULTIPLEXER CHARACTERISTICS
LTC1864/LTC1865 MIN TYP MAX 2 3 0 - 0.05 - 0.05 1 5 7 VREF VCC + 0.05 VCC /2 VCC 1 12 5 12 5 0 - 0.05 - 0.05 1 LTC1864A/LTC1865A MIN TYP MAX 2 3 5 7 VREF VCC + 0.05 VCC /2 VCC 1 UNITS mV mV V V V V A pF pF
UNITS V V A A V V
2.4 0.8 2.5 - 2.5 4.5 2.4 4.74 4.72 0.4 3 - 25 20
V A mA mA

0.001 0.05 0.001 0.85 4.25
3 0.1 3 1.3
A mA A mA mW
sn18645 18645fs
3
LTC1864/LTC1865
RECO
VCC fSCK tCYC tSMPL tsuCONV thDI tsuDI tWHCLK tWLCLK tWHCONV tWLCONV thCONV
full operating temperature range, otherwise specifications are TA = 25C.
CONDITIONS
E DED OPERATI G CO DITIO S
SYMBOL PARAMETER Supply Voltage Clock Frequency Total Cycle Time Analog Input Sampling Time Setup Time CONV Before First SCK (See Figure 1) Hold Time SDI After SCK Setup Time SDI Stable Before SCK SCK High Time SCK Low Time CONV High Time Between Data Transfer Cycles CONV Low Time During Data Transfer Hold Time CONV Low After Last SCK
LTC1864 LTC1865
LTC1865 LTC1865 fSCK = fSCK(MAX) fSCK = fSCK(MAX)
The denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. VCC = 5V, VREF = 5V, fSCK = fSCK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
SYMBOL tCONV tdDO tdis ten thDO tr tf PARAMETER Conversion Time (See Figure 1) Delay Time, SCK to SDO Data Valid Delay Time, CONV to SDO Hi-Z Delay Time, CONV to SDO Enabled Time Output Data Remains Valid After SCK SDO Rise Time SDO Fall Time CLOAD = 20pF CLOAD = 20pF CLOAD = 20pF CLOAD = 20pF CLOAD = 20pF CONDITIONS

TI I G CHARACTERISTICS
fSMPL(MAX) Maximum Sampling Frequency
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: All voltage values are with respect to GND.
Note 3: Integral nonlinearity is defined as deviation of a code from a straight line passing through the actual endpoints of the transfer curve. The deviation is measured from the center of the quantization band. Note 4: Channel leakage current is measured while the part is in sample mode.
4
U
U
U
U WW
The denotes specifications which apply over the
LTC1864/LTC1865 MIN TYP MAX 4.75
UNITS V MHz s SCK SCK ns ns ns 1/fSCK 1/fSCK s SCK ns
5.25 20
DC 16 * SCK + tCONV 16 14 30 15 15 40% 40% tCONV 16 13
UW
LTC1864/LTC1865 MIN TYP MAX 2.75 250 15 30 30 5 10 8 4 20 25 60 60 3.2
UNITS s kHz ns ns ns ns ns ns ns
sn18645 18645fs
LTC1864/LTC1865 TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Sampling Frequency
1000 VCC = 5V TA = 25C CONV LOW = 800ns
1000
100
SUPPLY CURRENT (A)
SUPPLY CURRENT (A)
SLEEP CURRENT (nA)
10
1
0.1
0.01 0.01
0.1 10 100 1.0 SAMPLING FREQUENCY (kHz)
Reference Current vs Sampling Rate
60 50 VCC = 5V TA = 25C VREF = 5V CONV LOW = 800ns
REFERENCE CURRENT (A)
REFERENCE CURRENT (A)
40 30 20 10 0
52 51 50 49 48 47 46
REFERENCE CURRENT (A)
0
50
100 150 200 SAMPLE RATE (kHz)
Typical INL Curve
4 VCC = 5V TA = 25C VREF = 5V 2
DNL ERROR (LSBs) INL ERROR (LSBs)
ANALOG INPUT LEAKAGE (nA)
0
-2
-4
0
16384
32768 CODE
49152
UW
1864/65 G01
1864/65 G04
Supply Current vs Temperature
1000 900
800
Sleep Current vs Temperature
CONV = VCC = 5V
800 700 600 500 400 300 200 100 0 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125
600
400 VCC = 5V VREF = 5V fSAMPLE = 250kHz CONV HIGH = 3.2S -25 50 25 0 75 TEMPERATURE (C) 100 125
200
1000
0 -50
1864/65 G02
1864/65 G03
Reference Current vs Temperature
55 VCC = 5V 54 VREF = 5V f = 250kHz 53 S
60 50 40 30 20 10 0
Reference Current vs Reference Voltage
VCC = 5V TA = 25C fS = 250kHz
250
45 -50 -25
50 25 0 75 TEMPERATURE (C)
100
125
0
1
2
3 VREF (V)
4
5
1864/65 G06
1864/65 G05
Typical DNL Curve
2
100
Analog Input Leakage Current vs Temperature
VCC = 5V VREF = 5V CONV = 0V
VCC = 5V TA = 25C VREF = 5V
1
75
0
50
-1
25
65536
1864/65 G07
-2
0
16384
32768 CODE
49152
65536
1864/65 G08
0 -50 -25
0
25
50
75
100
125
TEMPERATURE (C)
1864/65 G09
sn18645 18645fs
5
LTC1864/LTC1865 TYPICAL PERFOR A CE CHARACTERISTICS
Change in Offset Error vs Reference Voltage
75
CHANGE IN OFFSET ERROR (LSB)
CHANGE IN OFFSET (LSB)
3 2 1 0 -1 -2 -3 -4
CHANGE IN GAIN ERROR (LSB)
50
25
0
-25
0
1
3 4 2 REFERENCE VOLTAGE (V)
Change in Gain Error vs Temperature
5 4
CHANGE IN GAIN ERROR (LSB)
VCC = 5V VREF = 5V
3 2 1 0 -1 -2 -3 -4 -5 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125
FREQUENCY
AMPLITUDE (dB)
SINAD vs Frequency
100 90 80 70 SINAD (dB) 60 50 40 30 20 10 0 1 10 FIN (kHz)
1864/5 G16
SFDR (dB)
THD (dB)
100
6
UW
VCC = 5V TA = 25C
1864/65 G13
Change in Offset vs Temperature
5 VCC = 5V 4 VREF = 5V
20
Change in Gain Error vs Reference Voltage
VCC = 5V 15 TA = 25C 10 5 0 -5 -10 -15
5
1864/65 G10
-5 -50
-25
50 25 0 75 TEMPERATURE (C)
100
125
-20 0 1 4 3 2 REFERENCE VOLTAGE(V) 5
1864/65 G12
1864/65 G11
Histogram of 4096 Conversions of a DC Input Voltage
1800 1600 1400 1200 1000 800 600 400 200 0 0 0 0 1 CODE 2 127 12 3 0 4 0 5 -4 -3 -2 -1 -120 -140 729 516 1178 1534 VCC = 5V TA = 25C VREF = 5V 0 -20 -40 -60 -80
4096 Point FFT Nonaveraged
fS = 203.125kHz fIN = 99.72763kHz VCC = 5V VREF = 5V TA = 25C
-100
0
20
40 60 80 FREQUENCY (kHz)
100
120
1864/65 G14
1864/65 G15
THD vs Frequency
0 SNR -10 -20 SINAD -30 -40 -50 -60 -70 VCC = 5V VREF = 5V TA = 25C VIN = 0dB 1000 -80 -90 -100 1 10 FIN (kHz)
1864/5 G17
SFDR vs Frequency
100 90 80 70 60 50 40 30 VCC = 5V VREF = 5V TA = 25C VIN = 0dB 1 10 FIN (kHz)
1864/5 G18
VCC = 5V VREF = 5V TA = 25C VIN = 0dB 100 1000
20 10 0 100
1000
sn18645 18645fs
LTC1864/LTC1865
PI FU CTIO S
LTC1864 VREF (Pin 1): Reference Input. The reference input defines the span of the A/D converter and must be kept free of noise with respect to GND. IN +, IN- (Pins 2, 3): Analog Inputs. These inputs must be free of noise with respect to GND. GND (Pin 4): Analog Ground. GND should be tied directly to an analog ground plane. CONV (Pin 5): Convert Input. A logic high on this input starts the A/D conversion process. If the CONV input is left high after the A/D conversion is finished, the part powers LTC1865 (MSOP Package) CONV (Pin 1): Convert Input. A logic high on this input starts the A/D conversion process. If the CONV input is left high after the A/D conversion is finished, the part powers down. A logic low on this input enables the SDO pin, allowing the data to be shifted out. CH0, CH1 (Pins 2, 3): Analog Inputs. These inputs must be free of noise with respect to AGND. AGND (Pin 4): Analog Ground. AGND should be tied directly to an analog ground plane. DGND (Pin 5): Digital Ground. DGND should be tied directly to an analog ground plane. SDI (Pin 6): Digital Data Input. The A/D configuration word is shifted into this input. LTC1865 (SO-8 Package) CONV (Pin 1): Convert Input. A logic high on this input starts the A/D conversion process. If the CONV input is left high after the A/D conversion is finished, the part powers down. A logic low on this input enables the SDO pin, allowing the data to be shifted out. CH0, CH1 (Pins 2, 3): Analog Inputs. These inputs must be free of noise with respect to GND. GND (Pin 4): Analog Ground. GND should be tied directly to an analog ground plane. SDI (Pin 5): Digital Data Input. The A/D configuration word is shifted into this input. SDO (Pin 6): Digital Data Output. The A/D conversion result is shifted out of this output. SCK (Pin 7): Shift Clock Input. This clock synchronizes the serial data transfer. VCC (Pin 8): Positive Supply. This supply must be kept free of noise and ripple by bypassing directly to the analog ground plane. VREF is tied internally to this pin.
sn18645 18645fs
U
U
U
down. A logic low on this input enables the SDO pin, allowing the data to be shifted out. SDO (Pin 6): Digital Data Output. The A/D conversion result is shifted out of this pin. SCK (Pin 7): Shift Clock Input. This clock synchronizes the serial data transfer. VCC (Pin 8): Positive Supply. This supply must be kept free of noise and ripple by bypassing directly to the analog ground plane.
SDO (Pin 7): Digital Data Output. The A/D conversion result is shifted out of this output. SCK (Pin 8): Shift Clock Input. This clock synchronizes the serial data transfer. VCC (Pin 9): Positive Supply. This supply must be kept free of noise and ripple by bypassing directly to the analog ground plane. VREF (Pin 10): Reference Input. The reference input defines the span of the A/D converter and must be kept free of noise with respect to AGND.
7
LTC1864/LTC1865
FUNCTIONAL BLOCK DIAGRA
PIN NAMES IN PARENTHESES REFER TO LTC1865
CONVERT CLK
IN (CH0)
+
IN - (CH1)
GND
TEST CIRCUITS
Load Circuit for t dDO, t r, t f, t dis and t en
TEST POINT
3k SDO 20pF
VCC tdis WAVEFORM 2, ten tdis WAVEFORM 1
1864 TC01
Voltage Waveforms for t en
CONV
CONV
SDO ten
1864 TC03
Voltage Waveforms for SDO Delay Times, t dDO and t hDO
SCK VIL tdDO thDO VOH SDO VOL
1864 TC02
8
W
VCC CONV (SDI) SCK BIAS AND SHUTDOWN DATA IN 16 BITS SERIAL PORT SDO
U
U
+ -
16-BIT SAMPLING ADC
DATA OUT
1864/65 BD
VREF
Voltage Waveforms for SDO Rise and Fall Times, t r, t f
VOH VOL tr tf
SDO
1864 TC04
Voltage Waveforms for t dis
VIH
SDO WAVEFORM 1 (SEE NOTE 1) tdis SDO WAVEFORM 2 (SEE NOTE 2)
90%
10%
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL
1864 TC05
sn18645 18645fs
LTC1864/LTC1865
APPLICATIO S I FOR ATIO
LTC1864 OPERATION Operating Sequence
The LTC1864 conversion cycle begins with the rising edge of CONV. After a period equal to t CONV, the conversion is finished. If CONV is left high after this time, the LTC1864 goes into sleep mode drawing only leakage current. On the falling edge of CONV, the LTC1864 goes into sample mode and SDO is enabled. SCK synchronizes the data transfer with each bit being transmitted from SDO on the falling SCK edge. The receiving system should capture the data from SDO on the rising edge of SCK. After completing the data transfer, if further SCK clocks are applied with CONV low, SDO will output zeros indefinitely. See Figure 1.
CONV tCONV SLEEP MODE 1 SCK 2 3 4 5 6 7
SDO Hi-Z
Figure 1. LTC1864 Operating Sequence
1F VCC
1111111111111111 1111111111111110
* * *
0000000000000001 0000000000000000 VIN*
*VIN
= IN + - IN -
Figure 2. LTC1864 Transfer Curve
U
Analog Inputs The LTC1864 has a unipolar differential analog input. The converter will measure the voltage between the "IN + " and "IN - " inputs. A zero code will occur when IN+ minus IN - equals zero. Full scale occurs when IN+ minus IN - equals VREF minus 1LSB. See Figure 2. Both the "IN+ " and "IN - " inputs are sampled at the same time, so common mode noise on the inputs is rejected by the ADC. If "IN - " is grounded and VREF is tied to VCC, a rail-to-rail input span will result on "IN+ " as shown in Figure 3. Reference Input The voltage on the reference input of the LTC1864 defines the full-scale range of the A/D converter. The LTC1864 can operate with reference voltages from VCC to 1V.
t SMPL 8 9 10 11 12 13 14 15 16 B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0* Hi-Z *AFTER COMPLETING THE DATA TRANSFER, IF FURTHER SCK CLOCKS ARE APPLIED WITH CONV LOW, THE ADC WILL OUTPUT ZEROS INDEFINITELY
1854 F01
W
UU
0V 1LSB
LTC1864 1 VIN = 0V TO VCC 2 3 4
VREF VREF - 1LSB VREF - 2LSB
VREF IN + IN - GND
VCC SCK SDO CONV
8 7 6 5
1864 F03
SERIAL DATA LINK TO ASIC, PLD, MPU, DSP OR SHIFT REGISTERS
1864 F02
Figure 3. LTC1864 with Rail-to-Rail Input Span
sn18645 18645fs
9
LTC1864/LTC1865
APPLICATIO S I FOR ATIO
LTC1865 OPERATION Operating Sequence The LTC1865 conversion cycle begins with the rising edge of CONV. After a period equal to t CONV, the conversion is finished. If CONV is left high after this time, the LTC1865 goes into sleep mode drawing only leakage current. The LTC1865's 2-bit data word is clocked into the SDI input on the rising edge of SCK after CONV goes low. Additional inputs on the SDI pin are then ignored until the next CONV cycle. The shift clock (SCK) synchronizes the data transfer with each bit being transmitted on the falling SCK edge and captured on the rising SCK edge in both transmitting and receiving systems. The data is transmitted and received simultaneously (full duplex). After completing the data transfer, if further SCK clocks are applied with CONV low, SDO will output zeros indefinitely. See Figure 4. Analog Inputs The two bits of the input word (SDI) assign the MUX configuration for the next requested conversion. For a given channel selection, the converter will measure the voltage between the two channels indicated by the "+" and "-" signs in the selected row of the following table. In
CONV tCONV SLEEP MODE
SDI
DON'T CARE
SCK
SDO
Hi-Z *AFTER COMPLETING THE DATA TRANSFER, IF FURTHER SCK CLOCKS ARE APPLIED WITH CONV LOW, THE ADC WILL OUTPUT ZEROS INDEFINITELY
Figure 4. LTC1865 Operating Sequence
10
U
single-ended mode, all input channels are measured with respect to GND. A zero code will occur when the "+" input minus the "-" input equals zero. Full scale occurs when the "+" input minus the "-" input equals VREF minus 1LSB. See Figure 5. Both the "+" and "-" inputs are sampled at the same time so common mode noise is rejected. The input span in the SO-8 package is fixed at VREF = VCC. If the "-" input in differential mode is grounded, a rail-to-rail input span will result on the "+" input. Reference Input The reference input of the LTC1865 SO-8 package is internally tied to VCC. The span of the A/D converter is therefore equal to VCC. The voltage on the reference input of the LTC1865 MSOP package defines the span of the A/D converter. The LTC1865 MSOP package can operate with reference voltages from 1V to VCC.
Table 1. Multiplexer Channel Selection
MUX ADDRESS SGL/DIFF ODD/SIGN 0 1 1 1 0 0 1 0 CHANNEL # 0 1 + + + - - + GND - - SINGLE-ENDED MUX MODE DIFFERENTIAL MUX MODE
1864 TBL1
W
UU
t SMPL
S/D O/S 1 2 3 4 5 6 7
DON'T CARE 8 9 10 11 12 13 14 15 16
B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0*
Hi-Z
1864 F04
sn18645 18645fs
LTC1864/LTC1865
APPLICATIO S I FOR ATIO
GENERAL ANALOG CONSIDERATIONS Grounding
The LTC1864/LTC1865 should be used with an analog ground plane and single point grounding techniques. Do not use wire wrapping techniques to breadboard and evaluate the device. To achieve the optimum performance, use a printed circuit board. The ground pins (AGND and DGND for the LTC1865 MSOP package and GND for the LTC1864 and LTC1865 SO-8 package) should be tied directly to the analog ground plane with minimum lead length. Bypassing For good performance, the VCC and VREF pins must be free of noise and ripple. Any changes in the VCC/VREF voltage with respect to ground during the conversion cycle can
1111111111111111 1111111111111110
* * *
0000000000000001 0000000000000000 VIN*
*VIN = (SELECTED "+" CHANNEL) - (SELECTED "-" CHANNEL) REFER TO TABLE 1
Figure 5. LTC1865 Transfer Curve
U
induce errors or noise in the output code. Bypass the VCC and VREF pins directly to the analog ground plane with a minimum of 1F tantalum. Keep the bypass capacitor leads as short as possible. Analog Inputs Because of the capacitive redistribution A/D conversion techniques used, the analog inputs of the LTC1864/ LTC1865 have capacitive switching input current spikes. These current spikes settle quickly and do not cause a problem if source resistances are less than 200 or high speed op amps are used (e.g., the LT(R)1211, LT1469, LT1807, LT1810, LT1630, LT1226 or LT1215). But if large source resistances are used, or if slow settling op amps drive the inputs, take care to ensure the transients caused by the current spikes settle completely before the conversion begins.
1LSB VCC VCC - 1LSB VCC - 2LSB
1864 F05
W
UU
0V
sn18645 18645fs
11
LTC1864/LTC1865
R7 51 0PT C4 0.1F RN1 330 R5 402, 1% C21 47pF U8A 74AC14 R1 510 C7 390pF C9 180pF R6 402 1% C22 47pF U8B 74AC14 U3 LTC1864CMS8 C8 1000pF OPT 1 V 2 REF IN+ 3 IN- 4 GND 8 VCC 7 SCK 6 SDO 5 CONV 1 2 3 4 8 7 6 5
C5 15V 0.1F
JP1
C3 10F 6.3V 1206 2
+
JP2
AGND
-
U4 5VDIG 74HC595ADT 16 QB V 15 CC QC QA 14 QD A 13 QE OENB 12 QF LCLK 11 QG SCLK 10 RESET QH 9 GND SQH 1 2 3 4 5 6 7 8
E9
APPLICATIO S I FOR ATIO
IN - C11 390pF C12 1000pF OPT
R8 51 0PT
2 JP3 1
ANALOG GROUND PLANE
5VDIG 5VDIG C23 0.1F C24 0.1F
16 15 14 13 12 11 10 9
QB VCC QC QA QD A QE OENB QF LCLK QG SCLK RESET QH GND SQH
1 2 3 4 5 6 7 8
39 37 35 33 31 29 27 25 23 21 19 17 15 13 11 9 7 5 3 1
40 38 36 34 32 30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 C15 5VDIG 0.1F U5 74HC595ADT U9C 74AC00 U9D 74AC00
U9B 74AC00 2
U12A 74AC109 16 6 2 VCC Q J 7 3 Q K 4 CLK 1 CLR 8 5 GND PRE 5VDIG C16 0.1F C17 0.1F 5VDIG 5VDIG
U12B 74AC109 16 14 10 VCC JP4 Q J 13 91 Q K 12 CLK 15 CLR 11 8 GND PRE
C25 5VDIG 0.1F
E2
CONV E3 ENABLE DATA E7 DGND U8D 74AC14 U8E 74AC14 U8F 74AC14 2 JP5 1 E6 E4 E5 DGND DOUT
U9A 74AC00
5VDIG U7 74HC163AD R12 10k 5VDIG
5VDIG
2
4
6
U6 74HC163AD
C18 0.1F 1 OUT DIV 5 1+ V 2 GND 3 SET 4 3 JP6 2 1 3 2 JP7
CLKOUT J3 CLKIN U10 LTC1799 C19 5VDIG 0.1F R9 51
JP8
1
3
5
2
4
6
1 2 3 4 5 6 7 8 VCC RCO Q0 Q1 Q2 Q3 ENT LO R10 20k 1 2 3 4 5 6 7 8 RESET CLK P0 P1 P2 P3 ENP GND VCC RCO Q0 Q1 Q2 Q3 ENT LO 16 15 14 13 12 11 10 9
JP9
RESET CLK P0 P1 P2 P3 ENP GND
16 15 14 13 12 11 10 9
U8C 74AC14
U13A 74AC32
U13D 74AC32
1
3
5 CLK U13B 74AC32 U13C 74AC32
NOTES: UNLESS OTHERWISE SPECIFIED INSTALL SHUNTS ON JP1, JP3-JP7 PIN 1 AND PIN2; ON JP8 AND JP9 PIN 2 AND PIN 4, PIN 3 AND PIN 5.
1864/65 AI1
U
J2
C6 -15V 0.1F R2 510 C10 680pF OPT
IN -
W
E8
U2 OPT
1
UU
J4 3201S40G1
12
LTC1864 Evaluation Circuit Schematic
15V 1 VIN C26 10F 6.3V 1206 3 C1 0.1F 5VAN C2 1F 10V 0805 VOUT GND 2 R4 2 C13 0.1F C14 0.1F R3 2 5VAN 5VDIG 5VDIG 5VDIG 2
E1
15V
15V
2
VIN
C27 0.1F
6 VOUT U1 GND LT1021-5 4
J1
IN +
IN +
1
sn18645 18645fs
LTC1864/LTC1865
APPLICATIO S I FOR ATIO
Component Side Silk Screen for LTC1864 Evaluation Circuit
Component Side Showing Traces (Note Wider Traces on Analog Side)
Ground Layer with Separate Analog and Digital Grounds
U
Bottom Side Showing Traces (Note Almost No Analog Traces on Board Bottom) Supply Layer with 5V Digital Supply and Analog Ground Repeated
sn18645 18645fs
W
UU
13
LTC1864/LTC1865
APPLICATIO S I FOR ATIO
5VAN C3 10F 6.3V 1206 1V to 5V REFERENCE 0V to VREF INPUT C4 0.1F
1 V 2 REF IN+ 3 IN- 4 GND
U3 LTC1864CMS8
ANALOG GROUND PLANE
5VDIG C23 0.1F 5VDIG C24 0.1F
U9B 74AC00
U12A 74AC109 16 6 2 VCC Q J 7 3 Q K 4 CLK 1 CLR 8 5 GND PRE
v
U9A 74AC00 5VDIG
5VDIG C16 0.1F
5VDIG C17 0.1F
v
5VDIG U6 74HC163AD 1 2 3 4 5 6 7 8 RESET CLK P0 P1 P2 P3 ENP GND VCC RCO Q0 Q1 Q2 Q3 ENT LO 16 15 14 13 12 11 10 9
U7 74HC163AD 1 2 3 4 5 6 7 8 RESET CLK P0 P1 P2 P3 ENP GND VCC RCO Q0 Q1 Q2 Q3 ENT LO 16 15 14 13 12 11 10 9
U10 LTC1799 100k 1+ V 2 GND 3 SET OUT DIV 5 4
v
U13C 74AC32 CLK
v
U13B 74AC32
Figure 6. LTC1864 Manchester Transmitter
14
U
U11 15V LT1121CST-5 1 VIN VOUT GND 2 5VAN 3 R4 2 5VDIG C26 10F 6.3V 1206 5VDIG 8 VCC 7 SCK 6 SDO 5 CONV RN1 330 1 2 3 4 8 7 6 5 LTC1485 1 RO 2 RE 3 DE 4 DI 8 VCC 7 B 6 A 5 GND 5VDIG 15V 120 4 CONDUCTOR TELEPHONE WIRES TO RECEIVER 4 1 U12B 74AC109 16 14 10 VCC Q J 13 9 Q K 12 CLK 15 CLR 11 8 GND PRE 5V 5 MC74VHC1G66 2 500 3 5VDIG 74AC74 5VDIG C18 0.1F PRE D CLK CLR 5VDIG 74AC74 PRE D CLK CLR Q Q 74AC86 Q Q
1864/65 AI2
W
UU
sn18645 18645fs
LTC1864/LTC1865
APPLICATIO S I FOR ATIO
VCC 4 DATA IN 2 CLK 3 1
IC1A 74AC74 PRE D CLK CLR Q 5
VCC
IC5C 74AC86
IC6D 74AC32
v
v
v
Q
6
10 12 CLK 11 13
PRE D CLK CLR
Q
v
9
v
Q
8
DATA DATA
IC1B 74AC74 VCC IC4C 74AC08 10 12 CLK 11 13 IC3B 74AC74 PRE D CLK CLR Q9 8 STROBE
v
RECEIVE CLOCK AT 8 X TRANSMIT CLOCK FREQUENCY
U1 LTC1485 1 RO 2 RE 3 DE 4 DI 8 VCC 7 B 6 A 5 GND
VCC VCC
13 OPTIONAL SERIAL TO PARALLEL CONVERTER
VCC 14 11
15V SUPPLY TO TRANSMITTER
v
4 CONDUCTOR TELEPHONE WIRES TO TRANSMITTER
R1 120
13 9
DATA
v
Q
v
Figure 7. LTC1864 Manchester Receiver
U
VCC IC4A 74AC08 IC2A 74AC74 4 2 CLK 3 1 PRE D CLK CLR Q 5 VCC 10 12 CLK 11 13 IC2B 74AC74 PRE D CLK CLR Q 9 VCC IC4B 74AC08 4 2 CLK 3 1 IC3A 74AC74 PRE D CLK CLR Q 5 Q 6 Q 8 Q 6 IC6C 74LS32D IC4D 74AC08 Q IC8 74AC595 14 11 10 12 SER SCK SCL RCK QA QB QC QD QE QF QG QH QHIN 15 1 2 3 4 5 6 7 9 D15 D14 D13 D12 D11 D10 D9 D8 8 IC9 74AC595 SER SCK SCL RCK QA QB QC QD QE QF QG QH QHIN 15 1 2 3 4 5 6 7 9 D7 D6 D5 D4 D3 D2 D1 D0 STROBE IC7B 74AC109 11 14 12 13 15 PRE J CLK K CLR Q 10 10 12 8
1864/65 AI3
W
UU
sn18645 18645fs
15
LTC1864/LTC1865
APPLICATIO S I FOR ATIO
Transmit LTC1864 Data Over Modular Telephone Wire Using Simple Transmitter/Receiver Figure 6 shows a simple Manchester encoder and differential transmitter suitable for use with the LTC1864. This circuit allows transmission of data over inexpensive telephone wire. This is useful for measuring a remote sensor, particularly when the cost of preserving the analog signal over a long distance is high. Manchester encoding is a clock signal that is modulated by exclusive ORing with the data signal. The resulting signal contains both clock and data information and has an average duty cycle of 50%, that also allows transformer coupling. In practice, generating a Manchester encoded signal with an XOR gate will often produce glitches due to the skew between data and clock transitions. The D flipflops in this encoder retime the clock and data such that the respective edges are closely aligned, effectively suppressing glitches. The retimed data and clock are then XORed to produce the Manchester encoded data, which is interfaced to telephone wire with an LTC1485 RS485 transceiver. In order to synchronize to incoming data, the receiver needs a sequence to indicate the start of a data word. The transmitter schematic shows logic that will produce 31
16
U
zeros, a start bit, followed by the 16 data bits (one sample every 48 clock cycles) at a clock frequency of 1MHz set by the LTC1799 oscillator. Sending at least 18 zeros before each start bit ensures that if synchronization is lost, the receiver can resynchronize to a start bit under all conditions. The serial to parallel converter shown in Figure 7 requires 18 zeros to avoid triggering on data bits. The Manchester receiver shown in Figure 7 was adopted from Xilinx application note 17-30 and would typically be implemented in an FPGA. The decoder clock frequency is nominally 8 times the transmit clock frequency and is very tolerant of frequency errors. The outputs of the decoder are data and a strobe that indicates a valid data bit. The data can be deserialized using shift registers as shown. The start bit resets the J-K/flip-flop on its way into the first shift register. When it appears at the QHIN output of the second shift register, it sets the flip-flop that loads the parallel data into the output register. With AC family CMOS logic at 5V the receiver clock frequency is limited to 20MHz; the corresponding transmitter clock frequency is 2.5MHz. If the receiver is implemented in an FPGA that can be clocked at 160MHz, the LTC1864 can be clocked at its rated clock frequency of 20MHz.
sn18645 18645fs
W
UU
LTC1864/LTC1865
PACKAGE DESCRIPTIO
0.889 0.127 (.035 .005)
5.23 (.206) MIN
3.2 - 3.45 (.126 - .136)
0.42 0.04 (.0165 .0015) TYP
0.65 (.0256) BSC
RECOMMENDED SOLDER PAD LAYOUT
DETAIL "A" 0.18 (.077)
NOTE: 1. DIMENSIONS IN MILLIMETER/(INCH) 2. DRAWING NOT TO SCALE 3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS. INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
U
MS8 Package 8-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1660)
3.00 0.102 (.118 .004) (NOTE 3) 8 7 65 0.52 (.206) REF 0.254 (.010) GAUGE PLANE
1 23 4
DETAIL "A" 0 - 6 TYP
4.88 0.1 (.192 .004)
3.00 0.102 (.118 .004) NOTE 4
0.53 0.015 (.021 .006)
1.10 (.043) MAX
0.86 (.034) REF
SEATING PLANE
0.22 - 0.38 (.009 - .015)
0.65 (.0256) BCS
0.13 0.05 (.005 .002)
MSOP (MS8) 1001
sn18645 18645fs
17
LTC1864/LTC1865
PACKAGE DESCRIPTIO
0.889 0.127 (.035 .005)
5.23 (.206) MIN
3.2 - 3.45 (.126 - .136)
0.254 (.010) GAUGE PLANE
0.50 0.305 0.038 (.0197) (.0120 .0015) BSC TYP RECOMMENDED SOLDER PAD LAYOUT
NOTE: 1. DIMENSIONS IN MILLIMETER/(INCH) 2. DRAWING NOT TO SCALE 3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS. INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
18
U
MS Package 10-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1661)
3.00 0.102 (.118 .004) (NOTE 3) 10 9 8 7 6 0.497 0.076 (.0196 .003) REF
DETAIL "A" 0 - 6 TYP
4.88 0.10 (.192 .004)
3.00 0.102 (.118 .004) NOTE 4
12345 0.53 0.01 (.021 .006)
DETAIL "A" 0.18 (.007) SEATING PLANE
1.10 (.043) MAX
0.86 (.034) REF
0.17 - 0.27 (.007 - .011)
0.50 (.0197) TYP
0.13 0.05 (.005 .002)
MSOP (MS) 1001
sn18645 18645fs
LTC1864/LTC1865
PACKAGE DESCRIPTIO
0.010 - 0.020 x 45 (0.254 - 0.508) 0.008 - 0.010 (0.203 - 0.254) 0- 8 TYP
0.014 - 0.019 (0.355 - 0.483) TYP *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
0.016 - 0.050 (0.406 - 1.270)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
S8 Package 8-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
0.189 - 0.197* (4.801 - 5.004) 8 7 6 5 0.228 - 0.244 (5.791 - 6.197) 0.150 - 0.157** (3.810 - 3.988)
SO8 1298
1
2
3
4
0.053 - 0.069 (1.346 - 1.752)
0.004 - 0.010 (0.101 - 0.254)
0.050 (1.270) BSC
sn18645 18645fs
19
LTC1864/LTC1865
TYPICAL APPLICATIO
Sample Two Channels Simultaneously with a Single Input ADC 4096 Point FFT of Output
0.1F f1 (0V TO 0.66V) 4.096V REF 28.7k 10k 10k 1F 5k 0.1F f2 (0V TO 2V) 5V 3 0.1F 100 100pF
1860 TA03
+
1/2 LT1492 5k
-
20k 5pF
2
8 VCC IN+ IN-
+ -
8
1 REF 7 SCK 6 LTC1864 SDO 5 CONV GND 4
1/2 LT1492 4
AMPLITUDE (dB)
RELATED PARTS
PART NUMBER 14-Bit Serial I/O ADCs LTC1417 LTC1418 16-Bit Serial I/O ADCs LTC1609 References LT1460 LT1790 Op Amps LT1468/LT1469 LT1806/LT1807 LT1809/LT1810 Single/Dual 90MHz, 16-Bit Accurate Op Amps Single/Dual 325MHz Low Noise Op Amps Single/Dual 180MHz Low Distortion Op Amps 22V/s Slew Rate, 75V/125V Offset 140V/s Slew Rate, 3.5nV/Hz Noise, - 80dBc Distortion 350V/s Slew Rate, - 90dBc Distortion at 5MHz Micropower Precision Series Reference Micropower Low Dropout Reference Bandgap, 130A Supply Current, 10ppm/C, Available in SOT-23 60A Supply Current, 10ppm/C, SOT-23 200ksps 65mW Configurable Bipolar or Unipolar Input Ranges, 5V 400ksps 200ksps 20mW 15mW 16-Pin SSOP, Unipolar or Bipolar, Reference, 5V or 5V Serial/Parallel I/O, Internal Reference, 5V or 5V SAMPLE RATE POWER DISSIPATION DESCRIPTION
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507
U
5V 4.096V REF 0.1F 1F 100 100pF 0.1F 1F
0 10 20 30 40 50 60 70 80 90 100 110 120 130 0 5
f1 = 7.507324kHz AT 530mVP-P f2 = 45.007324kHz AT 1.7VP-P fS = 100kHz
10 15 20 25 30 35 40 45 50 FREQUENCY (kHz)
1864/65 TA03b
sn18645 18645fs LT/TP 0502 2K * PRINTED IN USA
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2001


▲Up To Search▲   

 
Price & Availability of LTC1865ACMS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X