Part Number Hot Search : 
IRF1010N 64160 CONTROLS SB390 A476M2 HYAAM IRFF110 RF923
Product Description
Full Text Search
 

To Download LL4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
HIGH SPEED SILICON SWITCHING DIODES
LL4148 LL4448 SOD - 80C Mini MELF (LL- 34 )
Polarity: Cathode is indicated by a black band
Hermetically Sealed, Glass Silicon Diodes
ABSOLUTE MAXIMUM RATINGS DESCRIPTION Peak Repetitive Reverse Voltage Reverse Voltage (Continuous) Average Rectified Forward Current Forward Current (DC) Repetitive Peak Forward Current Non Repetitive Peak Surge Current t=1 s t=1 s Power Dissipation up to Tamb=25 C Derating factor Operating & Storage Junction Temperature Range SYMBOL VRRM VR IF (av) IF IFRM IFSM IFSM Ptot Tj, Tstg VALUE 100 75 150 200 450 2000 500 500 2.85 - 65 to +200 UNIT V V mA mA mA mA mA mW mW/K C
ELECTRICAL CHARACTERISTICS (Ta=25 C Unless Otherwise Specified) DESCRIPTION Forward Voltage SYMBOL TEST CONDITION VF IF=10mA IF=5mA IF=100mA VR=20V VR=75V VR=20V, Tj=100 C, Reverse Breakdown Voltage DYNAMIC CHARACTERISTICS Diode Capacitance Forward Recovery Voltage Reverse Recovery Time VBR VR=20V, Tj=150 C IR=100A LL4148 LL4448 LL4448 MIN MAX 1.0 0.72 1.0 25 5.0 3.0 50 100 UNIT V
0.62
Reverse Current
IR
nA A A A V
LL4448
Cd Vfr trr
VR=0V, f=1MHz IF=50mA, tr=20ns IF=10mA, to IR=60mA RL=100 Measured @ IR=1mA
4.0 2.5 4.0 .
pF V ns
LL4148 LL4448 SOD - 80C Mini MELF (LL- 34 ) SOD 80C (LL-34) Mini MELF Hermetically Sealed Glass Package
3.30 - 3.70 0.30 R0.10 0.30
Identification Label Part Number Date Code Quantity
10.4 8.4
o1.35 -- 1.45
o1.42 - 1.50
0.5 1.5 4.5 180 OR 330
R
3.5
12.9
12.6
63.5 2.0 1.4
120
Cathode band
All dimensions are in mm
TAPE & REEL 2.5
MAX
Reel o No. of Device
180 mm (7") 2,500
330 mm (13") 10,000
De-reeling direction 0.2 2.0 0.05 0.2 4.0 5.50 5.25 0.3 8.00
3.50
0.3 MAX
o1.6 o1.4 De-reeling direction
Notes :1. M aximum of 0.5% of the total number of components per reel may be missingexclusively at the beginning and at the end of the reel. 2. A maximum of three consecutive components may be missing, provided this gap is followed by six consecutive components.
160mm (40 empty compartments) Tape leader/carrier leader
1.85
1.65
300mm (75 empty compartments) Carrier trailer
Packing Detail
PACKAGE Details SOD-80C T&R 2.5K/ reel 10K/ reel STANDARD PACK Net Weight/ Qty 100 gm/ pcs 3K 400 gm/ 10K pcs Size 3" x 7.5" x 7.5" 13" x 13" x 0.5" INNER CARTON BOX Qty 10.0K 10.0K Size 17" x 15" x 13.5" 17" x 15" x 13.5" OUTER CARTON BOX Qty 160.0K 300.0K Gr Wt 10 kgs 15 kgs
60.5


▲Up To Search▲   

 
Price & Availability of LL4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X