Part Number Hot Search : 
BAW56 V800B STF3060C UPC2910T 3QL60AQ 2A222 MC74F157 1N961C
Product Description
Full Text Search
 

To Download LL4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LL4148
FAST SWITCHING SURFACE MOUNT DIODES
VOLTAGE
100 Volts
POWER
500 mWatts
MINI-MELF/LL-34
Unit : inch (mm)
FEATURES
* Fast switching Speed. * Surface Mount Package Ideally Suited For Automatic Insertion. * Silicon Epitaxal Planar Construction. * In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
* Case: Mini Melf, Glass * Terminals: Solderable per MIL-STD-750, Method 2026 * Polarity: Cathode Band * Marking: Cathode Band Only * Weight: 0.03 grams * Packing information T/R - 2.5K per 7" plastic reel T/R - 10K per 13" plastic reel
.020(0.5) .012(0.3) .146(3.7) .130(3.3)
.020(0.5) .012(0.3)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25C unless otherwise noted)
PARAMETER
Peak Reverse Voltage Maximum Average Forward Current at Ta=25 Surge Forward Current at t < 1s and Tj= =25 Power Dissipation at Tamb= 25
O O
SYMBOL VRM
C And f >50Hz
LL4148
100 150 500 500 1.0 25 5 50 4 4 300 -65 to +175
.055(1.4)DIA.
.063(1.6)
UNITS
V mA mA mW V nA A A pF ns
O
IAV IFSM PTOT VF IR CJ trr RJ A TJ,TS
O
C
C
Maximum Forward Voltage at IF =10mA Maximum Leakage Current at VR =20V at VR =75V at VR =20V ,TJ= 150O C Maximum Capacitance at VF =VR =0 Maximum Reverse Recovery Time From IF =-IR =10mA to IR R =-1mA ,VR =6V RL =100 Maximum Thermal Resistance Junction Temperature and Storage Temperature Range
C/W
O
C
NOTE: 1. CJ at VR=0, f=1MHZ 2. From IF=10mA to IR=1mA, VR=6Volts, RL=100
STAD-JUL.31.2007
PAGE . 1
LL4148
RATING A ND CHARACTERISTIC CURVES
A
10
2
I
v=tp / T T =1/fp tp IFRM T t
IFRM
10 1
V=0 V=0.1
10
0
V=0.2 V=0.3
10 -1 10 -5
10 -4
10 -3
10 -2
10 -1
10 0
10 1
S
tp
Fig.1 A DMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION
10
4
10
3
T J =25 C f=1KHz
O
FORWARD RESISTANCE, W
10
3
FORWARD CURRENT, mA
10
2
10
1
10
2
10
0
10
1
10
-1
T J =100 C~T J =25 C
O
O
10 10 -2
0
10
-2
10 -1
10 0
10 1
10 2
0
1
FORWARD VOLTAGE, VOLTS
2
FORWARD CURRENT, mA
Fig.2-DYNAMIC FORWARD RESISTANCE VERSUS FORWARD CURRENT
Fig.3 FORWARD CHARACTERISTICS
POWER DISSIPATION, mW
1.1
500
T J =25 O C f=1KHz
300
CAPACITANCE, pF
100 200
1.0
0.9
0.8
100
0.7
0
AMBIENT TEMPERATURE
0
2
4
6
8
1.0
REVERSE VOLTAGE, VOLTS
Fig.4 DERATING CURVE
Fig.5 TYPICAL JUNCTION CAPACITANCE
STAD-JUL.31.2007
PAGE . 2
LL4148
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 10K per 13" plastic Reel T/R - 2.5K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2007
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-JUL.31.2007
PAGE . 3


▲Up To Search▲   

 
Price & Availability of LL4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X