Part Number Hot Search : 
JANSR 602M15 M36W0R LTC2861 10PBF V585ME05 SMCJ11CA LTM4601A
Product Description
Full Text Search
 

To Download KBPC606 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
6.0 Amp SINGLE PHASE SILICON BRIDGE
Mechanical Dimensions
KBPC600 . . . 610 Series
Description
Mechanical Data: Weight - 0.3 Ounces. Mounting Torque 5.1 lbs. Mounting Position - Any.
Features
n COMPACT SIZE n LOW LEAKAGE CURRENT n 150 AMP SURGE OVERLOAD RATING n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25oC. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) TC = 50C, Alum. Heat Sink (5.5" x 6.0" x 0.11" Plate) TA = 45C, PCB Mounting Non-Repetitive Peak Forward Surge Current...IFSM 8.3 mS Single 1/2 Sine Wave Imposed on Rated Load Point Rating for Fusing...(T < 8.3 mS) Forward Voltage...VF Bridge Element @ 3.0 Amps DC Reverse Current...IR @ Rated DC Blocking Voltage TA = 25C TA =125C
KBPC600...610 Series KBPC600 KBPC601 KBPC602 KBPC604 KBPC606 KBPC608 KBPC610 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000
Units
Volts Volts Volts
............................................. 6.0 ............................................... ............................................. 3.0 ............................................... ............................................. 175 ............................................... ............................................. 127 ............................................... ............................................. 1.0 ...............................................
Amps Amps Amps A2 S Volts
............................................. 5.0 ............................................... ............................................. 500 ............................................... < ................... 1 8 6 .................... > < ............. 9 0 ........... > ......................................... -55 to 150 ..........................................
Amps Amps pF C
Typical Thermal Resistance...RJC (Alum Heat Sink) Typical Junction Capacitance...CJ Operating & Storage Temperature Range...TJ, TSTRG
............................................. 8.0 ............................................... C / W / Leg
Page 3-21
Data Sheet
6.0 Amp SINGLE PHASE SILICON BRIDGE
Forward Current Derating Curve
Non-Repetitive Peak Forward Surge Current
Amps
300 Amps 200 100 1 Lead Temperature (C) 10 Number of Cycles @ 60 HZ 100
Typical Instantaneous Forward Characteristics 100
Typical Reverse Characteristics
10 Amps TJ = 25C 1 Amps
0
.7
.9
1.1 1.3 Volts
1.5 Percent of Rated Peak Voltage
Typical Junction Capacitance 1000
Electrical Description
100
AC In
Ratings at 25 Deg. C ambient temperature unless otherwise specified.
pF
10 .1 1.0 10 100 Reverse Voltage (Volts)
DC Out
Single Phase Half Wave, 60 HZ Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Page 3-22
KBPC600 . . . 610 Series


▲Up To Search▲   

 
Price & Availability of KBPC606

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X