Part Number Hot Search : 
MCD414 4D18R 1N5027A 2N381 TK11A50D DTA124 MC101 Q6290
Product Description
Full Text Search
 

To Download KBL400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBL400 ~ KBL4010
IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER
VOLTAGE
FEATURES
50 to 1000 Volts
CURRENT
4.0 Amperes
* Plastic material has Underwriters Laboratory Flammability Classification 94V-O * Ideal for printed circuit board * Reliable low cost construction utilizing molded plastic technique * Surge overload rating: 200 Amperes peak * Pb free product are available : 99% Sn above can meet RoHS environment
substance directive request
MECHANICAL DATA
Terminals: Leads solderable per MIL-STD-750, Method 2026 Mounting position: Any Weight: 0.2 ounce, 5.6 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. For Capacitive load derate current by 20%.
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a x i m u m R M S B r i d g e In p u t V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt F o r R e s i s t i ve L o a d a t TA = 5 0 OC P e a k O ne C yc l e S ur g e O ve r l o a d C ur r e nt M a xi m um F o r w a r d V o l t a g e p e r B r i d g e E l e m e nt a t 4 . 0 A M a xi m um R e ve r s e L e a k a g e C ur r e nt a t R a t e d @ T A = 2 5 OC D c B l o c k i ng V o l t a g e @ T A = 1 0 0 OC I2 t R a t i n g f o r f u s i n g ( t < 8 . 3 5 m s ) Ty p i c a l T h e r m a l R e s i s t a n c e p e r l e g ( N o t e 1 ) (No te 2 ) O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e S YM B O L K B L 4 0 0 K B L 4 0 1 K B L 4 0 2 K B L 4 0 4 K B L 4 0 6 K B L 4 0 8 K B L 4 0 1 0 V RRM V RMS V DC IF ( A V ) IF S M VF IR I2 t R J A R J L T J , T S TG 50 35 50 100 70 100 200 140 200 400 280 400 4 .0 200 1 .1 10 1000 93 19 2 .4 -5 5 to + 1 5 0
O
U N IT S V V V A A V A A2t C /W
O
600 420 600
800 560 800
1000 700 1000
C
NOTES: 1. Thermal resistance from junction to ambient with units mounted on 0.3 x 0.3 x 0.11" thick( 7.5 x 7.5 x 0.3cm) AL Plate. 2. Thermal resistance from junction to lead with units mounted on P.C.B with 0.375"( 9.5mm) lead length and 0.5 x 0.5" ( 12 x 12 mm) copper pads.
STAD-OCT.28.2005
PAGE . 1
KBL400 ~ KBL4010
RATING AND CHARACTERISTIC CURVES
100
6.0
INSTANTANEOUS FWD CURRENT, AMPERES
AVERAGE FORWARD CURRENT AMPERES
40 20 10 4.0 2.0 1.0
O
4.0
2.0
TA= 25 O C
T J =25 C Pulse Width=300us 1% DULY Cycle
0 0 50 100 150
0.4 0.2 0.1 0.8 0.9 1.0 1.1
1.2
1.3
1.4
1.5
AMBIENT TEMPERATURE, OC INSTANTANEOUS FWD VOLTAGE, VOLTS
FIG.1 DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
100
FIG.2 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT,uA
FORWARD SURGE CURRENT, AMPERES pk (HALF SINE-WAVE)
200
T A =100 C 10
O
160
120
80
1.0 T A =25 C
O
40
T A =105 C
0 1 2 6 10 20 40 60 100
O
0.1 0 20 40 60 80 100 120 140
PERCENT OF PEAK REVERSE VOLTAGE
NO. OF CYCLES AT 60Hz
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.4 MAX NON-REPETITIVE SURGE CURRENT
LEGAL STATEMENT
Copyright PanJit International, Inc 2005
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-OCT.28.2005
PAGE . 2


▲Up To Search▲   

 
Price & Availability of KBL400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X