Part Number Hot Search : 
ML9040 1SS303 C90GK1 R1105W 03800 ACS132D NTHS5443 JKC6761
Product Description
Full Text Search
 

To Download IRLR2908PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95552A
AUTOMOTIVE MOSFET
Features
l l l l l l l
HEXFET(R) Power MOSFET
D
IRLR2908PBF IRLU2908PbF
VDSS = 80V RDS(on) = 28m
Advanced Process Technology Ultra Low On-Resistance Dynamic dv/dt Rating 175C Operating Temperature Fast Switching Repetitive Avalanche Allowed up to Tjmax Lead-Free
G S
ID = 30A
Description
Specifically designed for Automotive applications, this HEXFET (R) Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this HEXFET power MOSFET are a 175C junction operating temperature, low RJC, fast switching speed and improved repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications.\ The D-Pak is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRFU series) is for through-hole mounting applications. Power dissipation levels up to 1.5 watts are possible in typical surface mount applications.
D-Pak IRLR2908
I-Pak IRLU2908
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C ID @ TC = 25C IDM PD @TC = 25C VGS EAS EAS (tested) IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V (Silicon Limited) Continuous Drain Current, VGS @ 10V (See Fig. 9) Continuous Drain Current, VGS @ 10V (Package Limited) Pulsed Drain Current
Max.
39 28 30 150 120 0.77 16 180 250 See Fig.12a,12b,15,16 2.3 -55 to + 175 300 (1.6mm from case )
Units
A
Maximum Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy (Thermally Limited) Single Pulse Avalanche Energy Tested Value
W W/C V mJ A mJ V/ns C
h Peak Diode Recovery dv/dt e
Repetitive Avalanche Energy Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Avalanche Current
i
d
Thermal Resistance
RJC RJA RJA
Parameter
Junction-to-Case Junction-to-Ambient (PCB Mount) Junction-to-Ambient
Typ.
Max.
1.3 40 110
Units
C/W
jA
--- --- ---
www.irf.com
1
12/7/04
IRLR/U2908PbF
Static @ TJ = 25C (unless otherwise specified)
Parameter
V(BR)DSS VDSS/TJ RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss Coss Coss Coss eff. Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance
Min. Typ. Max. Units
80 --- --- --- 1.0 35 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 0.085 22.5 25 --- --- --- --- --- --- 22 6.0 11 12 95 36 55 4.5 7.5 1890 260 35 1920 170 310 --- --- 28 30 2.5 --- 20 250 200 -200 33 9.1 17 --- --- --- --- --- --- --- --- --- --- --- --- pF nH ns nC nA V S A V m
Conditions
VGS = 0V, ID = 250A VGS = 10V, ID = 23A VGS = 4.5V, ID = 20A VDS = 25V, ID = 23A VDS = 80V, VGS = 0V VDS = 80V, VGS = 0V, TJ = 125C VGS = 16V VGS = -16V ID = 23A VDS = 64V VGS = 4.5V VDD = 40V ID = 23A RG = 8.3 VGS = 4.5V
V/C Reference to 25C, ID = 1mA
VDS = VGS, ID = 250A
f f
Between lead, 6mm (0.25in.) from package and center of die contact VGS = 0V VDS = 25V = 1.0MHz, See Fig. 5
G
f
D
S
VGS = 0V, VDS = 1.0V, = 1.0MHz VGS = 0V, VDS = 64V, = 1.0MHz VGS = 0V, VDS = 0V to 64V
Diode Characteristics
Parameter
IS ISM VSD trr Qrr ton Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
--- --- --- --- --- --- --- --- 75 210 39 A 150 1.3 110 310 V ns nC
Conditions
MOSFET symbol showing the integral reverse
G S D
p-n junction diode. TJ = 25C, IS = 23A, VGS = 0V TJ = 25C, IF = 23A, VDD = 25V di/dt = 100A/s
f
f
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes through are on page 11
HEXFET(R) is a registered trademark of International Rectifier.
2
www.irf.com
IRLR/U2908PbF
1000
TOP VGS 15V 10V 4.5V 4.0V 3.5V 3.0V 2.7V 2.5V
1000
TOP VGS 15V 10V 4.5V 4.0V 3.5V 3.0V 2.7V 2.5V
ID, Drain-to-Source Current (A)
100
ID, Drain-to-Source Current (A)
100
BOTTOM
10
BOTTOM
2.5V
1
10
2.5V
1
0.1
20s PULSE WIDTH Tj = 25C
0.01 0.01 0.1 1 10 100 0.1 0.01 0.1
20s PULSE WIDTH Tj = 175C
1 10 100
VDS, Drain-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
60
G FS , Forward Transconductance (S)
ID, Drain-to-Source Current ()
50 40 30 20 10 0 0
TJ = 25C
100
T J = 175C T J = 25C
T J = 175C
10
VDS = 25V 20s PULSE WIDTH
1 2 3 4 5
VDS = 10V 20s PULSE WIDTH 10 20 30 40 50 60
VGS , Gate-to-Source Voltage (V)
ID, Drain-to-Source Current (A)
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance vs. Drain Current
www.irf.com
3
IRLR/U2908PbF
100000 VGS = 0V, f = 1 MHZ Ciss = C gs + Cgd, C ds SHORTED Crss = Cgd Coss = Cds + Cgd
5.0 ID= 23A
VGS , Gate-to-Source Voltage (V)
4.0
VDS= 64V VDS= 40V VDS= 16V
10000
C, Capacitance(pF)
Ciss
1000
3.0
Coss
100
2.0
Crss
1.0
10 1 10 100
0.0 0 5 10 15 20 25
VDS, Drain-to-Source Voltage (V)
Q G Total Gate Charge (nC)
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
1000.00
1000 OPERATION IN THIS AREA LIMITED BY R DS(on)
100.00
T J = 175C
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
100
100sec 10 1msec 1 Tc = 25C Tj = 175C Single Pulse 0.1 1 10 100 1000 VDS, Drain-to-Source Voltage (V)
10.00
1.00
T J = 25C
10msec
0.10 0.2 0.4 0.6 0.8 1.0 1.2
VGS = 0V 1.4 1.6 1.8
VSD, Source-to-Drain Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRLR/U2908PbF
40 35 30
ID, Drain Current (A)
RDS(on) , Drain-to-Source On Resistance
3.0
ID = 38A
2.5
VGS = 4.5V
25 20 15 10 5 0 25 50 75 100 125 150 175 T C , Case Temperature (C)
2.0
(Normalized)
1.5
1.0
0.5
0.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 180
T J , Junction Temperature (C)
Fig 9. Maximum Drain Current vs. Case Temperature
Fig 10. Normalized On-Resistance vs. Temperature
10
Thermal Response ( Z thJC )
1
D = 0.50 0.20 0.10
0.1
0.05 0.02 0.01
P DM t1
0.01
SINGLE PULSE ( THERMAL RESPONSE )
t2
Notes: 1. Duty factor D = 2. Peak T t1/ t 2 +T C
J = P DM x Z thJC
0.001 1E-006 1E-005 0.0001 0.001 0.01 0.1 1
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRLR/U2908PbF
EAS , Single Pulse Avalanche Energy (mJ)
15V
400
VDS
L
DRIVER
300
ID 9.3A 16A BOTTOM 23A TOP
RG
20V VGS
D.U.T
IAS tp
+ V - DD
A
200
0.01
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
100
0 25 50 75 100 125 150 175
Starting T J , Junction Temperature (C)
I AS
Fig 12b. Unclamped Inductive Waveforms
QG
Fig 12c. Maximum Avalanche Energy vs. Drain Current
10 V
QGS
QGD
VGS(th) Gate threshold Voltage (V)
2.5
VG
2.0
Charge
Fig 13a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
1.5
ID = 250A
1.0
50K 12V .2F .3F
D.U.T. VGS
3mA
+ V - DS
0.5 -75 -50 -25 0 25 50 75 100 125 150 175 200
T J , Temperature ( C )
IG ID
Current Sampling Resistors
Fig 13b. Gate Charge Test Circuit
Fig 14. Threshold Voltage vs. Temperature
6
www.irf.com
IRLR/U2908PbF
1000
Duty Cycle = Single Pulse
Avalanche Current (A)
100
0.01
10
Allowed avalanche Current vs avalanche pulsewidth, tav assuming Tj = 25C due to avalanche losses
0.05 0.10
1
0.1 1.0E-08 1.0E-07 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01
tav (sec)
Fig 15. Typical Avalanche Current vs.Pulsewidth
200
EAR , Avalanche Energy (mJ)
TOP Single Pulse BOTTOM 10% Duty Cycle ID = 23A
150
100
50
0 25 50 75 100 125 150 175
Starting T J , Junction Temperature (C)
Notes on Repetitive Avalanche Curves , Figures 15, 16: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of T jmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 12a, 12b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25C in Figure 15, 16). tav = Average time in avalanche. D = Duty cycle in avalanche = tav *f ZthJC(D, tav ) = Transient thermal resistance, see figure 11) PD (ave) = 1/2 ( 1.3*BV*Iav) = DT/ ZthJC Iav = 2DT/ [1.3*BV*Zth] EAS (AR) = PD (ave)*tav
Fig 16. Maximum Avalanche Energy vs. Temperature
www.irf.com
7
IRLR/U2908PbF
D.U.T
Driver Gate Drive P.W. Period VGS=10V
+
P.W.
Period
D=
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
-
+
RG
* * * * dv/dt controlled by RG Driver same type as D.U.T. I SD controlled by Duty Factor "D" D.U.T. - Device Under Test
VDD
VDD
+ -
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 17. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
RD
VDS VGS RG 10V
Pulse Width 1 s Duty Factor 0.1 %
D.U.T.
+
-VDD
Fig 18a. Switching Time Test Circuit
VDS 90%
10% VGS
td(on) tr t d(off) tf
Fig 18b. Switching Time Waveforms
8
www.irf.com
IRLR/U2908PbF
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
D-Pak (TO-252AA) Part Marking Information
EXAMPLE: T HIS IS AN IRFR120 WITH AS S EMBLY LOT CODE 1234 AS S EMBLED ON WW 16, 1999 IN THE AS S EMBLY LINE "A" Note: "P" in as sembly line pos ition indicates "Lead-Free" INTERNATIONAL RECTIFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRFU120 12 916A 34
DAT E CODE YEAR 9 = 1999 WEEK 16 LINE A
OR
INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRFU120 12 34
DATE CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) YEAR 9 = 1999 WEEK 16 A = AS S EMBLY S ITE CODE
www.irf.com
9
IRLR/U2908PbF
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
EXAMPLE: T HIS IS AN IRFU120 WIT H AS S EMBLY LOT CODE 5678 AS S EMBLED ON WW 19, 1999 IN T HE AS S EMBLY LINE "A" Note: "P" in assembly line position indicates "Lead-Free" INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRF U120 919A 56 78
DAT E CODE YEAR 9 = 1999 WEEK 19 LINE A
OR
INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRFU120 56 78
DAT E CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) YEAR 9 = 1999 WEEK 19 A = AS S EMBLY S IT E CODE
10
www.irf.com
IRLR/U2908PbF
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR TRR TRL
16.3 ( .641 ) 15.7 ( .619 )
16.3 ( .641 ) 15.7 ( .619 )
12.1 ( .476 ) 11.9 ( .469 )
FEED DIRECTION
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
13 INCH
16 mm NOTES : 1. OUTLINE CONFORMS TO EIA-481.
Notes: Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11). Limited by TJmax, starting TJ = 25C, L = 0.71mH, RG = 25, IAS = 23A, VGS =10V. Part not recommended for use above this value. ISD 23A, di/dt 400A/s, VDD V(BR)DSS, TJ 175C. Pulse width 1.0ms; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS . Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive avalanche performance. This value determined from sample failure population. 100% tested to this value in production. When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer to application note #AN-994.
Data and specifications subject to change without notice. This product has been designed and qualified for the Automotive [Q101] market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 12/04
www.irf.com
11
Note: For the most current drawings please refer to the IR website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRLR2908PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X