Part Number Hot Search : 
BU508DW NE720A LT1S021 AWS5504 D8222EFV 1N5819 PRODUCTS AP4511GM
Product Description
Full Text Search
 

To Download IRFR12N25DPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95353A
SMPS MOSFET
Applications High frequency DC-DC converters l Lead-Free
l
HEXFET(R) Power MOSFET
IRFR12N25DPBF IRFU12N25DPbF ID
14A
VDSS
250V
RDS(on) max
0.26
Benefits l Low Gate-to-Drain Charge to Reduce Switching Losses l Fully Characterized Capacitance Including Effective COSS to Simplify Design, (See App. Note AN1001) l Fully Characterized Avalanche Voltage and Current
D-Pak IRFR12N25D
I-Pak IRFU12N25D
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
14 9.7 56 144 0.96 30 9.3 -55 to + 175 300 (1.6mm from case )
Units
A W W/C V V/ns C
Thermal Resistance
Parameter
RJC RJA RJA Junction-to-Case Junction-to-Ambient (PCB mount)* Junction-to-Ambient
Typ.
--- --- ---
Max.
1.04 50 110
Units
C/W
Notes through are on page 10
www.irf.com
1
12/2/04
IRFR/U12N25DPbF
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage V(BR)DSS IDSS IGSS Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Min. 250 --- --- 3.0 --- --- --- --- Typ. --- 0.29 --- --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 0.26 VGS = 10V, ID = 8.4A 5.0 V VDS = VGS, ID = 250A 25 VDS = 200V, VGS = 0V A 250 VDS = 160V, VGS = 0V, TJ = 150C 100 VGS = 30V nA -100 VGS = -30V
Dynamic @ TJ = 25C (unless otherwise specified)
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff. Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. 6.8 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 23 5.8 12 9.1 25 16 9.2 810 130 22 1100 50 130 Max. Units Conditions --- S VDS = 25V, ID = 8.4A 35 I D = 8.4A 8.7 nC VDS = 200V 19 VGS = 10V, --- VDD = 125V --- ID = 8.4A ns --- RG = 6.8 --- VGS = 10V --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 200V, = 1.0MHz --- VGS = 0V, VDS = 0V to 200V
Avalanche Characteristics
Parameter
EAS IAR EAR Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy
Typ.
--- --- ---
Max.
250 8.4 14
Units
mJ A mJ
Diode Characteristics
IS
ISM
VSD trr Qrr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol 14 --- --- showing the A G integral reverse --- --- 56 S p-n junction diode. --- --- 1.5 V TJ = 25C, IS = 8.4A, VGS = 0V --- 140 --- ns TJ = 25C, IF = 8.4A --- 710 --- nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
2
www.irf.com
IRFR/U12N25DPbF
100
VGS 15V 12V 10V 8.0V 7.0V 6.0V 5.5V BOTTOM 5.0V TOP
100
VGS 15V 12V 10V 8.0V 7.0V 6.0V 5.5V BOTTOM 5.0V TOP
ID , Drain-to-Source Current (A)
ID , Drain-to-Source Current (A)
10
10
1
0.1
5.0V
1
5.0V
0.01
20s PULSE WIDTH Tj = 25C
0.001 0.1 1 10 100
20s PULSE WIDTH Tj = 175C
0.1 0.1 1 10 100
VDS, Drain-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100.00
3.5
I D = 14A
ID, Drain-to-Source Current ()
TJ = 175C
RDS(on) , Drain-to-Source On Resistance
3.0
10.00
2.5
(Normalized)
2.0
1.00
T J = 25C
0.10
1.5
1.0
0.01 5.0 7.0 9.0
VDS = 15V 20s PULSE WIDTH
11.0 13.0 15.0
0.5
V GS = 10V
0.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 180
VGS, Gate-to-Source Voltage (V)
TJ , Junction Temperature
( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFR/U12N25DPbF
10000
12
VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + Cgd ds
VGS , Gate-to-Source Voltage (V)
ID = 8.4A VDS = 200V VDS = 125V VDS = 50V
10
C, Capacitance(pF)
1000
Ciss
7
5
100
Coss
2
Crss
10 1 10 100 1000
0 0 5 10 15 20 25
VDS, Drain-to-Source Voltage (V)
QG, Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100.00 T J = 175C 10.00
1000 OPERATION IN THIS AREA LIMITED BY R DS(on)
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
100
10
100sec
1.00
T J = 25C
1 Tc = 25C Tj = 175C Single Pulse 0.1 1 10 100
1msec
VGS = 0V 0.10 0.0 1.0 2.0 3.0 VSD, Source-toDrain Voltage (V)
10msec 1000
VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFR/U12N25DPbF
15
V DS VGS
RD
12
RG VGS
Pulse Width 1 s Duty Factor 0.1 %
D.U.T.
+
-VDD
I D , Drain Current (A)
9
6
Fig 10a. Switching Time Test Circuit
3
VDS 90%
0 25 50 75 100 125 150 175
TC , Case Temperature
( C)
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
10
(Z thJC )
1 D = 0.50
Thermal Response
0.20 0.10 0.1 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = 2. Peak T 0.01 0.00001 0.0001 0.001 0.01 t1/ t 2 +TC 1 P DM t1 t2
J = P DM x Z thJC
0.1
t1, Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFR/U12N25DPbF
15V
550
ID TOP 3.4A 5.9A 8.4A
RG
20V
D.U.T
IAS tp
+ V - DD
EAS , Single Pulse Avalanche Energy (mJ)
VDS
L
DRIVER
440
BOTTOM
330
A
0.01
220
Fig 12a. Unclamped Inductive Test Circuit
110
V(BR)DSS tp
0 25 50 75 100 125 150 175
Starting T , Junction Temperature J
( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
QG
12V .2F
50K .3F
QGS VG
QGD
D.U.T. VGS
3mA
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFR/U12N25DPbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFET(R) Power MOSFETs
www.irf.com
7
IRFR/U12N25DPbF
D-Pak (TO-252AA) Package Outline
D-Pak (TO-252AA) Part Marking Information
EXAMPLE: THIS IS AN IRFR120 WITH AS S EMBLY LOT CODE 1234 AS S EMBLED ON WW 16, 1999 IN T HE AS S EMBLY LINE "A" Note: "P" in assembly line position indicates "Lead-Free" PART NUMBER INTE RNATIONAL RECT IFIER LOGO
IRFU120 12 916A 34
AS S EMBLY LOT CODE
DATE CODE YEAR 9 = 1999 WEEK 16 LINE A
OR
PART NUMBER INT ERNATIONAL RECTIFIER LOGO
IRFU120 12 34
DATE CODE P = DES IGNATES LEAD-FREE PRODUCT (OPTIONAL) YEAR 9 = 1999 WEEK 16 A = AS S E MBLY S ITE CODE
AS S EMBLY LOT CODE
8
www.irf.com
IRFR/U12N25DPbF
I-Pak (TO-251AA) Package Outline
I-Pak (TO-251AA) Part Marking Information
EXAMPLE: T HIS IS AN IRFU120 WIT H AS SEMBLY LOT CODE 5678 AS SEMBLED ON WW 19, 1999 IN T HE AS SEMBLY LINE "A" Note: "P" in ass embly line pos ition indicates "Lead-Free" PART NUMBER INT ERNATIONAL RECT IFIER LOGO
IRF U120 919A 56 78
ASS EMBLY LOT CODE
DAT E CODE YEAR 9 = 1999 WEE K 19 LINE A
OR
INT ERNAT IONAL RECT IF IER LOGO PART NUMBER
IRF U120 56 78
ASS EMBLY LOT CODE
DAT E CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) YEAR 9 = 1999 WEEK 19 A = ASS EMBLY S ITE CODE
www.irf.com
9
IRFR/U12N25DPbF
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR TRR TRL
16.3 ( .641 ) 15.7 ( .619 )
16.3 ( .641 ) 15.7 ( .619 )
12.1 ( .476 ) 11.9 ( .469 )
FEED DIRECTION
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
13 INCH
16 mm NOTES : 1. OUTLINE CONFORMS TO EIA-481.
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 300s; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
Starting TJ = 25C, L = 7.1mH
RG = 25, IAS = 8.4A.
ISD 8.4A, di/dt 150A/s, VDD V(BR)DSS,
TJ 175C * When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer to application note #AN-994.
Data and specifications subject to change without notice. This product has been designed and qualified for the Automotive [Q101] market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.12/04
10
www.irf.com
Note: For the most current drawings please refer to the IR website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRFR12N25DPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X