Part Number Hot Search : 
BTB10 WFP840B LT8302 MAX6607 GD10NC60 C3190 MLL969B MA8630
Product Description
Full Text Search
 

To Download IRF620S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF620S
Power MOSFET VDSS = 200V, RDS(on) = 0.80 ohm, ID = 5.2 A
D Drain
G Gate Source S
N Channel
ELECTRICAL CHARACTERISICS at Tj = 25 C Maximum. Unless stated Otherwise Symbol
Symbol
Parameter
Drain to Source Breakdown Voltage Drain to Source Leakage Current Gate to Source Leakage Current Gate Threshold Voltage
Test Conditions
VDS = 200VDC, VGS = 0VDC VDS = 160VDC, VGS = 0VDC Tj=125 C VGS = +20VDC VGS = -20VDC VDS = VGS, ID = 250A
Value Min 200 Typ Max Unit Volt A nA nA Volt
V(BR)DSS VGS = 0 VDC, ID = 250A IDSS IGSS VGS(th)
2.0
x x 260 100 30 7.2 19 22 13
25 250 100 -100 4.0 0.80 14 3.0 7.9
Static Drain to Source On - Resistance RDS(on) VGS= 10VDC, ID = 3.1A Gate Charge Gate to Source Charge Gate to Drain Charge Input Capacitance Output Capacitance Transfer Capacitance Turn On Delay Time Turn Off Delay Time Rise Time Fall Time Continuous Source Current Pulsed Source Current Forward Voltage (Diode) QG QGS QGD CISS COSS CRSS td(on) td(off) tr tf IS ISM VSD VGS = 0VDC, IS =5.2A, Tp = 300S VDD = 100VDC, ID = 4.8A, RG =18 RD = 20 VDS = 25VDC, VGS= 0VDC, f = 1.0MHZ ID = 4.8A VDS = 160VDC, VGS = 10VDC
-
nC nC nC pF pF pF nS nS nS nS A A V
5.2 18 1.8
-
MAXIMUM RATINGS Parameter
Gate to Source Voltage Drain to Source Voltage Continuous Drain Current Pulsed Drain Current Total Power Dissapation Thermal Resistance (Junction to Ambient)
(Tj = 25 C unless stated otherwise) Symbol Condition VGS VDSS ID IDM PD RTH (J-A) (TA = 25 C) Value +/- 20V 200 5.2 18 50 62 Unit Volt Volt Amp Amp W C/W
Maximum Operating Temperature Range (Tj) -55 to +150 OC Maximum Storage Temperature Range (Tstg) -55 to +150 OC
Mechanical Dimensions
Dim
a b c d e f g h j k m n p
DIMENSIONS Millimetres Inches Min Max Min Max 9.85 14.61 8.51 1.27 4.08 1.14 1.15 1.78 0.38 0.51 0.51 10.67 15.88 1.65 9.65 1.78 4.83 1.40 1.400 2.79 0.77 0.99 0.89 0.380 0.575 0.335 0.050 0.180 0.045 0.045 0.070 0.015 0.020 0.020 0.420 0.625 0.065 0.380 0.070 0.190 0.055 0.055 0.110 0.029 0.038 0.35
a c
f g
b
d
m n p
e k j
2.54 Pitch
0.10 Pitch
Case SMB 220 Plastic


▲Up To Search▲   

 
Price & Availability of IRF620S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X