Part Number Hot Search : 
LM6066 HA178L00 2SJ596 015A011 MC145 2V220 RM605730 MN101
Product Description
Full Text Search
 

To Download IRF620N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF630N/NS/NL
Power MOSFET VDSS = 200V, RDS(on) = 0.30 ohm, ID = 9.3 A
D
G S
IRF620N
IRF630NS
IRF630NL
Symbol
ELECTRICAL CHARACTERISICS at
Tj = 25 C Maximum. Unless stated Otherwise Symbol
Parameter
Drain to Source Breakdown Voltage Drain to Source Leakage Current Gate to Source Leakage Current Gate Threshold Voltage
Test Conditions
VDS = 200VDC, VGS = 0VDC VDS = 160VDC, VGS = 0VDC Tj=150 C VGS = +20VDC VGS = -20VDC VDS = VGS, ID = 250A
Value Min 200 Typ Max Unit Volt A nA nA Volt
V(BR)DSS VGS = 0 VDC, ID = 250A IDSS IGSS VGS(th)
2.0
575 89 25 7.9 27 14 15
25 250 100 -100 4.0 0.30 35 6.5 17
Static Drain to Source On - Resistance RDS(on) VGS= 10VDC, ID = 5.4A Gate Charge Gate to Source Charge Gate to Drain Charge Input Capacitance Output Capacitance Transfer Capacitance Turn On Delay Time Turn Off Delay Time Rise Time Fall Time Continuous Source Current Pulsed Source Current Forward Voltage (Diode) QG QGS QGD CISS COSS CRSS td(on) td(off) tr tf IS ISM VSD VGS = 0VDC, IS =5.4A, Tp = 300S VDD = 100VDC, ID = 4.8A, RG =18 RD = 20 VDS = 25VDC, VGS= 0VDC, f = 1.0MHZ ID = 5.4A VDS = 160VDC, VGS = 10VDC
-
nC nC nC pF pF pF nS nS nS nS A A V
9.3 37 1.3
-
MAXIMUM RATINGS Parameter
Gate to Source Voltage Drain to Source Voltage Continuous Drain Current Pulsed Drain Current Total Power Dissapation Thermal Resistance (Junction to Ambient)
(Tj = 25 C unless stated otherwise) Symbol Condition VGS VDSS ID IDM PD RTH (J-A) (TA = 25 C) Value +/- 20V 200 9.3 37 82 62 -55 to +175 C Unit Volt Volt Amp Amp W C/W
Maximum Operating Temperature Range (Tj)
Page 1 of 2
IRF630N/NS/NL
Power MOSFET VDSS = 200V, RDS(on) = 0.30 ohm, ID = 9.3 A
Mechanical Dimensions
Case TO-220-AB Plastic
Dim
a b c d e f g h j k m n p
DIMENSIONS Millimetres Inches Min Max Min Max 10.29 2.62 6.10 3.54 14.84 13.47 1.15 1.15 3.550 4.20 1.22 2.64 0.48 0.69 10.54 2.87 6.47 3.78 15.24 14.09 1.400 2.54 4.06 4.69 1.32 2.92 0.55 0.93 0.405 0.103 0.240 0.139 0.584 0.530 0.045 0.045 0.140 0.165 0.048 0.104 0.018 0.027 0.415 0.113 0.255 0.149 0.600 0.555 0.055 0.100 0.160 0.185 0.052 0.115 0.022 0.037
d c b
a
m n
4 e k h f r j j p q 123 g
1 - Gate 2 & 4 - Drain 3 - Source
q r
Mechanical Dimensions
Case SMB 220 Plastic
Dim
a b c d e f g h j k m n p
DIMENSIONS Millimetres Inches Min Max Min Max 9.85 14.61 8.51 1.27 4.08 1.14 1.15 1.78 0.38 0.51 0.51 10.67 15.88 1.65 9.65 1.78 4.83 1.40 1.400 2.79 0.77 0.99 0.89 0.380 0.575 0.335 0.050 0.180 0.045 0.045 0.070 0.015 0.020 0.020 0.420 0.625 0.065 0.380 0.070 0.190 0.055 0.055 0.110 0.029 0.038 0.35
a c 4 d 1 2 3
f g
b
1 - Gate 2 & 4 - Drain 3 - Source
m n p
e k j
2.54 Pitch
0.10 Pitch
Mechanical Dimensions
Case TO262 Plastic
Dim
a b c d e f g h j k m n
DIMENSIONS Millimetres Inches Min Max Min Max 10.29 9.91 13.47 1.15 1.15 0.69 10.54 10.54 14.09 1.40 0.93 0.405 0.415 0.390 0.415 0.530 0.555 0.045 0.045 0.027 0.055 0.037
h a j
4 b 1 e c f n k g m 2 3 d
1 - Gate 2 & 4 - Drain 3 - Source
2.54 Pitch 4.20 4.69 1.22 1.32 0.46 2.64 3.55 0.55 2.92 4.06
0.10 Pitch 0.165 0.185 0.048 0.052 0.018 0.104 0.140 0.022 0.115 0.160
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of IRF620N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X