Part Number Hot Search : 
MAX12 R1100 74HC365 L6997D 4ATNBQ6 SXO3000 AO4484 TDA1037
Product Description
Full Text Search
 

To Download GRM40C0G100D050AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SURFACE MOUNT MONOLITHIC CHIP CAPACITORS HIGH DIELECTRIC CONSTANT TYPE GRM36/39/40/42-6/42-2/43-2/44-1 Series
FEATURES
s Miniature size s No Polarity s Nickel Barrier Termination Standard - highly resistant to metal migration s Uniform dimensions and configuration s Suitable for reflow soldering s GRM39, 40 and 42-6 suitable for wave soldering s Minimum series inductance s Tape and Reel Packaging s Bulk Case Packaging available for GRM40 and smaller s Wide selection of capacitance values and voltages s Largest production capacity and volume in the world
SURFACE MOUNT MONOLITHIC CHIP CAPACITORS
PART NUMBERING SYSTEM
GRM40 --- X7R 103 K 050 A D
CAPACITOR TYPE AND SIZE See below and following pages.
3-digit code appears as necessary to indicate special thickness requirements. Please consult your local sales office for details.
TEMPERATURE CHARACTERISTICS X5R X7R Y5V
CAPACITANCE VALUE Expressed in picofarads and identified by a three-digit number. First two digits represent significant figures. Last digit specifies the number of zeros to follow.
CAPACITANCE TOLERANCE X7R/X5R: K = 10% M = 20% Non-standard J = 5% Y5V: Z = +80% -20
VOLTAGE Identified by a three-digit number.
MARKING A = Unmarked
PACKAGING
Reel Diameter/ Code Tape Material 7" Paper Tape D 7" Plastic Tape L 13" Paper Tape J 13" Plastic Tape K Bulk B Bulk Cassette C 7" Paper Q 2mm pitch See pages 33-36 for labeling and packaging information.
CHIP DIMENSIONS
Dimensions: mm Size GRM36 GRM39*
e g e
EIA Code 0402 0603 0805
L Length 1.0 0.05 1.6 0.1 2.0 0.1 3.2 0.15 3.2 0.2
W Width 0.5 0.05 0.8 0.1 1.25 0.1 1.6 0.15 1.6 0.2 2.5 0.2 3.2 0.3 5.0 0.4
GRM40
taS hee t4U .co
GRM42-6
T
1206
L
W
GRM42-2 GRM43-2 GRM44-1
1210 1812 2220
3.2 0.3 4.5 0.4 5.7 0.4
T Thickness 0.5 0.05 0.8 0.1 0.6 0.1 0.85 0.1 1.25 0.1 0.85 0.1 1.15 0.1 1.6 0.2 1.15 0.1 1.35 0.15 1.8 0.2 2.5 0.2 2.0 max. 2.0 max.
e (min.) Termination 0.15 ~ 0.3 0.2 ~ 0.5 0.2 ~ 0.7
g (min.) Insulation 0.4 0.5 0.7
m
0.3 ~ 0.8
1.5
0.3 min. 0.3 min. 0.3 min.
1.0 2.0 2.0
*Bulk case packaging is L = 1.6 0.07, W, T = 0.8 0.07.
CHIP TERMINATION DIAGRAMS Nickel Barrier Layer (Standard)
GRM Series
Ceramic Dielectric Inner Electrode Inner Termination (Ag or Ag/Pd or Cu) Nickel Plated Barrier Layer Tin Plating* *Size 0402 - Solder Plated
ww
w.D a
All products on this page are available as standard through authorized Murata Electronics Distributors.
CG01-I
13
www..com
SURFACE MOUNT MONOLITHIC CHIP CAPACITORS HIGH DIELECTRIC CONSTANT TYPE- SPECIFICATION GRM36/39/40/42-6/42-2/43-2/44-1 Series
GENERAL/ELECTRICAL
Capacitance Change with Temperature: X5R: 15% CX -55C to +85C X7R: 15% CX -55C to +125C Y5V: +22% CX -30C to +85C -82 X5R, X7R: 1kHz 100Hz @ 1.0 .2Vrms Y5V: 1kHz 100Hz @ 1.0 .2Vrms Min. 25V 2.5% 2.5% 5.0% 16V 3.5% 3.5% 9.0% 10V 3.5% 3.5% 12.5% 6.3V 5% 5% 12.5% Dielectric Strength (Flash) X5R/X7R 100,000 megohms or 1000 megohms-mfd (whichever is less) Y5V 10,000 megohms or 500 megohms-mfd (whichever is less) 250% of rated voltage for 5 seconds with series resistor limiting charge current to 50mA max.; 200% for 500V X5R/X7R 3% Y5V 7%
Insulation Resistance (I.R.)
Capacitance & D.F. (Frequency & Voltage)
Dissipation Factor (D.F.)
X5R X7R Y5V
Typ. Aging (per Decade)
MECHANICAL
TEST Terminal Adhesion
Mounting 2n Capacitor R340 Load Deflection Unit: mm 45 45 Supporter Capacitance meter
TEST METHOD
POST TEST LIMITS < 0603 1.0 lbs. 0805 2.2 lbs. No evidence of termination peeling 1 mm deflection (Glass epoxy board) No mechanical damage Cap., DF, IR meet initial limits Meets Requirement For specific details contact factory
Glass epoxy board
10
Deflection
Solderability
MIL-STD-202 Method 208F
ENVIRONMENTAL
TEST TEST METHOD MIL-STD-202, Method 107, Condition A Thermal Shock (Air to Air) Prior to starting Thermal Shock test, capacitors shall be heat treated (deaged) for one (1) hour at 150C. Allow capacitors to stabilize at room temperature for 48 hours prior to taking initial measurements. Post thermal Shock measurement shall be taken after 48 hours stabilization. POST TEST LIMITS Appearance: No visual damage C: X5R/X7R = 12.5% Y5V = 30.0% D.F.: X5R/X7R = 2.5% max. @ 25C, (3.5% max. @ 25C for 16V & 10V Series) (7.5% max. @ 25C for 6.3V Series) Y5V = 5.0% max. @ 25C, (9.0% max. @ 25C for 16V Series) (15% max. @ 25C for 10V & 6.3V Series) I.R.: X5R/X7R = 100,000M min. of 1,000M * F (whichever is less) Y5V = 10,000 or 500M * F min. (whichever is less) Appearance: No defects Capacitance: X5R, X7R within 12.5%; Z5U, Y5V within 30% Q/D.F.: See chart below. I.R.: 1,000M or 50 F (whichever is less) Appearance: No defects Capacitance: X5R, X7R within 12.5%; Z5U within 30%; Y5V within +30/-40% (10Vmax), within 30% (others)
Char. X5R X7R Q/D.F. Z5U Y5V 25V min. 0.05 max. 0.05 max. 0.075 max. 16V 0.05 max. -- 0.1 max. (C<1.0 F) 0.125 max. (C1.0 F) 10V 6.3V
taS hee t4U .co
Humidity Load
Humidity, Steady State
Maintain the capacitor at 40 2C and 90 to 95% humidity for 500 12 hours. Remove and let sit for 48 4 hours at room temperature, then measure. Apply the rated voltage at 40 2C and 90 to 95% humidity for 500 12 hours. Remove and let sit for 48 4 hours at room temperature, then measure. The charge/discharge current is less than 50mA. * Initial measurement for Y5V/10V max. Apply the rated DC voltage for 1 hour at 40 20C. Remove and let sit for 48 4 hours at room temperature. Perform initial measurement.
m
0.05 max. 0.075 max. -- --
0.15 max. 0.15 max.
I.R.: 500M or 25 F (whichever is less) Dielectric Strength: No failure Appearance: No defects Capacitance: X5R/X7R 12.5% CX, Z5U/Y5V 30% CX D.F.: X5R/X7R = 3.0% max. @ 25C, (5% max. @ 25C for 16V & 10V Series) (7.5% max. @ 25C for 6.3V Series) Y5V = 7.5% max. @ 25C, (10% max. @ 25C for 16V Series) (15% max. @ 25C for 10V & 6.3V Series) I.R.: X5R/X7R 1,000M or 50M -mfd. (whichever is less) Y5V 1,000M or 50M -mfd. (whichever is less) Flash: 250% rated voltage
w.D a
14
Apply 200% of rated voltage for 1000 12 hours at maximum operating temperature; 150% for 500V
Life Test Upon completion of above test wait 48 hours prior to performing post testing.
ww
CG01-I
www..com
SURFACE MOUNT MONOLITHIC CHIP CAPACITORS HIGH DIELECTRIC CONSTANT X5R/X7R/Y5V TYPES
SURFACE MOUNT MONOLITHIC CHIP CAPACITORS
GRM36/39/40 Series
Type (EIA Code) GRM36* (0402) GRM39 (0603) GRM40 (0805) Char. X5R X7R Y5V X7R Y5V X7R Y5V Volt. 10 16 10 16 25 50 10 16 25 50 10 16 25 50 100 200 10 16 25 50 100 10 16 25 50 100 200 16 25 50 100 Cap. (pF) 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 22000 27000 33000 39000 47000 56000 68000 82000 100000 120000 150000 180000 220000 270000 330000 390000 470000 560000 680000 820000 1000000 1500000 2200000 3300000 4700000 10000000
1 1 2 2 2 2
taS hee t4U .co
m
2 2
*GRM36 Series is suited to only reflow soldering. 1Type: GRM40-034 (L: 2 0.15, W: 1.25 0.15, T: 1.25 0.15) 2Only for taping
THICKNESS AND PACKAGING TYPES/QUANTITY
Type GRM36 GRM39 GRM40 Thickness: T Bulk Taping Bulk Case Thickness: T Bulk Taping Bulk Case Type (mm) (pcs./bag) (pcs./ 178mm reel)3 (pcs./case) (mm) (pcs./bag) (pcs./ 178mm reel)3 (pcs./case) : 0.5 0.05 1000 10000 50000 : 0.85 0.1 1000 4000 -- GRM40 : 0.8 0.14 1000 4000 15000 : 1.25 0.1 1000 3000 5000 3 330mm reel is available on request. 4Bulk case packaging is T = 0.8 0.07. : 0.6 0.1 1000 4000 10000
ww
w.D a
CG01-I
15
www..com
SURFACE MOUNT MONOLITHIC CHIP CAPACITORS HIGH DIELECTRIC CONSTANT X5R/X7R/Y5V TYPES GRM42-6/42-2/43-2/44-1 Series
Type (EIA Code) GRM42-6 (1206) GRM42-2 (1210) GRM43-2 (1812) GRM44-1 (2220) Char. X5R X7R Y5V X5R X7R Y5V X7R Y5V X7R Y5V Volt. 6.3 10 10 16 25 50 100 200 6.3 16 25 50 100 10 16 50 100 200 50 100 50 100 200 50 100 50 100 200 50 100 Cap. (pF) 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 22000 27000 33000 39000 47000 56000 68000 82000 100000 120000 150000 180000 220000 270000 330000 390000 470000 560000 680000 820000 1000000 1200000 1500000 1800000 2200000 3300000 4700000 10000000
*
taS hee t4U .co
*Type: GRM42-631 (L: 3.2 0.2, W: 1.6 0.2, T: 1.3 +0 ) -0.2
THICKNESS AND PACKAGING TYPES/QUANTITY
Type Thickness: T (mm) : 0.85 0.1 : 1.15 0.1 : 1.6 0.2 : 1.15 0.1 : 1.35 0.15 Bulk (pcs./bag) 1000 1000 1000 1000 1000 Taping (pcs./ 178mm reel)1 4000 3000 2000 3000 2000 Type GRM42-2 GRM43-2 GRM44-1
1
m
GRM42-6 GRM42-2
Thickness: T (mm) : 1.8 0.2 : 2.5 0.2 : 2.0 max. : 2.0 max.
Bulk (pcs./bag) 1000 1000 1000 1000
Taping (pcs./ 178mm reel)1 1000 1000 1000 1000
330mm reel is available on request.
Note: Capacitance Values = EIA 12 step: X7R = 10,12,15,18,22,27,33,39,47,56,68,82 6 step: Y5V = 10,15,22,33,47,68. For other values contact your local Murata Sales Office
ww
w.D a
16
CG01-I


▲Up To Search▲   

 
Price & Availability of GRM40C0G100D050AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X