Part Number Hot Search : 
151MQ30 VRA24 M54959P 1N4756 L7106 81M25 7P1002 LT3800
Product Description
Full Text Search
 

To Download GP15M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
1.5 MEGARECTIFIERS
Mechanical Dimensions
JEDEC D0-15
.104 .140 .230 .300 1.00 Min.
GP15A . . . 15M Series
Description
.031 typ.
Features
n HIGH TEMPERATURE METALLURGICALLY BONDED CONSTRUCTION n SINTERED GLASS CAVITY-FREE JUNCTION n 0.8 AMP OPERATION @ TA = 55C, WITH NO THERMAL RUNAWAY n TYPICAL IR < 0.1 Amp
Electrical Characteristics @ 25 o C. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) Current 3/8" Lead Length @ TA = 55C Non-Repetitive Peak Forward Surge Current...IFSM 8.3mS, 1/2 Sine Wave Superimposed on Rated Load Forward Voltage @ 1.5A...VF Full Load Reverse Current...IR(av) Full Cycle Average @ TA = 55C DC Reverse Current...IR @ Rated DC Blocking Voltage TA = 25C TA = 150C
GP15A . . . 15M Series GP15A GP15B 50 35 50 100 70 100 GP15D 200 140 200 GP15G GP15J 400 280 400 600 420 600 GP15K GP15M 800 560 800 1000 700 1000
Units
Volts Volts Volts Amps Amps Volts Amps
............................................. 1.5 ............................................... ............................................. 5 0 ............................................... ............................................. 1.1 ............................................... ............................................. 1 0 0 ...............................................
............................................. 5.0 ............................................... ............................................. 2 0 0 ............................................... ............................................. 1 5 ............................................... ............................................. 4 5 ............................................... ............................................. 2.0 ............................................... ......................................... -65 to 175 ..........................................
Amps Amps pF C / W S C
Typical Junction Capacitance...CJ (Note 1) Typical Thermal Resistance...RJA (Note 2) Typical Reverse Recovery Time...tRR (Note 3) Operating & Storage Temperature Range...TJ, TSTRG
Page 6-10
Data Sheet
1.5 MEGARECTIFIERS
Forward Current Derating Curve
60 Hz RESISTIVE OR INDUCTIVE LOAD
0.375 (9.5mm) LEAD LENGTH
TA = Ambient Temperature (C) Non-Repetitive Peak Forward Surge Current
TJ = TJ max. 8.3 mS Single Half Sine Wave (Jedec Method)
Typical Junction Capacitance
TJ = 25C f = 1.0 MHZ VSIG = 50mVp-p
Amps
Number of Cycles @ 60 HZ Typical Instantaneous Forward Characteristics
pF
Reverse Voltage (Volts) Typical Reverse Characteristics
TJ = 125C
TJ =150C
Amps
Amps
T = 25C TJJ= 25C Pulse Width 300S Pulse Width ==300S 1% Duty Cycle 1% Duty Cycle TJ = 25C
TJ = 75C TJ = 25C TJ = 25C
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 HZ Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Volts
Percent of Rated Peak Voltage
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. Thermal Resistance from Junction to Ambient at 3/8" Lead Length, P.C. Board Mounted. 3. Reverse Recovery Condition IF = 0.5A, IR = 1.0A, IRR = 0.25A.
Page 6-11
GP15A . . . 15M Series
Amps


▲Up To Search▲   

 
Price & Availability of GP15M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X