Part Number Hot Search : 
45300 TPAC400P 3EZ140D5 TMP86CM FMMT497 MB90820 AAT3516 10U2P
Product Description
Full Text Search
 

To Download FMMT494 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 3 - NOVEMBER 1995 PARTMARKING DETAIL 7 494
FMMT494
E
C B
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Pulse Current Base Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range PARAMETER Breakdown Voltages SYMBOL V(BR)CBO VCEO(sus) V(BR)EBO Collector Cut-Off Currents Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Turn On Voltage Static Forward Current Transfer Ratio Transition Frequency Collector-Base Breakdown Voltage ICBO ICES IEBO VCE(sat) VBE(sat) VBE(on) hFE 100 100 60 20 100 10 MIN. 140 120 5 100 100 100 0.2 0.3 1.1 1.0 300 MHz pF SYMBOL VCBO VCEO VEBO IC ICM IB Ptot Tj:Tstg MAX. VALUE 140 120 5 1 2 200 500 -55 to +150 UNIT V V V nA nA nA V V V V UNIT V V V A A mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
CONDITIONS. IC=100A IC=10mA* IE=100A VCB=120V VCE=120V VEB=4V IC=250mA, IB=25mA* IC=500mA, IB=50mA* IC=500mA, IB=50mA* IC=500mA, VCE=10V* IC=1mA, VCE=10V* IC=250mA, VCE=10V* IC=500mA, VCE=10V* IC=1A, VCE=10V* IC=50mA, VCE=10V f=100MHz VCB=10V, f=1MHz
fT Cobo
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% 3 - 121
FMMT494
TYPICAL CHARACTERISTICS
0.4 0.4
+25 C
I+/I*=10
0.3
0.3
-55 C +25 C +100 C
0.2
I+/I*=10 I+/I*=50
0.2
0.1
0.1
0 1mA 10mA 100mA 1A 10A
0 1mA 10mA 100mA 1A 10A
IC-Collector Current
IC-Collector Current
VCE(sat) v IC
VCE(sat) v IC
280
V+-=10V +100 C
1.0
I+/I*=10
240
0.8 200
160
+25 C
0.6
120
80
-55 C
0.4
-55 C +25 C +100 C
0.2 40
0 1mA 10mA 100mA 1A 10A
0 1mA 10mA 100mA 1A 10A
IC-Collector Current
IC-Collector Current
hFE V IC
10
VBE(sat) v IC
V+-=10V
1.0
0.8
1
-55 C
0.6
+25 C +100 C
0.1
0.4
0.01 0.2
DC 1s 100ms 10ms 1ms 100s
0 1mA 10mA 100mA 1A 10A
0.001 0.1 1 10 100 1000
IC-Collector Current
VCE - Collector Emitter Voltage (V)
VBE(on) v IC
Safe Operating Area
3 - 122


▲Up To Search▲   

 
Price & Availability of FMMT494

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X