Part Number Hot Search : 
MP2307 HL20061 CT500A 85HF160M PT9250 MAX485 SDTB6D8Q AP2603Y
Product Description
Full Text Search
 

To Download FDMS9620S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDMS9620S Dual N-Channel PowerTrench(R) MOSFET
April 2007
FDMS9620S
Dual N-Channel PowerTrench(R) MOSFET
Q1: 30V, 16A, 21.5m Q2: 30V, 18A, 13m
Features
Q1: N-Channel Max rDS(on) = 21.5m at VGS = 10V, ID = 7.5A Max rDS(on) = 29.5m at VGS = 4.5V, ID = 6.5A Q2: N-Channel Max rDS(on) = 13m at VGS = 10V, ID = 10A Max rDS(on) = 17m at VGS = 4.5V, ID = 8.5A Low Qg high side MOSFET Low rDS(on) low side MOSFET Thermally efficient dual Power 56 package Pinout optimized for simple PCB design RoHS Compliant
tm
General Description
This device includes two specialized MOSFETs in a unique dual Power 56 package. utilization. It is designed to provide an optimal Synchronous Buck power stage in terms of efficiency and PCB The low switching loss "High Side" MOSFET is complemented by a Low Conduction Loss "Low Side" SyncFET.
Application
Synchronous Buck Converter for: Notebook System Power General Purpose Point of Load
G1 D1 S1/D2 G2 S2 S2 S2
D1
D1 D1
5 6 7 8
Q2
4 3 2
Q1
1
Power 56
MOSFET Maximum Ratings TA = 25C unless otherwise noted
Symbol VDS VGS Parameter Drain to Source Voltage Gate to Source Voltage Drain Current ID -Continuous (Package limited) TC = 25C -Continuous (Silicon limited) -Continuous -Pulsed PD TJ, TSTG Power Dissipation for Single Operation TA = 25C TA = 25C Operating and Storage Junction Temperature Range (Note 1a) (Note 1b) TC = 25C TA = 25C (Note 1a) Q1 30 20 16 21 7.5 60 2.5 1 -55 to +150 Q2 30 20 18 44 10 60 W C A Units V V
Thermal Characteristics
RJA RJA RJC Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Case (Note 1a) (Note 1b) 8.2 50 120 3.1 C/W
Package Marking and Ordering Information
Device Marking FDMS9620S Device FDMS9620S Package Power 56
1
Reel Size 13"
Tape Width 12mm
Quantity 3000 units
www.fairchildsemi.com
(c)2007 Fairchild Semiconductor Corporation FDMS9620S Rev.D
FDMS9620S Dual N-Channel PowerTrench(R) MOSFET
Electrical Characteristics TJ = 25C unless otherwise noted
Symbol Parameter Test Conditions Type Min Typ Max Units
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Source Leakage Current ID = 250A, VGS = 0V ID = 1mA, VGS = 0V ID = 250A, referenced to 25C VDS = 24V, VGS = 0V VGS = 20V, VDS= 0V Q1 Q2 Q1 Q2 Q1 Q2 Q1 Q2 30 30 23 23 1 500 100 100 V mV/C A nA nA
On Characteristics
VGS(th) VGS(th) TJ Gate to Source Threshold Voltage Gate to Source Threshold Voltage Temperature Coefficient VGS = VDS, ID = 250A VGS = VDS, ID = 1mA ID = 250A, referenced to 25C ID = 1mA, referenced to 25C VGS = 10V, ID = 7.5A VGS = 4.5V, ID = 6.5A VGS = 10V, ID = 7.5A , TJ = 125C VGS = 10V, ID = 10A VGS = 4.5V, ID = 8.5A VGS = 10V, ID = 10A , TJ = 125C VDS = 10V, ID = 7.5A VDS = 10V, ID = 10A Q1 Q2 Q1 Q2 Q1 1 1 1.6 1.6 -4 -4 18 23 25 9 13 14 25 27 21.5 29.5 32 13 17 22 3 3 V mV/C
rDS(on)
Drain to Source On Resistance
m
Q2 Q1 Q2
gFS
Forward Transconductance
S
Dynamic Characteristics
Ciss Coss Crss Rg Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance Q1: VDS = 15V, VGS = 0V, f = 1MHZ Q2: VDS = 15V, VGS = 0V, f = 1MHZ Q1 Q2 Q1 Q2 Q1 Q2 Q1 Q2 500 700 100 500 65 100 0.9 1.8 665 935 135 665 100 150 pF pF pF
f = 1MHz
Switching Characteristics
td(on) tr td(off) tf Qg Qgs Qgd Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate to Source Gate Charge Gate to Drain "Miller" Charge Q1 VDD = 15V, VGS = 10V ,ID = 7.5A Q2 VDD = 15V, VGS = 10V ,ID = 10A Q1: VDD = 15V, ID = 1A, RGEN = 6 Q2: VDD = 15V, ID = 1A, RGEN = 6 Q1 Q2 Q1 Q2 Q1 Q2 Q1 Q2 Q1 Q2 Q1 Q2 Q1 Q2 11 15 7 13 23 27 2.3 7 10 18 0.7 1.5 1.7 2.6 20 27 14 24 37 44 10 14 14 25 ns ns ns ns nC nC nC
(c)2007 Fairchild Semiconductor Corporation FDMS9620S Rev.D
www.fairchildsemi.com
FDMS9620S Dual N-Channel PowerTrench(R) MOSFET
Electrical Characteristics TJ = 25C unless otherwise noted
Symbol Parameter Test Conditions Type Min Typ Max Units
Drain-Source Diode Characteristics
IS VSD trr Qrr Maximum Continuous Drain-Source Diode Forward Current Source to Drain Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, IS = 2.1A VGS = 0V, IS = 3.5A Q1 IF = 7.5A, di/dt = 100A/s Q2 IF = 10A, di/dt = 300A/s (Note 2) (Note 2) Q1 Q2 Q1 Q2 Q1 Q2 Q1 Q2 0.7 0.5 13 14 4 9 2.1 3.5 1.2 1.0 A V ns nC
Notes: 1: RJA is determined with the device mounted on a 1in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RJC is guaranteed by design while RCA is determined by the user's board design. b. 120C/W when mounted on a minimum pad of 2 oz copper
a.50C/W when mounted on a 1 in2 pad of 2 oz copper
2: Pulse Test: Pulse Width < 300s, Duty cycle < 2.0%.
(c)2007 Fairchild Semiconductor Corporation FDMS9620S Rev.D
www.fairchildsemi.com
FDMS9620S Dual N-Channel PowerTrench(R) MOSFET
Typical Characteristics (Q1 N-Channel)TJ = 25C unless otherwise noted
60
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE VGS = 10V
2.8
VGS = 6V PULSE DURATION = 300s DUTY CYCLE = 2.0%MAX VGS = 4.5V VGS = 4.0V
2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0
50
ID, DRAIN CURRENT (A)
VGS = 3V
PULSE DURATION = 300s DUTY CYCLE = 2.0%MAX
40 30 20 10
VGS =3.5V VGS = 4.0V VGS = 4.5V VGS = 6.0V
VGS = 3.5V
VGS = 3V
VGS = 10V
0 0
1
2
3
4
10
20
30
40
50
60
VDS, DRAIN TO SOURCE VOLTAGE (V)
ID, DRAIN CURRENT(A)
Figure 1. On Region Characteristics
Figure 2. Normalized On-Resistance vs Drain Current and Gate Voltage
70
SOURCE ON-RESISTANCE (m)
1.6
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE
1.5 1.4
ID = 7.5A VGS =10V
60 50 40
ID = 3.8A
PULSE DURATION = 300s DUTY CYCLE = 2.0%MAX
1.2 1.1 1.0 0.9 0.8 0.7 -50 -25 0 25 50 75 100 125 150
rDS(on), DRAIN TO
1.3
TJ = 125oC
30 20
TJ = 25oC
10 2 4 6 8 10
VGS, GATE TO SOURCE VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (oC)
Figure 3. Normalized On Resistance vs Junction Temperature
40
IS, REVERSE DRAIN CURRENT (A)
PULSE DURATION = 300s DUTY CYCLE = 2.0%MAX
Figure 4. On-Resistance vs Gate to Source Voltage
40
10
VGS = 0V
ID, DRAIN CURRENT (A)
30
VDS = 5V
1
TJ = 125oC
20
TJ =125oC TJ = 25oC TJ = -55oC
0.1
TJ = 25oC
10
0.01
TJ = -55oC
0 1 2 3 4 VGS, GATE TO SOURCE VOLTAGE (V) 5
0.001 0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics
Figure 6. Source to Drain Diode Forward Voltage vs Source Current
(c)2007 Fairchild Semiconductor Corporation FDMS9620S Rev.D
www.fairchildsemi.com
FDMS9620S Dual N-Channel PowerTrench(R) MOSFET
Typical Characteristics (Q1 N-Channel)TJ = 25C unless otherwise noted
10
VGS, GATE TO SOURCE VOLTAGE(V) ID = 7.5A VDD =10V CAPACITANCE (pF)
1000
8
Ciss
6 4 2 0 0 2 4 6 8
VDD = 15V
Coss
VDD = 20V
100
f = 1MHz VGS = 0V
Crss
10
12
30 0.1
1
10
30
Qg, GATE CHARGE(nC)
VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate Charge Characteristics
Figure 8. Capacitance vs Drain to Source Voltage
100
P(PK), PEAK TRANSIENT POWER (W)
100
VGS = 10V
ID, DRAIN CURRENT (A)
10
1
SINGLE PULSE TJ = MAX RATE RJA = 120oC TA = 25oC
1ms 10ms 100ms 1s 10s DC
10
SINGLE PULSE RJA = 120 C/W
o
0.1
THIS AREA IS LIMITED BY rDS(ON)
1
0.5 -3 10
TA= 25 C
o
0.01 0.1
1
10
100
10
-2
10
-1
10
0
10
1
10
2
10
3
VDS, DRAIN to SOURCE VOLTAGE (V)
t, PULSE WIDTH (s)
Figure 9. Forward Bias Safe Operating Area
2
Figure 10. Single Pulse Maximum Power Dissipation
1
NORMALIZED THERMAL IMPEDANCE, ZJA
DUTY CYCLE-DESCENDING ORDER
0.1
D = 0.5 0.2 0.1 0.05 0.02 0.01
PDM
t1 t2
SINGLE PULSE RJA = 120 C/W
o
NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJA x RJA + TA
0.01 -3 10
10
-2
10
-1
10
0
10
1
10
2
10
3
t, RECTANGULAR PULSE DURATION (s)
Figure 11. Transient Thermal Response Curve
(c)2007 Fairchild Semiconductor Corporation FDMS9620S Rev.D
www.fairchildsemi.com
FDMS9620S Dual N-Channel PowerTrench(R) MOSFET
Typical Characteristics (Q2 SyncFET)
60
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE VGS = 10V
2.8
VGS = 4.5V VGS = 4.0V
2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0
50
ID, DRAIN CURRENT (A)
VGS =3.5V
PULSE DURATION = 300s DUTY CYCLE = 2.0%MAX
40 30 20 10 0 0.0
VGS = 6V VGS = 3.5V
VGS = 4.0V
VGS = 4.5V
VGS = 3V PULSE DURATION = 300s DUTY CYCLE = 2.0%MAX
VGS = 6.0V
VGS = 10V
0.5
1.0
1.5
2.0
2.5
10
20
30
40
50
60
VDS, DRAIN TO SOURCE VOLTAGE (V)
ID, DRAIN CURRENT(A)
Figure 12. On-Region Characteristics
Figure 13. Normalized on-Resistance vs Drain Current and Gate Voltage
60
SOURCE ON-RESISTANCE (m)
1.8
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE
1.6 1.4 1.2 1.0 0.8 0.6 -50
ID = 10A VGS =10V rDS(on), DRAIN TO
50 40 30
ID = 5A
PULSE DURATION = 300s DUTY CYCLE = 2.0%MAX
TJ = 125oC
20 10
TJ = 25oC
-25
0
25
50
75
100
125
150
0 2 4 6 8 10
VGS, GATE TO SOURCE VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (oC)
Figure 14. Normalized On-Resistance vs Junction Temperature
Figure 15. On-Resistance vs Gate to Source Voltage
60 50 40 30 20 10 0 1 2 3 4 5
VGS, GATE TO SOURCE VOLTAGE (V) TJ =125oC TJ = 25oC TJ = -55oC
IS, REVERSE DRAIN CURRENT (A)
10
PULSE DURATION = 300s DUTY CYCLE = 2.0%MAX VGS = 0V
ID, DRAIN CURRENT (A)
VDS = 5V
1
TJ = 125oC
0.1
TJ = 25oC
0.01
TJ = -55oC
0.001 0.0
0.2
0.4
0.6
0.8
VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 16. Transfer Characteristics
Figure 17. Source to Drain Diode Forward Voltage vs Source Current
(c)2007 Fairchild Semiconductor Corporation FDMS9620S Rev.D
www.fairchildsemi.com
FDMS9620S Dual N-Channel PowerTrench(R) MOSFET
Typical Characteristics
10
VGS, GATE TO SOURCE VOLTAGE(V) ID = 10A VDD =10V CAPACITANCE (pF)
2000
8 6 4 2 0 0 4 8 12 16 20
Qg, GATE CHARGE(nC)
1000
Ciss
VDD = 15V
Coss
VDD = 20V
100
50 0.1
f = 1MHz VGS = 0V
Crss
1
10
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 18. Gate Charge Characteristics
Figure 19. Capacitance vs Drain to Source Voltage
(c)2007 Fairchild Semiconductor Corporation FDMS9620S Rev.D
www.fairchildsemi.com
FDMS9620S Dual N-Channel PowerTrench(R) MOSFET
Dimensional Outline and Pad Layout
(c)2007 Fairchild Semiconductor Corporation FDMS9620S Rev.D
www.fairchildsemi.com
FDMS9620S Dual N-Channel PowerTrench(R) MOSFET
tm
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACEx(R) Across the board. Around the worldTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM CTLTM Current Transfer LogicTM DOMETM E2CMOSTM EcoSPARK(R) EnSignaTM FACT Quiet SeriesTM FACT(R) FAST(R) FASTrTM FPSTM FRFET(R) GlobalOptoisolatorTM GTOTM HiSeCTM i-LoTM ImpliedDisconnectTM IntelliMAXTM ISOPLANARTM MICROCOUPLERTM MicroPakTM MICROWIRETM Motion-SPMTM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANAR(R) PACMANTM PDP-SPMTM POPTM Power220(R) Power247(R) PowerEdgeTM PowerSaverTM Power-SPMTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM ScalarPumpTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM The Power Franchise(R) TM
tm
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyWireTM TruTranslationTM SerDesTM UHC(R) UniFETTM VCXTM WireTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
PRODUCT STATUS DEFINITIONS Definition of Terms
2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Datasheet Identification Advance Information
Product Status Formative or In Design
Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild Semiconductor.The datasheet is printed for reference information only.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I26
(c)2007 Fairchild Semiconductor Corporation FDMS9620S Rev.D www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDMS9620S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X