Part Number Hot Search : 
2SA1104 7C101 IRFF122R CN13191 VICES 16MH747M HN9C05FT 157M0
Product Description
Full Text Search
 

To Download FDC40-48D05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 I s o l a t e d a n d R e gulated 40 WATT Modular DC/DC Converters
Wide 2 : 1 Input Range High Efficiency Regulated Outputs 1600V Isolation Full EMI Shielding PI Input Filter
FDC40
series
Unit measures 2.76"W x 3.94"L x 0.75"H
Model Number
SINGLE OUTPUT FDC40-12S33 FDC40-24S33 FDC40-48S33 FDC40-12S05 FDC40-24S05 FDC40-48S05 FDC40-12S12 FDC40-24S12 FDC40-48S12 FDC40-12S15 FDC40-24S15 FDC40-48S15
Output Voltage
Output Amps
Input Range
UL E193009; TUV R2054535; CB JPTUV-001393
3.3 VDC
5 VDC
12 VDC
15 VDC
10 10 10 8 8 8 3.4 3.4 3.4 2.7 2.7 2.7
9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC
Order On-Line!
WWW.ASTRODYNE.COM
astrodyne.com
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
I s o l a t e d a n d R e gulated 40 WATT Modular DC/DC Converters
Wide 2 : 1 Input Range High Efficiency Regulated Outputs 1600V Isolation Full EMI Shielding PI Input Filter
FDC40
series
Unit measures 2.76"W x 3.94"L x 0.75"H
Model Number
DUAL OUTPUT FDC40-12D3305 FDC40-24D3305 FDC40-48D3305 FDC40-12D05 FDC40-24D05 FDC40-48D05 FDC40-12D12 FDC40-24D12 FDC40-48D12 FDC40-12D15 FDC40-24D15 FDC40-48D15 TRIPLE OUTPUT FDC40-12T0512 FDC40-24T0512 FDC40-48T0512 FDC40-12T0515 FDC40-24T0515 FDC40-48T0515
Output Voltage
Output Amps
Input Range
UL E193009; TUV R2054535; CB JPTUV-001393
3.3 / 5 VDC
+/-5 VDC
+/-12 VDC
+/-15 VDC
4-Apr 4-Apr 4-Apr -7 -7 -7 +/-1.8 +/-1.8 +/-1.8 +/-1.4 +/-1.4 +/-1.4 4, +/-0.85 4, +/-0.85 4, +/-0.85 4, +/-0.68 4, +/-0.68 4, +/-0.68
9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC
5, +/-12 VDC
5, +/-15 VDC
Order On-Line!
WWW.ASTRODYNE.COM
astrodyne.com
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
I s o l a t e d a n d R e gulated 40 WATT Modular DC/DC Converters
INPUT SPECIFICATIONS
Input Voltage Ranges: 12 VDC Nominal 24 VDC Nominal 48 VDC Nominal Pi Type 9-18 VDC 18-36 VDC 36-72 VDC
FDC40
(Ref to - Input pin) Logic "1"/Open=ON Logic "0"/GND=OFF 1600VDC 10000 M Ohms 82%, typ 185Khz, typ
series
GENERAL SPECIFICATIONS
On/Off Control
Input Filter
OUTPUT SPECIFICATIONS
Voltage and Current Load Regulation See Selection Chart singles: +/-0.5% duals: +/-1% triples: 5 V:+/-2%, Aux: +/-5% Line Regulation singles: +/-0.5% duals: +/-1% triples: 5V:+/-2%, Aux:+/-5% Temperature Coefficient +/-0.02%/DegC Ripple/Noise 1% Pk-Pk of Vout, typ Voltage Stability (singles/duals) +/- 2% (triples) 5 V:+/-2%, Aux: +/-5% Short Circuit Protection Continuous, self-recovering Overvoltage Protection Threshold: 3.3V Output 3.9Volts 5V Output 6.2Volts 12V Output 15Volts 15V Output 18Volts
Input-Out Isolation Isolation Resistance Efficiency Switching Frequency
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature (Case) Storage Temperature Maximum Case Temp MTBF -25 to +85 DegC(see derate) -55 to +125 DegC * 100 DegC * 1.61 MHrs MIL-HDBK-217F TA=25C FL
PHYSICAL SPECIFICATIONS
Case Material Construction Weight Nickel-Coated Copper Non-Conductive Base Fully Encapsulated 4.5 oz, (126g)
EFFICIENCY CURVES
FDC40-48S05 Efficiency VS Input Voltage EFFICIENCY (%)
90 89 88 87 86 85 84 83 82 81 80
FDC40-48S05 Efficiency VS Output load EFFICIENCY (%)
90 89 88 86 84 82 80 70 60 50 45 0.5
36
40
45
50
55
60
65
70
75
1
2
3
4
5
6
7
8
INPUT VOLTAGE (V)
OUTPUT LOAD (A)
All specifications are typical at nominal input, full load, and 25DegC unless otherwise noted
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied.
Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
I s o l a t e d a n d R e gulated 40 WATT Modular DC/DC Converters
MECHANICAL DIMENSIONS
0.40 (10.2) 0.40 (10.2) 0.32 (7.6) 2.60 (66.0) 0.60 (15.2) 0.70 (17.8) 0.40 (10.2)
FDC40
series
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the method shown below. ( ) for dual output trim [ ] for triple output trim { } XXD3305 only trim 3.3V/5V
TRIM UP
EXTERNAL OUTPUT TRIMMING
DIA. 0.04 (1.0)
1
2
3
4
TRIM DOWN
7 (7) [9] {6}
6 (8) [10] {8}
RU
6 (8) [10] {8} 5 (5) [8] {5}
RD
3.00 (76.2)
2.50 (63.5)
Bottom View
Pin #
1 2 3 4 5 6 7 8 9 10
Single
Ctrl + Vin - Vin Sync + OutS Trim - OutS + Vout - Vout No Pin
Dual
Ctrl + Vin - Vin Sync + Vout or 3.3 out Com - Vout or 5 out Trim No Pin No Pin
Triple
Ctrl + Vin - Vin Sync + Vout Com - Vout +5 Out -5 Out Trim
5
6
7
0.50 (12.7)
8
0.40 (10.2)
9
0.40 (10.2)
10
0.40 (10.2) 0.32 (8.0)
0.32 (7.6) 0.32 (7.6)
1. All dimensions in Inches (mm) 2. Pin pitch tolerance 0.014 (0.35)
OUTPUT DERATING CURVE
FDC40-48S05 Derating Curve OUTPUT POWER (%)
100 75 50 25 0 -40 -25 -10 0 50 60 70 80 90 100
Nature convection
AMBIENT TEMPERATURE (C)
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
I s o l a t e d a n d R e gulated 40 WATT Modular DC/DC Converters
APPLICATION OF SYNCHRONIZATION
1. The unit is capable of external synchronization from an independent time base with a switching rate between 200kHz and 215kHz 2. The amplitude of the synchronizing pulse train is TTL compatible 3. The duty cycle of the CLK should be 20% high and 80% low 4. Synchronization is referenced to negative input (-Vin)
Converter 1 + Vin 2 4 - Vin 3
FDC40
series
+
Sync
Converter 2
2 4 3 CLK
CLK Signal 80%
2N7000
+
Sync ON/OFF Control application Converter + Vin 2 1 - Vin
ON/OFF Control
-
+
CTRL
3
-
20%
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181


▲Up To Search▲   

 
Price & Availability of FDC40-48D05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X