Part Number Hot Search : 
HEM552L BC328BU LC0710LG CH9344 RF8736 C3216 1058196 AN630
Product Description
Full Text Search
 

To Download FB4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FB FBR
HIGH VOLTAGE, HIGH CURENT, STANDARD & FAST RECOVERY, SILICON RECTIFIER DIODES
Up to 250 nanosec. max recovery Exceptionally low leakage Avalanche characteristics
EDI T YPE # FB4 FB5 FBR3 FBR3.5 FBR4
PRV VOLTS 4,000 5,000 3,000 3,500 4,000
REVERSE RECOVERY TIME Not Applicable Not Applicable 250 Nanoseconds Max 250 Nanoseconds Max 250 Nanoseconds Max
Electrical Characteristics (at TA = 25C Unless Otherwise Specified)
ELECTRICAL CHARACTERISTIC AVERAGE FORWA RD CURRENT, I O (With Proper Heat sink) AVERAGE FORWA RD CURRENT, I O (Circuit Board Mounted) MAX FORWARD VOLTAGE DROP (@ 20 Amps), MAX SURGE CURRENT (1/2 CYCLE, 60 Hz) MAX DC REVERSE CURRENT (25C) OPERATING TEMPERATURE RANGE STORAGE TEMPERATURE RANGE FB Series FBR Series 4.0 A 3.0 A 2.0 A 1.5 A 5.0 V 6.5 V 800 A 800 A 5.0 iA 5.0 iA -55 To 150C -55 To 150C
NOTES: It is recommended that a proper heat sink be used on the terminals of this device between the body and the soldering point to prevent damage from excess heat.
EDI reserves the right to change these specifications at any time without notice.
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
21 GRAY OAKS AVENUE * YONKERS. NEW YORK 10710 914-965-4400 * FAX 914-965-5531 * 1-800-678-0828
EE-mail:sales@edidiodes.com * Wwebsite: http://www.edidiodes.com
FB FBR
NOTE: Maximum lead and terminal temperature for soldering: 1/4 inch from case, for 5 seconds at 250C
TEST CIRCUIT
EDI reserves the right to change these specifications at any time without notice.
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
21 GRAY OAKS AVENUE * YONKERS. NEW YORK 10710 914-965-4400 * FAX 914-965-5531 * 1-800-678-0828
EE-mail:sales@edidiodes.com * Wwebsite: http://www.edidiodes.com


▲Up To Search▲   

 
Price & Availability of FB4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X