Part Number Hot Search : 
2W04MG L7805CT STV8206 ON1085 LBS14059 ICROS XS36D3 MECL21
Product Description
Full Text Search
 

To Download EGP10A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EGP10A THRU EGP10M
1.0 AMP. Glass Passivated High Efficient Plastic Rectifiers
Voltage Range 50 to 1000 Volts Current 1.0 Ampere
Features
Plastic material used carries Underwriters Laboratory Classification 94V-0 Glass passivated cavity-free junction Superfast recovery time for high efficiency Low forward voltage, high current capability Low leakage current High surge current capability High temperature soldering guaranteed: 300/10seconds, .375"(9.5mm) lead length at 5 lbs., (2.3kg) tension
DO-41
Mechanical Data
Cases: JEDEC DO-41 molded plastic over glass body Lead: Plated axial leads, solderable per MIL-STD750, Method 2026 Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.012 ounce, 0.3 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol EGP EGP EGP Type Number 10A 10B 10D Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 Maximum RMS Voltage VRMS 35 70 140 Maximum DC Blocking Voltage 50 100 200 VDC
Maximum Average Forward Rectified Current .375" (9.5mm) Lead Length @TA = 55 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Maximum Reverse Recovery Time ( Note 1 )
TJ=25
EGP EGP EGP EGP EGP Units 10F 10G 10J 10K 10M
300 400 600 800 1000 210 280 420 560 700 300 400 600 800 1000 1.0 30.0
V V V A A
I(AV) IFSM VF IR Trr Cj RJA TJ
0.95
1.25 5.0 100.0 50
1.7
V uA uA
75 15 70 -65 to + 150 -65 to + 150
nS pF /W
Typical Junction Capacitance ( Note 2 ) Typical Thermal Resistance (Note 3) Operating Temperature Range Storage Temperature Range
20
TSTG Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 3. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
- 584 -
RATINGS AND CHARACTERISTIC CURVES (EGP10A THRU EGP10M)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
AVERAGE FORWARD CURRENT. (A)
1.0
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
RESISTIVE OR INDUCTIVE LOAD 0.375" (9.5mm) LEAD LENGTH
FIG.5- TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT. ( A)
100
Tj=150 0C
0.5
10
Tj=100 0C
0 0 25 50 75 100
o
125
150
175
1
AMBIENT TEMPERATURE. ( C)
PEAK FORWARD SURGE CURRENT. (A)
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
30 25 20 15 10 5 0 1 10 NUMBER OF CYCLES AT 60Hz 100 Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
0.1
Tj=25 0C
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
50
FIG.6- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
PULSE WIDTH-300 S 1% DUTY CYCLE
INSTANTANEOUS FORWARD CURRENT. (A)
10
FIG.4- TYPICAL JUNCTION CAPACITANCE
60
Tj=25 0C
1
Tj=150 0C
JUNCTION CAPACITANCE.(pF)
50 40 30 20 10 5 0 0.1
EGP10A-EGP10D EGP10F & EGP10M
Tj=25 0C f=1.0MHz Vsig=50mVp-p
0.1
EGP10A-EGP10D EGP10F EGP10M
0.01 100 1000 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
1
10 REVERSE VOLTAGE. (V)
FORWARD VOLTAGE. (V)
- 585 -


▲Up To Search▲   

 
Price & Availability of EGP10A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X