Part Number Hot Search : 
DB105 MSC1400M RTD2523 JMC261 16001 239315P 107AF 57788SH
Product Description
Full Text Search
 

To Download CXD2099AR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMON INTERFACE/POD CONTROLLER CXD2099AR
DESCRIPTION
The CXD2099AR is a Common Interface (CI) controller IC designed for use with DVB compliant Conditional Access Modules (CAM), POD and PCMCIA type memory cards performs the communication between a Host microcontroller and the Module/Card. The IC communicates to the Host either by 2 a parallel 68K style interface or a serial I C compatible connection. Communication between the CXD2099AR and the Module/Card is greatly simplified by the inclusion of a fully integrated hardware Physical layer. Parallel and serial MPEG2 Transport Stream interfaces are fully programmable ensuring compatibility to commonly used Front End demodulators and MPEG2 decoders. 100 pin Plastic LQFP
FEATURES
Card Interface * Fully integrated single slot PC Card interface. * Support for dual slot PC Card interfaces. * Support for generic PC Card interfaces. * Full Hardware Hot-swap support. * Independent support for 3V3 and 5V modules. * Support for current overload detection. * Integrated Physical layer with 1Kbyte buffer. Host Interface * Choice of Parallel (68K style) or serial (Fast 2 I C compatible) host bus interface. * Maskable interrupt capability. * Programmable HACK. * 3V3 logic levels. Transport Stream Interfaces * Accepts MPEG2 compliant TS. * Parallel TS interfaces to/from Card (up to 9Mbytes/s). * Parallel/ serial TS interface from tuner (up to 9Mbytes/s). 72MHz in serial mode. * Serial TS interface to downstream device (up to 72Mbits/s). * Four serial input and output modes. Miscellaneous * 27 MHz operating frequency. * Integrated PLL for serial TS * 3V3 process * 5V compatible I/Os for PC Card interface(s) * LQFP 100-pin package.
APPLICATIONS
* DTV, iDTV * Set Top Box * Personal Video Recorder (PVR)
DDS-0007
Version: 2.02 -1-
Released: 7th Feb 2003


▲Up To Search▲   

 
Price & Availability of CXD2099AR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X