Part Number Hot Search : 
HCT04 1060CT 11QMQ 200K6TR MC1488M HXXDC1 SG308 TLP862
Product Description
Full Text Search
 

To Download CAT5124 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT5110, CAT5118, CAT5119 CAT5123, CAT5124, CAT5125
32-Tap MiniPotTM Digitally Programmable Potentiometers with 2-Wire Interface
FeATures

DesCrIPTIOn
CAT50/58/59/523/524/525 linear-taper digitally programmable potentiometers perform the same function as a mechanical potentiometer or a variable resistor. These devices consist of a fixed resistor and a wiper contact with 32-tap points that are digitally controlled through a 2-wire up/down serial interface. The CAT5110 and CAT5125 are configured as potentiometers. The CAT5118/19/23/24 are configured as variable resistors. Three resistance values are available: 10k, 50k and 100k. All devices are available in space-saving 5-pin and 6-pin SOT-23 packages. The CAT50/58/59 are also available in the SC70 package.
0.3A ultra-low standby current single-supply operation: 2.7V to 5.5V Glitchless switching between resistor taps Power-on reset to midscale 2-Wire up/down serial interface Resistance values: 10k, 50k and 100k All devices available in sOT-23 package CAT5110, CAT5118, CAT5119 also available in sC70
APPlICATIOns

lCD screen adjustment Volume control Mechanical potentiometer replacement Gain adjustment line impedance matching
FunCTIOnAl DIAGrAM
H VDD GND
32-POSITION DECODER
CS
UP-DOWN COUNTER
W
For Ordering Information details, see page 11.
U/D
PIn COnFIGurATIOn
sOT-23
VDD 6 H VDD
L
sOT-23
5 H VDD
sOT-23
6 H
GND 2
5W
GND 2
GND 2
5L
U/D 3
CAT5110 CAT5125
4
CS
U/D 3
CAT5118 CAT5123
4
CS
U/D 3
CAT5119 CAT5124
4
CS
sC70
VDD 6 H VDD
sC70
5 H VDD
sC70
6 H
GND 2
5W
GND 2
GND 2
5L
U/D 3
CAT5110
4
CS
U/D 3
CAT5118
4
CS
U/D 3
CAT5119
4
CS
(c) 2007 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
Doc. No. 220, Rev. E
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125 PIn DesCrIPTIOns
Pin number CAT5110/ CAT5125 2 3 4 5 6 CAT5118/ CAT5123 2 3 4 6 CAT5119/ CAT5124 2 3 4 5 6 Pin name Description VDD GND U/D CS L W H Power Supply Ground Up/Down Control Input. With CS low, a low-to-high transition increments or decrements the wiper position. Chip Select Input. A high-to-low CS transition determines the mode: increment if U/D is high, or decrement if U/D is low. Low Terminal of Resistor Wiper Terminal of Resistor High Terminal of Resistor
AbsOluTe MAxIMuM rATInGs(1) VDD to GND All Other Pins to GND Input and Output Latch-Up Immunity Maximum Continuous Current into H, L and W 100k 50k 10k Continuous Power Dissipation (TA = +70C) 5-pin SC70* 6-pin SC70* Operating Temperature Range Junction Temperature Storage Temperature Range Soldering Temperature (soldering, 0s) 247mW 245mW -40C to +85C +50C -65C to +50C +300C -0.3V to +6V -0.3V to (VDD + 0.3)V 200mA 0.6mA .3mA .3mA
notes: (1) Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. (*) Derate 3.mW/C above TA = +70C
Doc. No. 220, Rev. E
2
(c) 2007 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125
eleCTrICAl CHArACTerIsTICs VDD = 2.7V to 5.5V, VH = VDD, VL = 0, TA = -40C to 85C. Typical values are at VDD = 2.7V, TA = 25C, unless otherwise noted. Parameter DC Performance Resolution End-to-End Resistance (-00) End-to-End Resistance (-50) End-to-End Resistance (-0) End-to-End Resistance Tempco Ratiometric Resistance Tempco Integral Nonlinearity Differential Nonlinearity Full-Scale Error Zero-Scale Error Wiper Resistance Digital Inputs Input High Voltage Input Low Voltage U/D Mode to CS Setup CS to U/D Step Setup CS to U/D Step Hold U/D Step Low Period U/D Step High Period Up/Down Toggle Rate
()
symbol
Conditions
Min 32 80 40 8
Typ
Max
units Taps
00 50 0 200 5 0.5 0.
20 60 2 ppm/C ppm/C LSB LSB LSB LSB V 0.3 x VDD V ns ns ns ns ns 600 200 k
TCR INL DNL
RW VIH VIL tCU tCI tIC tIL tIH fTOGGLE
CAT50/8/9 CAT523/24/25 0.7 x VDD
200 80
Timing Characteristics (Figures 1, 2) 25 50 25 25 25 100k variable resistor configuration, CL = 0pF 100k potentiometer configuration, CL = 0pF 2.7 VDD = +5V 0.3 s 0.25
MHz
Output Settling Time (2)
tSETTLE
Power supply Supply Voltage Active Supply Current (3) Standby Supply Current (4)
notes: () Up/Down Toggle Rate: fTOGGLE =
t SETTLE
VDD IDD ISB
5.5 25
V A A
(2) Typical settling times are dependent on end-to-end resistance. (3) Supply current measured while changing wiper tap, fTOGGLE = MHz. (4) Supply current measured while wiper position is fixed.
(c) 2007 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
3
Doc No. 220, Rev. E
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125
TyPICAl OPerATInG CHArACTerIsTICs TA = 25C, unless otherwise noted.
160 140 120 100
RW ()
WIPER POSITION
CAT5110/5118/5119
50K
80 60 40 20 0 0 5 CAT5123/5124/5125 VDD = 2.7V 10 15 20 25 WIPER POSTION 30
VDD= 5.5V
VDD= 2.7V
Doc. No. 220, Rev. E
4
(c) 2007 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125 FunCTIOnAl DesCrIPTIOn
The CAT50/58/59/523/524/525 consist of a fixed resistor and a wiper contact with 32-tap points that are digitally controlled through a 2-wire up/down serial interface. Three end-to-end resistance values are available: 0k, 50k and 00k. The CAT50/525 is designed to operate as a potentiometer. In this configuration, the low terminal of the resistor array is connected to ground (pin 2). The CAT58/523 performs as a variable resistor. In this device, the wiper terminal and high terminal of the resistor array are connected at pin 5. The CAT59/524 is a similar variable resistor, except the low terminal is connected to pin 5. DIGITAl InTerFACe OPerATIOn The MiniPots have two modes of operation when the serial interface is active: increment and decrement mode. The serial interface is only active when CS is low. The CS and U/D inputs control the position of the wiper along the resistor array. When CS transitions from high to low, the part will go into increment mode if U/D input is high, and into decrement mode when U/D input is low. Once the mode is set, the device will remain in that mode until CS goes high again. A low-to-high transition at the U/D pin will increment or decrement the wiper position depending on the current mode (Figures and 2). When the CS input transitions to high (serial interface inactive), the value of the counter is stored and the wiper position is maintained. Note that when the wiper reaches the maximum (or minimum) tap position, the wiper will not wrap around to the minimum (or maximum) position. POWer-On reseT All parts in this family feature power-on reset (POR) circuitry that sets the wiper position to midscale at powerup. By default, the chip is in the increment mode.
Figure 1. serial Interface Timing Diagram, Increment Mode
CS
t CU t IL
U/D t CI t SETTLE
t IC
t IH
t SETTLE
W
Note: "W" is not a digital signal. It represents wiper transitions.
Figure 2. serial Interface Timing Diagram, Decrement Mode
CS
t CU U/D
t IH
t IC
t IL W t CI t SETTLE
t SETTLE
Note: "W" is not a digital signal. It represents wiper transitions.
(c) 2007 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
5
Doc No. 220, Rev. E
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125 APPlICATIOns InFOrMATIOn
The MiniPots are intended for circuits requiring digitally controlled adjustable resistance, such as LCD contrast control, where voltage biasing adjusts the display contrast. AlTernATIVe POsITIVe lCD bIAs COnTrOl An op amp can be used to provide buffering and gain on the output of the CAT50/CAT525. This can be done by connecting the wiper output to the positive input of a noninverting op amp as shown in Figure 3. Figure 4 shows a similar circuit for the CAT59/CAT524. ADjusTAble GAIn Figure 5 shows how to use either a variable resistor or a potentiometer to digitally adjust the gain of a noninverting op amp configuration, by connecting the Minipot in series with a resistor to ground. The MiniPots have a low 5ppm/C ratiometric tempco that allows for a very stable adjustable gain configuration over temperature.
Figure 3. Positive lCD bias Control
+5V H W CAT5110/CAT5125 L
Figure 4. Positive lCD bias Control
+5V H 30V VOUT CAT5119/CAT5124 L 30V VOUT
Figure 5a. Adjustable Gain Circuit
V CC VIN VOUT
Figure 5b. Adjustable Gain Circuit
VCC VIN VOUT
H L W H
CAT5118/CAT5123 L
CAT5110/CAT5125
Doc. No. 220, Rev. E
6
(c) 2007 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125 PACkAGe InFOrMATIOn SC-70 6 LEAD
e e
E1
b
D
A2
A
c
GAUGE PLANE
A1
L L1
L2
SYMBOL A A1 A2 b c D E E1 e L L1 L2
MIN 0.80 0.00 0.70 0.15 0.08 1.80 1.15 1.80 -- 0.26
NOM
MAX 1.10 0.10
0.90 0.20 2.00 1.25 2.10 0.65 BSC 0.36 0.425 REF 0.15 BSC
1.00 0.30 0.22 2.20 1.38 2.40 -- 0.46
0
8
For current Tape and reel information, download the PDF file from: www.catsemi.com/documents/tapeandreel.pdf
Notes: (1) All dimensions are in millimeters. (2) All specifications comply to JEDEC standard M0-203.
(c) 2007 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
7
Doc No. 220, Rev. E
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125 SOT-23 6 LEAD
D e
E1
E
1
A2
A
L2
C Gauge Plane
2
b A1
L1
L
syMbOl A A A2 c b e D E E L L L2 2
MIn 0.00 0.90 0.08 0.30
nOM
MAx .45 0.5
.5
.30 0.22 0.50
0.95 BSC 2.90 BSC 2.80 BSC .60 BSC 0.30 0.45 0.60 REF 0.25 BSC 0 0 0 8 0 0 0.60
For current Tape and reel information, download the PDF file from: www.catsemi.com/documents/tapeandreel.pdf
notes: () All dimensions are in millimeters. Angles in degrees. (2) All specifications comply to JEDEC standard MO-178.
Doc. No. 220, Rev. E
8
(c) 2007 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125 SC-70 5 LEAD
e e
E1
b
D
A2
A
c
GAUGE PLANE
A1
L L1
L2
SYMBOL A A1 A2 b c D E E1 e L L1 L2
MIN 0.80 0.00 0.80 0.15 0.10 1.80 1.15 1.80 0.26
NOM
MAX 1.10 0.10 1.00 0.30 0.18
2.00 1.25 2.10 0.65 BSC 0.36 0.42 REF 0.15 BSC
2.20 1.35 2.40 0.46
0
8
For current Tape and reel information, download the PDF file from: www.catsemi.com/documents/tapeandreel.pdf
Notes: (1) All dimensions are in millimeters. Angles in degrees. (2) All specifications comply to JEDEC standard M0-203.
(c) 2007 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
9
Doc No. 220, Rev. E
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125 SOT-23 5 LEAD
D e
E1
E
1
A2
A
L2
C Gauge Plane
2
b A1
L1
L
syMbOl A A A2 c b e D E E L L L2 2
MIn 0.00 0.90 0.08 0.30
nOM
MAx .45 0.5
.5
.30 0.22 0.50
0.95 BSC 2.90 BSC 2.80 BSC .60 BSC 0.30 0.45 0.60 REF 0.25 BSC 0 0 0 8 0 0 0.60
For current Tape and reel information, download the PDF file from: www.catsemi.com/documents/tapeandreel.pdf
notes: () All dimensions are in millimeters. Angles in degrees. (2) All specifications comply to JEDEC standard MO-178.
Doc. No. 220, Rev. E
0
(c) 2007 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125 exAMPle OF OrDerInG InFOrMATIOn
Prefix CAT Optional Company ID Device # 5110 Product Number 5110 5118 5119 5123 5124 5125 Suffix SD Package SD: SC70 TB: SOT23 I -10 Resistance -10: 10kohms -50: 50kohms -00: 100kohms -G T3 Tape & Reel T: Tape & Reel 3: 3000 units/reel 10: 10000 units/reel
Temperature Range I: Inductrial (-40C to +85C)
Lead Finish G: NiPdAu Blank: Matte-Tin
notes: () All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The device used in the example above is a CAT5110SDI-10 -GT3 (NiPdAu, Tape and Reel). (3) The standard finish for SOT23 package is Matte-Tin. (4) The standard finish for SC70 package is NiPdAu. (5) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.
(c) 2007 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
Doc No. 220, Rev. E
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125 OrDerInG InFOrMATIOn
Device CAT5110 Ordering part number CAT50SDI-0-GT3 CAT50SDI-0-GT0 CAT50TBI-0-T3 CAT50TBI-0-T0 CAT50TBI-0-GT3 CAT50TBI-0-GT0 CAT50SDI-50-GT3 CAT50SDI-50-GT0 CAT50TBI-50-T3 CAT50TBI-50-T0 CAT50TBI-50-GT3 CAT50TBI-50-GT0 CAT50SDI-00-GT3 CAT50SDI-00-GT0 CAT50TBI-00-T3 CAT50TBI-00-T0 CAT50TBI-00-GT3 CAT50TBI-00-GT0 CAT5118 CAT58SDI-0-GT3 CAT58SDI-0-GT0 CAT58TBI-0-T3 CAT58TBI-0-T0 CAT58TBI-0-GT3 CAT58TBI-0-GT0 CAT58SDI-50-GT3 CAT58SDI-50-GT0 CAT58TBI-50-T3 CAT58TBI-50-T0 CAT58TBI-50-GT3 CAT58TBI-50-GT0 CAT58SDI-00-GT3 CAT58SDI-00-GT0 CAT58TBI-00-T3 CAT58TBI-00-T0 CAT58TBI-00-GT3 CAT58TBI-00-GT0 Resistor [k] 0 0 0 0 0 0 50 50 50 50 50 50 00 00 00 00 00 00 0 0 0 0 0 0 50 50 50 50 50 50 00 00 00 00 00 00 Top Marking JU_ JU_ JUYM JUYM JUYM JUYM JV_ JV_ JVYM JVYM JVYM JVYM JW_ JW_ JWYM JWYM JWYM JWYM JL_ JL_ JLYM JLYM JLYM JLYM JM_ JM_ JMYM JMYM JMYM JMYM JN_ JN_ JNYM JNYM JNYM JNYM Pin package SC70-6 SC70-6 SOT23-6 SOT23-6 SOT23-6 SOT23-6 SC70-6 SC70-6 SOT23-6 SOT23-6 SOT23-6 SOT23-6 SC70-6 SC70-6 SOT23-6 SOT23-6 SOT23-6 SOT23-6 SC70-5 SC70-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SC70-5 SC70-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SC70-5 SC70-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 Parts per reel 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000
Doc. No. 220, Rev. E
2
(c) 2007 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125 OrDerInG InFOrMATIOn (Continued)
Device CAT5119 Ordering part number CAT59SDI-0-GT3 CAT59SDI-0-GT0 CAT59TBI-0-T3 CAT59TBI-0-T0 CAT59TBI-0-GT3 CAT59TBI-0-GT0 CAT59SDI-50-GT3 CAT59SDI-50-GT0 CAT59TBI-50-T3 CAT59TBI-50-T0 CAT59TBI-50-GT3 CAT59TBI-50-GT0 CAT59SDI-00-GT3 CAT59SDI-00-GT0 CAT59TBI-00-T3 CAT59TBI-00-T0 CAT59TBI-00-GT3 CAT59TBI-00-GT0 CAT5123 CAT523TBI-0-T3 CAT523TBI-0-T0 CAT523TBI-0-GT3 CAT523TBI-0-GT0 CAT523TBI-50-T3
() () () ()
Resistor [k] 0 0 0 0 0 0 50 50 50 50 50 50 00 00 00 00 00 00 0 0 0 0 50 50 50 50 00 00 00 00
Top Marking JP_ JP_ JPYM JPYM JPYM JPYM JR_ JR_ JRYM JRYM JRYM JRYM JT_ JT_ JTYM JTYM JTYM JTYM JLYM JLYM JLYM JLYM JMYM JMYM JMYM JMYM JNYM JNYM JNYM JNYM
Pin package SC70-6 SC70-6 SOT23-6 SOT23-6 SOT23-6 SOT23-6 SC70-6 SC70-6 SOT23-6 SOT23-6 SOT23-6 SOT23-6 SC70-6 SC70-6 SOT23-6 SOT23-6 SOT23-6 SOT23-6 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5
Parts per reel 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000
CAT523TBI-50-T0 CAT523TBI-50-GT3 CAT523TBI-00-T3
CAT523TBI-50-GT0 CAT523TBI-00-T0 CAT523TBI-00-GT3
notes: () Contact factory for availability.
() () () ()
CAT523TBI-00-GT0
(c) 2007 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
3
Doc No. 220, Rev. E
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125 OrDerInG InFOrMATIOn (Continued)
Device CAT5124 Ordering part number CAT524TBI-0-T3
() () () ()
Resistor [k] 0 0 0 0 50 50 50 50 00 00 00 00 0 0 0 0 50 50 50 50 00 00 00 00
Top Marking JLYM JLYM JLYM JLYM JMYM JMYM JMYM JMYM JNYM JNYM JNYM JNYM JUYM JUYM JUYM JUYM JVYM JVYM JVYM JVYM JWYM JWYM JWYM JWYM
Pin package SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-6 SOT23-6 SOT23-6 SOT23-6 SOT23-6 SOT23-6 SOT23-6 SOT23-6 SOT23-6 SOT23-6 SOT23-6 SOT23-6
Parts per reel 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000 3,000 0,000
CAT524TBI-0-T0 CAT524TBI-0-GT3
CAT524TBI-0-GT0 CAT524TBI-50-T3 CAT524TBI-50-T0
CAT524TBI-50-GT3 CAT524TBI-50-GT0 CAT524TBI-00-T3
() ()
CAT524TBI-00-T0
CAT524TBI-00-GT3 () CAT524TBI-00-GT0 () CAT5125 CAT525TBI-0-T3 CAT525TBI-0-T0 CAT525TBI-0-GT3 CAT525TBI-0-GT0 CAT525TBI-50-T3
() () () ()
CAT525TBI-50-T0 CAT525TBI-50-GT3 CAT525TBI-00-T3
CAT525TBI-50-GT0 CAT525TBI-00-T0 CAT525TBI-00-GT3
notes: () Contact factory for availability.
() () () ()
CAT525TBI-00-GT0
Doc. No. 220, Rev. E
4
(c) 2007 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125 reVIsIOn HIsTOry
Date 03/0/2004 03/8/2004 07/9/2004 rev. A B C reason Initial Issue Update Typical Operating Characteristics Update SC70 package outline Added SOT-23 package in all areas Update Description Update Electrical Characteristics Update Typical Operating Characteristics Update Functional Description Added CAT523, CAT524, CAT525 Update Features Update Description Update Pin Configuration Update Pin Description Update Electrical Characteristics Update Typical Operating Characteristics Update Functional Description Update Figures 3, 4, 5 and 6 Update Package Information Update Example of Ordering Information Update Ordering information Update Electrical Characteristics
2/5/2006
D
0/29/07
E
(c) 2007 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
5
Doc No. 220, Rev. E
Copyrights, Trademarks and Patents Trademarks and registered trademarks of Catalyst Semiconductor include each of the following: Beyond MemoryTM, DPPTM, EZDimTM, MiniPotTM, and Quad-ModeTM Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES. Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a situation where personal injury or death may occur. Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale. Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate typical semiconductor applications and may not be complete.
Catalyst Semiconductor, Inc. Corporate Headquarters 2975 Stender Way Santa Clara, CA 95054 Phone: 408.542.000 Fax: 408.542.1200 www.catsemi.com
Document No: 220 Revision: E Issue date: 0/29/07


▲Up To Search▲   

 
Price & Availability of CAT5124

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X