Part Number Hot Search : 
TSM231 2SB1535P DT70N6T ON2778 C847A 600TTS SMCJ10A V285ME10
Product Description
Full Text Search
 

To Download BZX55C8V2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
1/2 Watt ZENER DIODES (2.4V to 91V)
Mechanical Dimensions
JEDEC D0-35 Glass
.120 .200 1.00 Min.
Description
.060 .090
.018 .022
Features
n WIDE VOLTAGE RANGE n MEETS UL SPECIFICATION 94V-0
Maximum Ratings Power Dissipation @ TL = 25oC...PD Lead Length = 4.0mm Forward Voltage @ IF = 200mA...VF Thermal Resistance Junction to Ambient...RJA Operating & Storage Temperature Range...TJ, TSTRG
BZX55C2V4 . . . 91 Series ............................................. 500 ............................................... ............................................. 1.2 ............................................... ............................................. 300 ............................................... ........................................ -65 to 200 .........................................
Power Derating Curve
Power Dissipation (mW)
Ambient Temperature (oC) Page 12-5
BZX55C2V4. . . 91 Series
Units mW V
o
C/W
o
C
Data Sheet
1/2 Watt ZENER DIODES (2.4V to 91V)
BZX55C2V4. . . 91 Series
NOTES: 1. The part numbers have max / min Zener Voltage as listed. Tolerance of 2% is designated by a B in place of the C. 2. VZ is measured with the device in thermal equilibrium at the lead temperature of 30oC + 1oC, 3/8 from the diode body. 3. The Zener Impedance is measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 1.0kHz.
Electrical Characteristics @ 25 O C. Part # BZX55C2V4 BZX55C2V7 BZX55C3V0 BZX55C3V3 BZX55C3V6 BZX55C3V9 BZX55C4V3 BZX55C4V7 BZX55C5V1 BZX55C5V6 BZX55C6V2 BZX55C6V8 BZX55C7V5 BZX55C8V2 BZX55C9V1 BZX55C10 BZX55C11 BZX55C12 BZX55C13 BZX55C15 BZX55C16 BZX55C18 BZX55C20 BZX55C22 BZX55C24 BZX55C27 BZX55C30 BZX55C33 BZX55C36 BZX55C39 BZX55C43 BZX55C47 BZX55C51 BZX55C56 BZX55C62 BZX55C68 BZX55C75 BZX55C82 BZX55C91 Minimum V Z (V) 2.28 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28.0 31.0 34.0 37.0 40.0 44.0 48.0 52.0 58.0 64.0 70.0 77.0 85.0
Zener Voltage @ I ZT (1)
Maximum V Z (V) 2.56 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.1 23.3 25.6 28.9 32.0 35.0 38.0 41.0 46.0 50.0 54.0 60.0 66.0 72.0 80.0 87.0 96.0
Max. Zener Impedance (3) Z ZT @ I ZT () 85 85 85 85 85 85 75 60 35 25 10 8.0 7.0 7.0 10 15 20 20 26 30 40 50 55 55 80 80 80 80 80 90 90 110 125 135 150 160 170 200 250
Test Current I ZT (mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 1.0
TA = 25oC TA = 125oC 50 10 4.0 2.0 2.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 100 50 40 40 40 40 20 10 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 5.0 5.0 5.0 10 10 10 10 10 10 10
Max. Reverse Leakage Current @ VR, IR (A)
Max. DC Zener Current (2)
VR (V) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 5.0 6.0 7.0 7.5 8.5 9.0 10 11 12 14 15 17 18 20 22 24 27 28 32 35 38 42 47 51 56 62 69
IZM (mA) 155 135 125 115 105 95 90 85 80 70 64 58 53 47 43 40 36 32 29 27 24 21 20 18 16 14 13 12 11 10 9.2 8.5 7.8 7.0 6.4 5.9 5.3 4.8 4.3
Page 12-6


▲Up To Search▲   

 
Price & Availability of BZX55C8V2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X