Part Number Hot Search : 
TMC429 M6034F AD5247 1N4489 SMB10CA CM150 CF5034LA 5F2FZES
Product Description
Full Text Search
 

To Download BAV74 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAV74
Surface Mount Switching Diode
P b Lead(Pb)-Free
Features: *Low Current Leakage *Low Forward Voltage *Reverse Recover Time Trr 4ns *Small Outline Surface Mount SOT-23 Package
SWITCHING DIODE 200m AMPERES 50 VOLTS
3 1 2
SOT-23
SOT-23 Outline Dimensions
A
Uint:mm
TOP VIEW
B
C
E
G H
D
K J L M
Dim A B C D E G H J K L M
Min 0.35 1.19 2.10 0.85 0.46 1.70 2.70 0.01 0.89 0.30 0.076
Max 0.51 1.40 3.00 1.05 1.00 2.10 3.10 0.13 1.10 0.61 0.25
WEITRON http://www.weitron.com.tw
1/3
15-Jul-05
BAV74
Maximum Ratings
Characteristic Reverse Voltage Forward Current Peak Forward Surge Current Symbol VR IF IFM Value 50 200 500 Unit Vdc mAdc mAdc
Thermal Characteristics
Characteristic Total Device Dissipation FR-5 Board TA=25C Derate Above 25C
1
Symbol PD RJA
2
Max 225 1.8 556 300 2.4 417 -55 to + 150
Unit mW mW/C C/W mW mW/C C/W C
Thermal Resistance Junction to Ambient Total Device Dissipation Alumina Substrate TA=25C Derate Above 25C Thermal Resistance Junction to Ambient Junction and Storage Temperature 1. FR-5=1.0x0.75x0.062 in. 2. Alumina=0.4x0.3x0.024 in 99.5% Alumina.
PD RJA TJ, Tstg
Electrical Characteristics
Characteristic
(TA=25C Unless Otherwise Note) (Each Diode) Symbol Min Max
Unit
Off Characteristics
Reverse Breakdown Voltage IBR = 5.0 Adc Reverse Voltage Leakage Current VR=50V, TJ=125C VR=50V Diode Capacitance (VR = 0, f = 1.0 MHz) Forward Voltage IF = 100 mAdc Reverse Recovery Time IF=IR=10 mAdc,IR(REC)=1.0 mAdc measured at IR=1.0mA RL=100 VBR 50 Vdc
IR CD VF t rr
-
100 0.1 2.0 1.0 4.0
Adc PF Vdc ns
http://www.weitron.com.tw
WEITRON
2/3
15-Jul-05
BAV74
Device Marking
Item BAV74 Marking JA Eqivalent Circuit diagram
3 1 2
Characteristics Curve
100 10 IF, FORWARD CURRENT (mA) IA. REVERSE CURRENT (A) TA=85C 10 TA=- 40C TA=150C 1.0 TA=125C
TA=25C 1.0
0.1
TA=85C TA=55C
0.01
0.1
0.001 0.2 0.4 0.6 0.8 1.0 1.2
TA=25C 0 10 20 30 40 50
VF, FORWARD VOLTAGE (VOLTS)
VR. REVERSE VOLTAGE (VOLTS)
FIG.1 FORWARD VOLTAGE
FIG.2 LEAKAGE CURRENT
1.0 CD. DIODE CAPACITANCE (PF)
0.9
0.8
0.7
0.6
0
2
4
6
8
VR. REVERSW VOLTAGE (VOLTS)
FIG.3 CAPACITANCE
WEITRON
http://www.weitron.com.tw
3/3
15-Jul-05


▲Up To Search▲   

 
Price & Availability of BAV74

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X