Part Number Hot Search : 
M62358FP 1N4531UR JCR1LB XR8051 A21DC DAC2800D AN17821 CGL3K
Product Description
Full Text Search
 

To Download BAT54AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data Sheet PD-20780 12/01
BAT54AW
SCHOTTKY RECTIFIER
3
0.2 Amp
2
Major Ratings and Characteristics Characteristics
IF VRRM IFSM @ tp= 10 ms sine VF Pd TJ @30mA DC, TJ= 25C Power Dissipation @ TA = 25C range (DC) Per Leg
SOT323
Value
0.2 30 1.0 0.5 200 - 65 to 150
Units
A V A V mW C
Description/ Features
This Schottky barrier double diode is designed for high speed switching application, voltage clamping and circuit protection. Miniature surface mount packages with reduced foot print are excellent for portable application where space is limited Small foot print, surface mountable Very low forward voltage drop Extremely fast switching speed for high frequency operation Guard ring for enhanced ruggedness and long term reliability
Case Styles
Device Marking: IR4A
H
DIM A Millimeters Min 0.25 1.15 2.00 0.30 1.20 1.80 0.00 0.90 0.10 0.109 8 B C D Max 0.40 1.35 2.20 0.65 0.40 1.40 2.20 0.10 1.00 0.30 0.25 Inches Min 0.010 0.045 0.079 0.012 0.047 0.071 0.000 0.035 0.004 0.004 Max 0.016 0.053 0.087 0.026 0.016 0.055 0.087 0.004 0.039 0.012 0.010 8C
K J D M L
SOLDERING PAD
F G H
0.025 mm 0.65"
J K L M
A 1
0.025 mm 0.85"
C B
0.035 mm 0.9" 0.028 mm 0.7" 0.075 mm 1.9"
(A)
1
2 F G
3
Outline SOT323
(K)
2
(K)
3
www.irf.com
1
BAT54AW
Preliminary Data Sheet PD-20780 12/01
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
Value
30
Absolute Maximum Ratings
Parameters
IF IFSM Forward Current Max. Peak One Cycle Non-Repetitive Surge Current, @ TJ = 25C
Value
0.2 8.4 1.0
Units
A A A DC, per Leg
Conditions
5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated VRRM applied
Electrical Specifications
Parameters
VFM VFM Max. Forward Voltage Drop Max. Forward Voltage Drop (1) (1)
Value
0.24 0.32 0.40 0.50 0.65
Units
V V V V V A A pF V/s @ 0.1mA @ 1mA @ 10mA @ 30mA @ 100mA VR = 25V VR = 30V
Conditions
TJ = 25C
IRM CT
Max. Reverse Leakage Current Max. Junction Capacitance
(1)
2 3 10 10000
VR = 1VDC (test signal range 100KHz to 1Mhz), TJ = 25C
dv/dt Max. Voltage Rate of Change (Rated VR)
(1) Pulse Width < 300s, Duty Cycle < 2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Storage Temperature Range
Value
- 65 to 150 625 0.006
Units
C C
Conditions
Max. Junction Temperature Range (*) - 65 to 150
Rth(j-a) Max. Thermal Resistance Junction to Ambient Wt Approximate Weight Case Style Device Marking
C/W Mounted on PC board FR4 with minimum pad size gr
SOT323 IR4A
(*)dPtot 1 < thermal runaway condition for a diode on its own heatsink dTj Rth( j-a)
2
www.irf.com
BAT54AW
Preliminary Data Sheet PD-20780 12/01
1
1 0.1 0.01 0.001
Tj = 150C 125C 100C 75C 50C 25C
0.1
Instantaneous Forward Current - I F (A)
Reverse Current - I R (mA)
0.0001
0.00001 0
0.01
10
T = 25C
Junction Capacitance - C T (p F)
J
5
10
15
20
25
30
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
Tj = 150C
0
Tj = 125C Tj = 25C
0 0 0.2 0.4 0.6 0.8 1 1.2 1.4
Forward Voltage Drop - VFM (V) Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
1 0 5 10 15 20 25 30
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
Non-Repetitive Surge Current - I FSM (A)
0.4
Average Power Loss (Watts)
0.3
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS Limit DC
10
0.2
1
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
0.1
0 0 0.1 0.2 0.3
Average Forward Current - IF(AV) (A) Fig. 4 - Forward Power Loss Characteristics
0.1 10
100
1000
10000
Square Wave Pulse Duration - tp (microsec) Fig. 5 - Max. Non-Repetitive Surge Current
www.irf.com
3
BAT54AW
Preliminary Data Sheet PD-20780 12/01
Tape & Reel Information
Dimensions in millimeters
Ordering Information Table
Device BAT54AW Package SOT-323 Marking IR4A Configuration Dual C. Anode Base qty 3000 Delivery mode Tape & Reel
Data and specifications subject to change without notice. This product has been designed for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 12/01
4
www.irf.com


▲Up To Search▲   

 
Price & Availability of BAT54AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X