Part Number Hot Search : 
MSK0021B AS2578B 11000101 E000477 WM8727 AN260 MIC5164 TDA7434
Product Description
Full Text Search
 

To Download BAS70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS70-04-05-06
FEATURES Power dissipation PD: 200
SCHOTTKY DIODE
SOT-23
mW (Tamb=25)
1. 0
0. 95
Collector current 200 mA IF: Collector-base voltage 70 V VR: Operating and storage junction temperature range TJ, Tstg: -55 to +150
2. 4 1. 3
2. 9
1. 9
0. 95
Unit: mm
BAS70 Marking: 73
BAS70-04 Marking: 74
BAS70-05 Marking: 75
BAS70-06 Marking: 76
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Reverse breakdown voltage Reverse voltage Forward Diode voltage capacitance leakage current Symbol V(BR) R IR VF CD trr
unless otherwise specified)
Test conditions IR= 10A VR=50V IF=1mA IF=15mA VR=0V,f=1MHz MIN 70 100 410 1000 2 5 MAX UNIT V
0. 4
nA
mV
pF
nS
Reveres recovery time
IF=10mA through IR=10mA to IR=1mA


▲Up To Search▲   

 
Price & Availability of BAS70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X