Part Number Hot Search : 
RF300 P2950CZ LN453YP 87C51FA KBL200 LA633908 STV0056A AN942
Product Description
Full Text Search
 

To Download AK84D1400-PLCC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Accutek Microcircuit Corporation
64 Pin to 84 Pin DIP Adapters DIP ADAPTER MODULES ELIMINATE THE NEED TO REDESIGN MOTHERBOARDS OR MAY BE USED FOR BREADBOARD PROTOTYPING
DESCRIPTION
This new family of Accutek DIP Adapter Modules converts surface mount IC's to pin compatible DIP packages for creating drop-in replacements for end-of-life DIP IC's. Package types supported are: SOJ, PLCC, SOIC, SOP, TSOP, QSOP, HSOP, MSOP, LLP (Leadless Leadframe Package), CSP (Chip Scale Package) and CLCC. These DIP Adapters were developed for users with motherboard designs that require DIP's, now obsoleted by manufacturers. These adapter modules save costly motherboard redesigns. Available with machined or flat contact pins. Accutek DIP Adapter Modules feature 4 to 84 pins, are fully assembled and tested and may include a decoupling capacitor. These DIP Adapters can be manufactured turnkey or from customer supplied surface mount chips. Modules range in length from 0.200" to 4.200" depending on number of pins and incorporate 0.300", 0.400", 0.600", 0.900", 1.200" and 1.400" row-to-row spacing with 0.100" lead spacing. Custom configurations up to 200 pins, multi-chip and double sided modules are also available for special functions. A variety of pin lengths with varying diameters as well as custom sizes and spacing can be specified with different materials and finishes. All modules are designed in-house using PCB CAD workstations. Automated assembly and 100% testing are also performed in-house.
FEATURES
* * * * * * * Saves costly redesign of current motherboards Fully tested with lifetime limited warranty May include an on board decoupling capacitor IC assembly and testing available EPROM and Flash programming available Custom lead lengths available Custom multi-chip and double-sided modules available
ORDERING OPTIONS
* Adapter only * Customer supplies chips - Accutek assembles on Accutek adapters, tests and delivers finished product in antistatic tubes. * Complete turnkey - Accutek purchases IC's and passives. Then assembles, tests and delivers finished product in antistatic tubes.
ACCUTEK MICROCIRCUIT CORPORATION BUSINESS CENTER at NEWBURYPORT 2 NEW PASTURE ROAD, SUITE 1 NEWBURYPORT, MA 01950-4054 PHONE: 978-465-6200 FAX: 978-462-3396 E-Mail: sales@accutekmicro.com Internet: www.accutekmicro.com
AK64D600-TSSOP.65 .65MM TSSOP TO 64 PIN DIP
3.200" 0.025" (.65mm)
0.240"
0.415" 0.600"
0.126"
0.100"
AK64D600-TSSOP.5 .5MM TSSOP TO 64 PIN DIP
3.200" 0.019" (.5mm)
0.240"
0.415" 0.600"
0.126"
0.100"
AK64D600-TSSOP.4 .4MM TSSOP TO 64 PIN DIP
3.200" 0.015" (.4mm)
0.175"
0.350" 0.600"
0.126"
0.100"
AK64D900-QFP .8mm QFP 0.8mm PITCH TO 64 PIN DIP
0.710" 0.565"
3.200" 0.8mm (0.031")
1.000"
0.900"
0.070" 0.125"
0.100"
PAGE 22 ACCUTEKMICRO.COM 12/2004 (DA22)
AK64D900-QFP .65mm 12x12 QFP 0.65mm PITCH TO 64 PIN DIP
0.635" 0.500"
3.200" 0.65mm (0.025")
1.000"
0.900"
0.070" 0.125"
0.100"
AK64D600-QFP .5mm 10x10 10x10 QFP .5mm PITCH 0.385" TO 64 PIN DIP
0.510"
3.200"
0,5mm
0.700"
0.600"
0.070" 0.125"
0.100"
PAGE 23 ACCUTEKMICRO.COM 12/2004 (DA23)
AK68D1200-PLCC
68 PIN PLCC TO DIP 1.050"
3.400"
ACCUTEK AK68D1200-PLCC REV 0
1.300"
1.200"
0.080" 0.125"
0.100"
AK68DS1200-PLCC (with PLCC Socket included)
68 PIN PLCC SOCKET TO DIP
3.400" 1.050"
1.300"
1.200"
0.100" 0.080" 0.125"
0.275"
AK84D1400-PLCC
84 PIN PLCC TO DIP
4.200"
1.250"
1.500"
ACCUTEK AK84D1400-PLCC REV 0
1.400"
0.100" 0.080" 0.125"
AK84DS1400-PLCC (with PLCC Socket included)
84 PIN PLCC SOCKET TO DIP
4.200"
1.500"
1.400"
0.100" 0.080" 0.125"
0.275"
PAGE 24 ACCUTEKMICRO.COM 12/2004(DA24)
AK80D900-TSSOP.4 .4MM TSSOP TO 80 PIN DIP
0.360" 0.185"
4.000" 0.015" (.4mm)
0.900"
0.126" 0.100"
AK80D900-TSSOP.5 .5MM TSSOP TO 80 PIN DIP
0.415" 0.240"
4.000" 0.019" (.5mm)
0.900"
0.126" 0.100"
AK80D900-QFP.65mm QFP 0.65mm PITCH TO 80 PIN DIP
4.000" 0.65mm (0.025")
0.710"
0.565"
0.900"
0.126" 0.100"
AK80D900-QFP.5mm QFP 0.5mm PITCH TO 80 PIN DIP
0.590" 0.460"
4.000"
0,5mm
0.900"
0.126"
PAGE 22 ACCUTEKMICRO.COM 02/2005 (DA25)


▲Up To Search▲   

 
Price & Availability of AK84D1400-PLCC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X