Part Number Hot Search : 
CP16601 ADV7311 2SC3001 150C8066 2SK603 FPF2116 P4SMA480 UY2043
Product Description
Full Text Search
 

To Download 3DD13007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-220 Plastic-Encapsulated Transistors
3DD13007
FEATURES Power dissipation PCM: 2 W (Tamb=25)
1. BASE 2. COLLECTOR 3. EMITTER
TRANSISTOR (NPN) TO-220
Collector current 8 A ICM: Collector-base voltage 700 V V(BR)CBO: Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) DC current gain hFE(2) Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Fall time Storage time VCE(sat) VBE(sat) fT VCE=5 V, IC=5A IC=2A,IB=0.4A IC=2A, IB= 0.4A Ic=500mA,VCE=10V f=1MHZ
123
unless otherwise specified)
Test conditions MIN 700 400 9 1 100 8 5 40 30 1 1.2 4 80 0.7 3 V V MHZ TYP MAX UNIT V V V mA A
Ic= 1mA, IE=0 Ic= 10mA, IB=0 IE= 1mA, IC=0 VCB= 700V, IE=0 VEB=9V, IC=0 VCE= 5V, IC= 2 A
Cob
tf ts
VCE=10,IE=0, f=0.1MHz Vcc=125V, Ic=5A IB1=-IB2=1A
pF
s s
CLASSIFICATION OF hFE(1)
Rank Range 8-15 15-20 20-25 25-30 30-35 35-40


▲Up To Search▲   

 
Price & Availability of 3DD13007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X