Part Number Hot Search : 
EDDTRP TD200A TA0450A CS1527 BAS70 M5S23AJ LM830 TDA15
Product Description
Full Text Search
 

To Download 3DD13005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-220 Plastic-Encapsulated Transistors
3DD13005
FEATURES Power dissipation PCM:
TRANSISTOR (NPN)
TO-220
1. BASE 2. COLLECTOR
1.5
W (Tamb=25)
3. EMITTER
Collector current 4 A ICM: Collector-base voltage 700 V V(BR)CBO: Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition Frequency Fall time Storage time Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE VCE (sat) VBE (sat) f t
T
123
unless otherwise specified)
Test conditions MIN 700 400 9 1000 100 1000 10 40 0.6 1.6 5 0.9 4 V V MHz s s TYP MAX UNIT V V V A A A
Ic= 1000A, IE=0 Ic= 10mA, IB=0 IE= 1000A, IC=0 VCB= 700V, IE=0 VCE= 400V, IB=0 VEB=9V, IC=0 VCE= 5V, IC= 1000mA IC=2000mA, IB=500 mA IC=2000mA, IB= 500mA VCE=10 V, IC=500mA f = 1MHz IB1=-IB2=0.4A, IC=2A VCC=120V
f
ts
CLASSIFICATION OF hFE
Rank Range 10-15 15-20 20-25 25-30 30-35 35-40


▲Up To Search▲   

 
Price & Availability of 3DD13005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X