Part Number Hot Search : 
L9904 M62292FP SB860 J128G MP2158 2140B 0300A 2SK204
Product Description
Full Text Search
 

To Download 3DD13003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-220 Plastic-Encapsulated Transistors
3DD13003
FEATURES Power dissipation PCM:
TRANSISTOR (NPN)
TO-220
1. BASE
1.5
W (Tamb=25)
2. COLLECTOR 3. EMITTER
Collector current 1.5 A ICM: Collector-base voltage V(BR)CBO: 700 V Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE(1) DC current gain hFE(2) Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter voltage Transition frequency Fall time Storage time VCE(sat) VBE(sat) VBE fT tf ts VCE= 10V, IC= 0.5 mA
123
unless otherwise specified)
Test conditions MIN 700 400 9 1000 500 1000 8 5 1 1.2 3 5 0.5 2.5 V V V MHZ S S 40 TYP MAX UNIT V V V A A A
Ic= 1000A, IE=0 Ic= 10mA, IB=0 IE= 1000A, IC=0 VCB= 700V, IE=0 VCE= 400V, IB=0 VEB= 9V, IC=0 VCE= 2V, IC= 0.5 A
IC=1000mA, IB=250 mA IC=1000mA, IB= 250mA IE= 2000 mA Ic=100mA, VCE=10V f=1MHZ Vcc=100V, Ic=1A IB1=-IB2=0.2A
CLASSIFICATION OF hFE(1)
Rank Range 8-10 10-15 15-20 20-25 25-30 30-35 35-40


▲Up To Search▲   

 
Price & Availability of 3DD13003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X