Part Number Hot Search : 
GDMA77 CSP24 TLP592G E7580 3055E 245D1 RL806S 30R06CW
Product Description
Full Text Search
 

To Download 3DD13002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-251 Plastic-Encapsulated Transistors
3DD13002
FEATURES Power dissipation PCM:
TRANSISTOR (NPN)
TO-251
1.25
W (Tamb=25)
1. BASE 2. COLLECTOR 3. EMITTER
Collector current ICM: 1A Collector-base voltage V(BR)CBO: 600 V Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) DC current gain hFE(2) Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Fall time Storage time VCE(sat) VBE(sat) fT tf ts
1
2
3
unless otherwise specified)
Test conditions MIN 600 400 6 100 100 9 5 0.8 1.1 5 0.5 2.5 V V MHz s s 40 TYP MAX UNIT V V V A A
Ic= 100A, IE=0 Ic=1mA, IB=0 IE= 100A, IC=0 VCB= 600V, IE=0 VEB= 6V, IC=0 VCE= 10V, IC= 200 mA VCE= 10V, IC=250 A IC=200mA, IB= 40 mA IC=200mA, IB= 40 mA VCE=10V, Ic=100mA f =1MHz IC=1A, IB1=-IB2=0.2A VCC=100V
CLASSIFICATION OF hFE(2)
Rank Range 9-15 15-20 20-25 25-30 30-35 35-40


▲Up To Search▲   

 
Price & Availability of 3DD13002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X