Part Number Hot Search : 
CMD6392 1KOHM IRF1404 FS20054 05100 38410 12HCC D77C20AC
Product Description
Full Text Search
 

To Download 2SK4115 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK4115
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (- MOS)
2SK4115
Switching Regulator Applications
* * * * Low drain-source ON resistance: RDS (ON) = 1.6 (typ.) High forward transfer admittance: Yfs = 5.0 S (typ.) Low leakage current: IDSS = 100 A (max) (VDS = 720 V)
3.3max. 2.0 9.0 20.00.3 2.0
Unit: mm
3.20.2 1.0 4.5
15.9max.
Enhancement model: Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA)
Characteristic Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC Pulse (Note 1) (Note 1)
Symbol VDSS VDGR VGSS ID IDP PD EAS IAR EAR Tch Tstg
Rating 900 900 30 7 21 150 491 7 15 150 -55~150
Unit V
1.8max.
1.0 0.25
0.3
5.450.2 0.60.1
0.3
5.450.2 4.8max. 1 2 3 2.8
V V A W mJ A mJ C C
Drain power dissipation (Tc = 25C) Single pulse avalanche energy (Note 2) Avalanche current Repetitive avalanche energy (Note 3) Channel temperature Storage temperature range
1. GATE 2. DRAIN (HEATSINK) 3. SOURCE
JEDEC JEITA TOSHIBA
SC-65 2-16C1B
Weight: 4.6 g (typ.)
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
2 Characteristic Thermal resistance, channel to case Thermal resistance, channel to ambient Symbol Rth (ch-c) Rth (ch-a) Max 0.833 50 Unit C/W C/W 1
Note 1: Ensure that the channel temperature does not exceed 150C during use of the device. Note 2: VDD = 90 V, Tch = 25C, L = 18.4 mH, RG = 25 , IAR = 7 A Note 3: Repetitive rating: pulse width limited by max junction temperature This transistor is an electrostatic-sensitive device. Handle with care.
3
1
2007-07-24
20.50.5
Absolute Maximum Ratings (Ta = 25C)
2.00.3
2SK4115
Electrical Characteristics (Ta = 25C)
Characteristic Gate leakage current Drain-source breakdown voltage Drain cutoff current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Symbol IGSS V (BR) GSS IDSS V (BR) DSS Vth RDS (ON) Yfs Ciss Crss Coss tr ton tf ID = 3.5 A VDS = 25 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 30 V, VDS = 0 V IG = 10 A, VDS = 0 V VDS = 720 V, VGS = 0 V ID = 10 mA, VGS = 0 V VDS = 10 V, ID = 1 mA VGS = 10 V, ID = 3.5 A VDS = 10 V, ID = 3.5 A Min 30 900 2.0 3.5 Typ. 1.6 5.0 1650 30 140 50 Max 10 100 4.0 2.0 pF Unit A V A V V S
10 V VGS 0V 50

ns
VOUT
Turn-on time Switching time Fall time
RL = 114
90
VDD 400 V -
70

nC
Turn-off time Total gate charge (gate-source plus gate-drain) Gate-source charge Gate-drain ("Miller") charge
toff
Duty < 1%, tw = 10 s =
240
Qg Qgs Qgd VDD 400 V, VGS = 10 V, ID = 7 A -

45 24 21
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristic Continuous drain reverse current (Note 1) Pulse drain reverse current Forward voltage (diode) Reverse recovery time Reverse recovery charge (Note 1) Symbol IDR IDRP VDSF trr Qrr Test Condition IDR = 7 A, VGS = 0 V IDR = 7 A, VGS = 0 V, dIDR/dt = 100 A/s Min Typ. 1400 12 Max 7 21 -1.7 Unit A A V ns C
Marking
TOSHIBA
K4115
Part No. (or abbreviation code) Lot No. A line indicates Lead (Pb)-Free
2
2007-07-24
2SK4115
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
3
2007-07-24


▲Up To Search▲   

 
Price & Availability of 2SK4115

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X