Part Number Hot Search : 
WP711 936818 SBR10 TLC154P NTE127 UAA3500 35507 33100
Product Description
Full Text Search
 

To Download 2SK356706 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3567
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (-MOSVI)
2SK3567
Switching Regulator Applications
* * * * Low drain-source ON resistance: RDS (ON) = 1.7 (typ.) High forward transfer admittance: |Yfs| = 2.5S (typ.) Low leakage current: IDSS = 100 A (VDS = 600 V) Enhancement mode: Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA) Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage DC Drain current (Note 1) Symbol VDSS VDGR VGSS ID IDP PD EAS IAR EAR Tch Tstg Rating 600 600 30 3.5 14 35 201 3.5 3.5 150 -55~150 A W mJ A mJ C C Unit V V V
1: Gate 2: Drain 3: Source
Pulse (t = 1 ms) (Note 1)
Drain power dissipation (Tc = 25C) Single pulse avalanche energy (Note 2) Avalanche current Repetitive avalanche energy (Note 3) Channel temperature Storage temperature range
JEDEC JEITA TOSHIBA
SC-67 2-10U1B
Weight : 1.7 g (typ.)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
2 Characteristics Thermal resistance, channel to case Thermal resistance, channel to ambient Symbol Rth (ch-c) Rth (ch-a) Max 3.57 62.5 Unit C/W C/W 1
Note 1: Ensure that the channel temperature does not exceed 150. Note 2: VDD = 90 V, Tch = 25C(initial), L = 28.8 mH, IAR = 3.5 A, RG = 25 Note 3: Repetitive rating: pulse width limited by maximum channel temperature This transistor is an electrostatic-sensitive device. Please handle with caution.
3
1
2006-11-08
2SK3567
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Gate-source breakdown voltage Drain cut-off current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-on time Switching time Fall time Turn-off time Total gate charge Gate-source charge Gate-drain charge tf toff Qg Qgs Qgd VDD 400 V, VGS = 10 V, ID = 3.5 A - Duty < 1%, tw = 10 s = Symbol IGSS V (BR) GSS IDSS V (BR) DSS Vth RDS (ON) Yfs Ciss Crss Coss tr ton 10 V VGS 0V 50 ID = 1.8 A VOUT VDS = 25 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 25 V, VDS = 0 V IG = 10 A, VDS = 0 V VDS = 600 V, VGS = 0 V ID = 10 mA, VGS = 0 V VDS = 10 V, ID = 1 mA VGS = 10 V, ID = 1.8 A VDS = 10 V, ID = 1.8 A Min 30 600 2.0 0.7 Typ. 1.7 2.5 550 6 60 12 45 13 80 16 10 6 Max 10 100 4.0 2.2 pF Unit A V A V V S



ns
RL = 111 VDD 200 V -

nC
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristics Continuous drain reverse current (Note 1) Pulse drain reverse current Forward voltage (diode) Reverse recovery time Reverse recovery charge (Note 1) Symbol IDR IDRP VDSF trr Qrr Test Condition IDR = 3.5 A, VGS = 0 V IDR = 3.5 A, VGS = 0 V, dIDR/dt = 100 A/s Min Typ. 1400 9.0 Max 3.5 14 -1.7 Unit A A V ns C
Marking
K3567
Part No. (or abbreviation code) Lot No. A line indicates lead (Pb)-free package or lead (Pb)-free finish.
2
2006-11-08
2SK3567
ID - VDS
2 COMMON SOURCE Tc = 25C PULSE TEST 15,10 8 6 5.5 5 5 15,10
ID - VDS
6
(A)
(A)
1.6
4
8
5.5
DRAIN CURRENT ID
4.8 1.2
DRAIN CURRENT ID
3
COMMON SOURCE Tc = 25C PULSE TEST 5
0.8
4.6
2
4.4 0.4 4.2 VGS = 4V 0 0 1 2 3 4 5
1
4.5 VGS = 4 V
0 0
4
8
12
16
20
DRAIN-SOURCE VOLTAGE
VDS
(V)
DRAIN-SOURCE VOLTAGE
VDS
(V)
ID - VGS VDS (V)
4 COMMON SOURCE 20
VDS - VGS
COMMON SOURCE Tc = 25 16 PULSE TEST
(A)
VDS = 10 V 3 PULSE TEST
DRAIN CURRENT ID
DRAIN-SOURCE VOLTAGE
12
2
8
ID = 3.5 A
1
Tc = -55C 100 25
4
1.8
0 0
2
4
6
8
10
0 0
1 4 8 12 16
GATE-SOURCE VOLTAGE
VGS
(V)
GATE-SOURCE VOLTAGE
VGS
(V)
Yfs - ID FORWARD TRANSFER ADMITTANCE Yfs (S)
10 10
RDS (ON) - ID DRAIN-SOURCE ON RESISTANCE RDS (ON) ()
COMMON SOURCE Tc = 25C PULSE TEST
Tc = -55C 25 1 100
VGS = 10 V15V
COMMON SOURCE VDS = 20 V 0.1 0.1 PULSE TEST 1 10
1 0.1
1
10
DRAIN CURRENT ID
(A)
DRAIN CURRENT ID
(A)
3
2006-11-08
2SK3567
RDS (ON) - Tc
10 100 COMMON SOURCE 8 PULSE TEST COMMON SOURCE
IDR - VDS
Tc = 25C PULSE TEST 10
DRAIN-SOURCE ON RESISTANCE RDS (ON) ( )
6 ID = 3.5A 4 1.8
DRAIN REVERSE CURRENT IDR (A)
VGS = 10 V
1
2
1
10 5 3 -0.4 1 -0.6 VGS = 0, -1 V -0.8 -1.0 -1.2
0 -80
-40
0
40
80
120
160
0.1 0
-0.2
CASE TEMPERATURE
Tc
(C)
DRAIN-SOURCE VOLTAGE
VDS
(V)
CAPACITANCE - VDS
10000 5
Vth - Tc
GATE THRESHOLD VOLTAGE Vth (V)
(pF)
1000
Ciss
4
C
3
CAPACITANCE
100
Coss
2 COMMON SOURCE 1 VDS = 10 V ID = 1 mA PULSE TEST 0 -80 -40 0 40 80 120 160
10
COMMON SOURCE VGS = 0 V f = 1 MHz Tc = 25C
Crss
1 0.1
1
10
100
DRAIN-SOURCE VOLTAGE
VDS
(V)
CASE TEMPERATURE
Tc
(C)
PD - Tc VDS (V)
50 500
DYNAMIC INPUT / OUTPUT CHARACTERISTICS (V) GATE-SOURCE VOLTAGE VGS
20
DRAIN POWER DISSIPATION PD (W)
40
400
VDS VDD = 100 V
16
30
DRAIN-SOURCE VOLTAGE
300 200 200 VGS 400 COMMON SOURCE 100 ID = 3.5 A Tc = 25C PULSE TEST 0 0 5 10 15 20
12
20
8
10
4
0
0
40
80
120
160
200
0 25
CASE TEMPERATURE
Tc
(C)
TOTAL GATE CHARGE
Qg
(nC)
4
2006-11-08
2SK3567
rth - tw NORMALIZED TRANSIENT THERMAL IMPEDANCE rth (t)/Rth (ch-c)
10
1
Duty=0.5 0.2
0.1
0.1 0.05 0.02 PDM SINGLE PULSE 0.01 t T Duty = t/T Rth (ch-c) = 3.57C/W
0.01
0.001 10
100
1
10
100
1
10
PULSE WIDTH
tw (s)
SAFE OPERATING AREA
100 240
EAS - Tch
200 ID max (PULSED) *
AVALANCHE ENERGY EAS (mJ)
(A)
10 ID max (CONTINUOUS) * 1 ms * DC OPERATION Tc = 25C
100 s *
160
DRAIN CURRENT ID
120
1
80
40
0.1
SINGLE NONREPETITIVE PULSE Tc=25 CURVES LINEARLY MUST WITH BE DERATED IN
0 25
50
75
100
125
150
CHANNEL TEMPERATURE (INITIAL) Tch (C)
VDSS max 100 1000
INCREASE
0.01 1
TEMPERATURE.
10
15 V -15 V
BVDSS IAR VDD VDS
DRAIN-SOURCE VOLTAGE
VDS
(V)
TEST CIRCUIT RG = 25 VDD = 90 V, L = 28.8mH
WAVE FORM
AS =
1 B VDSS L I2 B 2 VDSS - VDD
5
2006-11-08
2SK3567
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
6
2006-11-08


▲Up To Search▲   

 
Price & Availability of 2SK356706

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X