Part Number Hot Search : 
100GA DTB3C 10U100 I2000RW MIC25 35ACP 28000 XFHCL
Product Description
Full Text Search
 

To Download 2SD1802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-251/TO-252-2Plastic-Encapsulated Transistors
6. 5 0 A. 10 0 2 . 30 A. 05 0 0. 5 1 A. 03 0
14. 70
5 a
5 a
FEATURES Power dissipation PCM: 1 W (Tamb=25)
0. 80 A. 0 5 0 0. 6 0 A. 0 5 0
1. BASE 2. COLLECTOR 3. EMITTER
2. 3 0 A. 05 0
2. 3 0 A. 0 5 0
1 . 20
0. 51 A. 03 0
123
6. 50 A. 15 0 5. 30 A. 10 0 2. 30 A. 10 0 0. 51 A. 05 0
Collector current 3 A ICM: Collector-base voltage 60 V V(BR)CBO: Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) DC current gain hFE(2) Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Turn-off time Fall time Storage time VCE(sat) VBE(sat)
7. 70
0 5. 50 A. 10
2SD1802
TRANSISTOR (NPN)
TO-251 TO-252-2
5. 3 0 A. 05 0
5 a
5 a
1. 20
0 9. 70 A. 20
0 0. 75 A. 10
0. 51 A. 10 0 0 0 . 10 5 a
5 a
0 1. 60 A. 15
2. 30 A. 10 0
0. 60 A. 10 0 2. 30 A. 10 0 0. 51
123
unless otherwise specified)
Test conditions MIN TYP MAX UNIT V V V
Ic=10A, IE=0 Ic=1mA, IB=0 IE=10A, IC=0 VCB=40V, IE=0 VEB=4V, IC=0 VCE=2V, IC=100mA VCE=2V, IC=3A IC=2A, IB=100mA IC=2A, IB=100mA VCE=10V, IC=50mA VCB=10V, IE=0,f=1MHz
60 50 6 1 1 100 35 0.5 1.2 150 25
70
0 2. 70 A. 20
0 a a 9
0. 6
0. 80 A. 10 0
0 5. 50 A. 10
A A
560
V V MHz pF
fT
Cob ton tf ts
Vcc=25V, Ic=1A IB1=-IB2=0.1A
650 35
nS
CLASSIFICATION OF hFE(1) Rank Range Marking R 100-200 S 140-280 T 200-400 U 280-560
Typical Characteristics
2SD1802


▲Up To Search▲   

 
Price & Availability of 2SD1802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X