Part Number Hot Search : 
TE4007S HMC33306 10004 D6412 ICROS PVM4VBW 110004 2A122K
Product Description
Full Text Search
 

To Download 2SC1008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-92 Plastic-Encapsulated Transistors
2SC1008
FEATURES Power dissipation PCM:
TRANSISTOR (NPN) TO-92
1. EMITTER
0.8
W (Tamb=25)
2. BASE
Collector current ICM: 0.7 A Collector-base voltage 80 V V(BR)CBO: Operating and storage junction temperature range TJ, Tstg: -55 to +150
3. COLLECTOR
123
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) VBE(sat)
unless otherwise specified)
Test conditions MIN 80 60 8 0.1 0.1 40 400 0.4 1.1 30 V V MHz TYP MAX UNIT V V V A A
Ic= 100A , IE=0 IC= 10mA , IB=0 IE= 10A, IC=0 VCB=60 V , IE=0 VEB= 5 V , IC=0
VCE= 2 V, IC=50mA IC= 500mA, IB=50 mA IC=500mA, IB=50mA VCE=10V, IC= 50mA
fT
CLASSIFICATION OF hFE
Rank Range R 40-80 O 70-140 Y 120-240 G 200-400


▲Up To Search▲   

 
Price & Availability of 2SC1008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X