Part Number Hot Search : 
D25XB100 3021F GR8837M MCH3144 AO8816L 2N2907A SMA16 MC33349
Product Description
Full Text Search
 

To Download 2SB647 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-92MOD Plastic-Encapsulated Transistors
TO-92MOD
1. EMITTER 2. COLLECTOR 3. BASE
2SB647/2SB647A
FEATURE Power dissipation PCM:
TRANSISTOR (PNP)
0.9 W (Tamb=25)
Collector current -1 A ICM: Collector-base voltage 120 V V(BR)CBO: Operating and storage junction temperature range TJ, Tstg: -55 to +150
123
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage 2SB647
unless otherwise specified)
Test conditions MIN -120 -80 -100 -5 -10 60 60 30 -1 140 V MHz 320 200 MAX UNIT V V V A
Symbol V(BR)CBO V(BR)CEO 2SB647A
Ic= -10A , IE=0 IC=-1mA , IB=0 IE= -10A, IC=0 VCB= -100 V, IE=0 VCE=-5 V, IC= -150mA VCE=-5 V, IC= -500mA IC=-500mA, IB=-50mA VCE=-5V, IC= -150mA VCE=-10V, IE=0 f=1 MHz
Emitter-base breakdown voltage Collector cut-off current 2SB647 2SB647A DC current gain
V(BR)EBO ICBO hFE(1)* hFE(2)
Collector-emitter saturation voltage Transition frequency
VCEsat
fT Cob
Output capacitance
20
pF
CLASSIFICATION OF hFE Rank
2SB647 Range 2SB647A 60-120 100-200 B 60-120 C 100-200 D 160-320


▲Up To Search▲   

 
Price & Availability of 2SB647

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X