Part Number Hot Search : 
B2403 HFA16 40N03 SFT501 PJSD24W 25DF041A 468A103 FH104
Product Description
Full Text Search
 

To Download 2SB1424 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
SOT-89 Plastic-Encapsulate Transistors
2SB1424
FEATURES Power dissipation 2. COLLECTOR PCM: 600 mW (Tamb=25) 3. EMITTER 1 2 3
TRANSISTOR (PNP)
SOT-89
1. BASE
Collector current -3 A ICM: Collector-base voltage -20 V V(BR)CBO: Operating and storage junction temperature range TJ, Tstg: -55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Transition frequency Collector output capacitance Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) VCE(sat)
unless otherwise specified)
Test conditions MIN TYP MAX UNIT V V V
Ic=-50A, IE=0 Ic=-1mA, IB=0 IE=-50A, IC=0 VCB=-20V, IE=0 VEB=-5V, IC=0 VCE=-2V, IC=-100mA IC=-2A, IB=-100mA VCE=-2V, IC=-500mA, f=100MHz VCB=-10V, IE=0, f=1MHz
-20 -20 -6 -0.1 -0.1 120 390 -0.5 240 35
A A
V MHz pF
fT
Cob
CLASSIFICATION OF hFE(1) Rank Range Marking Q 120-270 AEQ R 180-390 AER


▲Up To Search▲   

 
Price & Availability of 2SB1424

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X