Part Number Hot Search : 
TS431A 2N5229 DS3508 AWD626R 722EB FR70G02 2N337 78M05CT
Product Description
Full Text Search
 

To Download 2SA950 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-92 Plastic-Encapsulated Transistors
2SA950
FEATURE Power dissipation
TRANSISTOR (PNP)
TO-92
1. EMITTER
PCM : 0.6 W (Tamb=25) Collector current A ICM : -0.8 Collector-base voltage V(BR)CBO : -35 V Operating and storage junction temperature range Tj, Tstg: -55 to +150
2. COLLECTOR
3. BASE
123
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) DC current gain hFE(2) Collector-emitter saturation voltage VCE(sat)
unless otherwise specified)
Test conditions MIN -35 -30 -5 -0.1 -0.1 100 35 -0.7 V 320 TYP MAX UNIT V V V A A
Ic= -1mA , IE=0 IC= -10 mA , IB=0 IE= -1Ma, IC=0 VCB= -35V, IE=0 VEB= -5V, IC=0 VCE=-1V, IC=-100mA VCE=-1V, IC= -700mA IC= -500mA, IB= -20mA VCB=-10V, IE=0 f=1MHZ VCE=-5V, IC=-10mA,
Collector Output Capacitance
Cob
19
pF
Transition frequency
fT
120
MHz
CLASSIFICATION OF hFE(1) Rank Range
O 100-200 Y 160-320


▲Up To Search▲   

 
Price & Availability of 2SA950

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X